Part Number Hot Search : 
KSH44H11 ST52F513 XB1006 HT6207 AC487 LTM806 SI4670DY 10180
Product Description
Full Text Search
 

To Download MIH101027AH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIH Series - 5 x 7 Ceramic SMD Oscillator
Low Profile SMD Package Hermetically Sealed RoHS Compliant Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Frequency Range Temperature Stability* Operating Temperature Range Storage Temperature Range Aging (+25C 3C) Waveform Supply Voltage 5% (Vdd) Supply Current Load Logic "0" Logic "1" Rise/Fall Time (10% to 90% of Supply Voltage) Symmetry (50% of waveform) Start-up Time Jitter (RMS) Tri-State Operation * Inclusive of Temperature., Load, Voltage and Aging 1.500MHZ to 133.000MHZ (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5ppm for first year HCMOS +1.80 VDC +2.50 VDC +3.30 VDC +5.00 VDC 15mA 40mA 40mA 70mA 10 TTL Gates 10 TTL Gates 15pF 15pF or 30pF or 50pF 10% Vdd max 90% Vdd min 4nSec 40%/60% (45%/55% optional) 10mSec max Less than 1 pSec Vih = 70% of Vdd min to Enable Output Vil = 30% max or grounded to Disable Output (High Impedance)
MECHANICAL DIMENSIONS:
7.20 [.283] MAX 1.70 [.067] MAX 5.08 [.200] 2.88 [.113] Pin Connections Pin 1 Tri-state or Stand-by Pin 2 Case Ground Pin 3 Output 2.00 [.079] Pin 4 Supply Voltage 2.20 [.087] Recommended Land Pattern
1.81 [.071] 5.20 [.205] MAX 3 2 4 1 2.60 [.102]
1.30 [.051] Dimension in Brackets are in Inches External Bypass Capacitor is Recommended
1.40 [.055]
PART NUMBER GUIDE:
MI 5 X 7 Ceramic SMD Symmetry Blank = 40/60% A = 45/55% Operating Temperature Blank = 0C to +70C 27 = -20C to +70C 48 = -40C to +85C Packaging Blank = Bulk T = Tape and Reel H Frequency
Output H = HCMOS
Supply Voltage 1 = +1.8 VDC 2 = +2.5 VDC 3 = +3.3 VDC 5 = +5.0 VDC
Frequency Stability 010 = 10 ppm* 015 = 15 ppm 020 = 20 ppm 025 = 25 ppm 050 = 50 ppm 100 = 100 ppm
Pin 1 Connection H = Tri-state S = Stand-by
Please Consult with MMD Sales Department for any other Parameters or Options * Not available in +1.8 VDC and +2.5 VDC
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com
Specifications subject to change without notice
Revision MIH042009Q


▲Up To Search▲   

 
Price & Availability of MIH101027AH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X