|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MBRF2030CT thru MBRF20150CT SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 20.0 Amperes ITO-220AB .138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7) FEATURES Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability .406(10.3) .386(9.8) classification 94V-0 For use in low voltage,high frequency inverters,free .610(15.5) .571(14.5) .157(4.0) .142(3.6) wheeling,and polarity protection applications MECHANICAL DATA Case: ITO-220AB molded plastic Polarity: As marked on the body Weight: 0.08ounces,2.24 grams Mounting position :Any .059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24) .071(1.8) .055(1.4) .571(14.5) .531(13.5) .114(2.9) .098(2.5) .030(0.76) .020(0.51) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage (Note1) IF=10A @TJ=25 IF=10A @TJ=125 IF=20A @TJ=25 IF=20A @TJ=125 Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=125 SYMBOL VRRM VRMS VDC I(AV) MBRF 2030CT 30 21 30 MBRF 2040CT 40 28 40 MBRF 2050CT 50 35 50 MBRF 2060CT 60 42 60 20.0 MBRF MBRF MBRF 2080CT 20100CT 20150CT 80 56 80 100 70 100 150 105 150 UNIT V V V A IFSM VF 0.57 0.84 0.72 IR CJ RJC TJ TSTG 0.1 15 400 1.5 0.80 0.70 0.95 0.85 0.1 10 150 0.85 0.75 0.95 0.85 0.1 7.5 320 3.5 -55 to +150 -55 to +175 0.95 0.85 1.05 0.95 0.1 5.0 A V mA pF /W Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us pulse width,2% duty cycle. 2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to case. ~ 270 ~ RATING AND CHARACTERTIC CURVES MBRF2030CT thru MBRF20150CT FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 20.0 AVERAGE FORWARD CURRENT AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 300 250 200 150 100 50 0 1 2 10 20 50 5 NUMBER OF CYCLES AT 60Hz 100 PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD) 15.0 10.0 5.0 0 25 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 50 75 100 125 150 175 CASE TEMPERATURE () FIG.3-TYPICAL REVER CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT(mA) MBRF2030CT - MBRF2060CT MBRF2080CT - MBRF20150CT FIG.4-TYPICAL FORWARD CHARACTERISTICS 100 100 INSTANTANEOUS FORWARD CURRENT, (A) MBRF2030CT MBRF2040CT 10 10 TJ=125 MBRF2050CT MBRF2060CT 1.0 MBRF2080CT MBRF20100CT 1.0 MBRF20150CT 0.1 TJ=25 TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) 0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000 MBRF2030CT MBRF2040CT CAPACITANCE, (pF) MBRF2050CT MBRF20150CT 100 TJ = 25C f = 1 MHz 10 0.1 1 4 10 REVERSE VOLTAGE ,VOLTS 100 ~ 271 ~ |
Price & Availability of MBRF2030CT-MBRF20150CT |