Part Number Hot Search : 
Z5257B CY6216 1027C G1100 CH2NCN SC1008 BR103 5M0280R
Product Description
Full Text Search
 

To Download MBRF1030CT-MBRF10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1030CT thru MBRF10100CT
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 100Volts FORWARD CURRENT - 10.0 Amperes ITO-220AB
.138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.406(10.3) .386(9.8)
classification 94V-0
For use in low voltage,high frequency inverters,free
.610(15.5) .571(14.5) .157(4.0) .142(3.6)
wheeling,and polarity protection applications
MECHANICAL DATA
Case: ITO-220AB molded plastic Polarity: As marked on the body
Weight: 0.08ounces,2.24 grams
Mounting position :Any
.059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24)
.071(1.8) .055(1.4) .571(14.5) .531(13.5)
.114(2.9) .098(2.5)
.030(0.76) .020(0.51)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage (Note1) IF=5A @TJ=25 IF=5A @TJ=125 IF=10A @TJ=25 IF=10A @TJ=125 Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=125
SYMBOL VRRM VRMS VDC I(AV)
MBRF 1030CT 30 21 30
MBRF 1040CT 40 28 40
MBRF 1050CT 50 35 50
MBRF 1060CT 60 42 60
MBRF 1080CT 80 56 80
MBRF 10100CT 100 70 100
UNIT V V V A
10.0
IFSM 0.70 VF 0.57 0.80 0.70 IR CJ RJC TJ TSTG 170 3.0
125 0.80 0.65 0.90 0.75 0.1 15 220 300 3.0 -55 to +150 -55 to +175 0.85 0.75 0.95 0.85
A
V
mA pF /W
Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us pulse width,2% duty cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to case.
~ 246 ~
RATING AND CHARACTERTIC CURVES MBRF1030CT thru MBRF10100CT
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 300 250 200 150 100 50 0 1 2 10 20 50 5 NUMBER OF CYCLES AT 60Hz 100
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 10.0 8.0 6.0 4.0 2.0 0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
25
50
75
100
125
150
175
CASE TEMPERATURE ()
FIG.3-TYPICAL REVER CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT(mA)
MBRF1030CT - MBRF1060CT MBRF1080CT - MBRF10100CT
FIG.4-TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, (A)
100
MBRF1030CT MBRF1040CT
10
MBRF1050CT MBRF1060CT
10
TJ=125
1.0
TJ=75
1.0
MBRF1080CT MBRF10100CT TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.1
TJ=25
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.1 0.2 0.3 0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 10000
TJ = 25C f = 1 MHz
CAPACITANCE, (pF)
1000
MBRF1080CT - MBRF10100CT MBRF1050CT - MBRF1060CT
MBRF1030CT - MBRF1040CT
100 0.1 1 4 10 REVERSE VOLTAGE ,VOLTS 100
~ 247 ~


▲Up To Search▲   

 
Price & Availability of MBRF1030CT-MBRF10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X