Part Number Hot Search : 
GS04MCBE LE104 GBU808 SM8707E AME5287 1M41VPA K1202 EX103K9
Product Description
Full Text Search
 

To Download MBR830-MBR5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR830 thru MBR8100
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 100Volts FORWARD CURRENT - 8.0 Amperes TO-220AC
.108 (2.75) .413(10.5) .374(9.5) .153(3.9) .146(3.7) .187(4.7) .148(3.8) .055(1.4) .047(1.2)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.270(6.9) .230(5.8) .610(15.5) .583(14.8) .04 MAX (1.0)
classification 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case: TO-220AC molded plastic Polarity: As marked on the body
.051 (1.3) .043(1.1) .032(0.8) .102(2.6) .091(2.3)
.157 .583(14.8) (4.0) .531(13.5)
Weight: 0.08ounces,2.24 grams
Mounting position :Any
.024(0.6) .012(0.3) .126 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage (Note1) IF=8A @TJ=25 IF=8A @TJ=125 IF=16A @TJ=25 Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=125
SYMBOL VRRM VRMS VDC I(AV)
MBR830 30 21 30
MBR840 40 28 40
MBR850 50 35 50
MBR860 60 42 60 8.0
MBR880 80 56 80
MBR8100 100 70 100
UNIT V V V A
IFSM 0.70 VF 0.57 0.84 IR CJ RJC TJ TSTG 0.1 15 250 3.0
150 0.80 0.70 0.95 0.85 0.75 0.95 0.1 10 280 2.0 -55 to +150 -55 to +175
A
V
mA pF /W
Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us pulse width,2% duty cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to case.
~ 228 ~
RATING AND CHARACTERTIC CURVES MBR830 thru MBR8100
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 300 250 200 150 100 50 0 1 2 10 20 50 5 NUMBER OF CYCLES AT 60Hz 100
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 10.0 8.0 6.0 4.0 2.0 0
MBR830 MBR860 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD MBR880 MBR8100
25
50
75
100
125
150
175
CASE TEMPERATURE ()
FIG.3-TYPICAL REVER CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT(mA)
MBR830 - MBR860 MBR880 - MBR8100
FIG.4-TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, (A)
100
MBR830 - MBR840
10
MBR850 - MBR860
10
TJ=125
1.0
TJ=75
1.0
MBR880 - MBR8100
0.1
TJ=25
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.1 0.2 0.3 0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 10000
CAPACITANCE, (pF)
1000
MBR880 - MBR8100
MBR830 - MBR860
100
TJ = 25C f = 1 MHz
0.1
1 4 10 REVERSE VOLTAGE ,VOLTS
100
~ 229 ~


▲Up To Search▲   

 
Price & Availability of MBR830-MBR5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X