Part Number Hot Search : 
F9N50 74LS15 IRFE130 MRC370V4 TS414 101MT IN74HC FC2187
Product Description
Full Text Search
 

To Download MAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAP, MAL, and MAV Series
Industry Standard Package Wide Frequency Range RoHS Compliant Available Less than 1 pSec Jitter
ELECTRICAL SPECIFICATION:
LVPECL PECL 12.500MHz to 800.000MHZ (See Part Number Guide for Options) (See Part Number Guide for Options) -55C to +125C 5 ppm / yr max 1.43V typ Vdd - 1.620 VDC max Vdd - 1.620 VDC max 1.10V typ Vdd- 1.025 vdc min Vdd- 1.025 vdc min 50 mA max 50 mA max N/A 60 mA max 60 mA max N/A N/A N/A 140 mA max (See Part Number Guide for Options) 2nSec max 50 Ohms into Vdd-2.00 VDC 10mSec max Less than 1 pSec Vih = 70% of Vdd min to Enable Output Vil = 30% max or grounded to Disable Output (High Impedance) LVDS
Frequency Range Frequency Stability* Operating Temp.Range Storage Temp. Range Aging Logic "0" Logic "1" 2.5VDC 5% 3.3VDC 5% 5.0VDC 5% Symmetry (50% of waveform) Rise / Fall Time (20% to 80%) Load Start Time Phase Jitter (12kHz to 20MHz) Supply Voltage (Vdd) Supply Current Tri-State Operation * Inclusive of Temp., Load, Voltage and Aging
MECHANICAL DIMENSIONS:
20.70 [.815] MAX 5.08 [.200] MAX
A PACKAGE OPTION
5.08 [.200] 2.54 [.100]
8 7 9 14
15.24 [.600]
PIN 1 PIN 7 PIN 8 PIN 14
NC, TRI-STATE OR COMPL. OUTPUT CASE GROUND OUTPUT SUPPLY VOLTAGE
13.10 [.516] MAX .46 [.018] Black Dot to Denote Pin 1
7.62 [.300]
1
OPTIONAL PIN
DIMENSIONS IN BRACKETS ARE IN INCHES EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
5A PACKAGE OPTION TRI-STATE PIN 1 CASE GROUND PIN 7 OUTPUT PIN 8 PIN 9 COMPL. OUTPUT PIN 14 SUPPLY VOLTAGE
PART NUMBERING GUIDE:
M FREQUENCY
Output Package Options A = 14DIP/4 5A = 14DIP/5 (Pin 9) P = PECL L = LVPECL V = LVDS
Supply Voltage 2 = +2.5 VDC 3 = +3.3 VDC 5 = +5.0 VDC
Frequency Stability 020 = 20 ppm 025 = 25 ppm 050 = 50 ppm 100 = 100 ppm
Pin 1 Connection Blank = No connection C = Compl. Output H = Tri-state*
Operating Temperature Blank = 0C to +70C 48 = -40C to +85C
Symmetry Blank = 40%/60% A = 45%/55%
Value Added Options Blank = No Added Options G = Gull-Wing CLXXX = Cuts Lends XXX = Lead Lenght
Please Consult with MMD Sales Deparment for any other Parameters or Options * Pin 1 Connection must be Tri-state when using Pin 9 option.
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688 Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com Sales@mmdcomp.com Specifications subject to change without notice Revision MAP060607H


▲Up To Search▲   

 
Price & Availability of MAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X