Part Number Hot Search : 
F1603 TOM12212 STP16 0860C L7900AC Y2424 STP16 AOL1436
Product Description
Full Text Search
 

To Download MA4ST2200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA4ST2000 Series
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
Features
* Ultra High Capacitance Ratio, * * *
C(0.1V)/C(4.7V) =18:1 C(0.1V)/C(2.7V) = 12:1 Surface Mount Plastic Packages: SC-79, SOD323, SC-70, 3 Lead SPC Process for Superior C vs. V and Q vs. V Repeatability RoHS Compliant equivalents available with 260C reflow compatibility
SC-70 (3 lead) SOD-323
SC-79
Description and Applications
M/A-COM's MA4ST2000 series is a highly repeatable, UHCVD/ion-implanted, hyperabrupt silicon tuning varactor in a cost effective surface mount package. This series of varactors is designed for high capacitance ratio for low battery voltage operation. It is efficient for wide band tuning and low phase noise application where the supply voltage is limited to 5 volts or less. Varactors in this series have a typical 18:1 capacitance ratio between 0.1 V and 4.7 V and a 12:1 ratio between 0.1 V and 2.7 V. The Varactors are offered as Singles in both SC-79 and SOD-323 configurations with Common Cathode version offered in a SC-70, 3 Lead. These diodes are offered with standard Sn/Pb plating , as well as 100% matte Sn plating on our RoHs compliant equivalent devices.
Part Number (Contains lead) RoHS Compliant Part Number
MAVR-002200-12790T MAVR-002300-12790T MAVR-002400-12790T MAVR-002500-12790T MAVR-002600-12790T MAVR-002200-11410T MAVR-002300-11410T MAVR-002400-11410T MAVR-002500-11410T MAVR-002600-11410T MA4ST2200CK-1146T MA4ST2300CK-1146T MA4ST2400CK-1146T MA4ST2500CK-1146T MA4ST2600CK-1146T 1
Specifications subject to change without prior notification
Absolute Maximum Ratings 1,2 @ TA=+25 C (Unless Otherwise Noted)
Parameter
Reverse Voltage Forward Current Operating Temperature Storage Temperature
Absolute Maximum
12 V 50 mA -55 C to +125 C -55 C to +125 C
1. Operation of this device above any one of these parameters may cause permanent damage. 2. Please refer to application note M538 for surface mounting instructions
Configuration
Single Single Single Single Single Single Single Single Single Single Common Cathode Common Cathode Common Cathode Common Cathode Common Cathode
Package Package Cp (pF) Package Ls (nH)
SC-79 SC-79 SC-79 SC-79 SC-79 SOD-323 SOD-323 SOD-323 SOD-323 SOD-323 SC-70 (3L) SC-70 (3L) SC-70 (3L) SC-70 (3L) SC-70 (3L) 0.10 0.10 0.10 0.10 0.10 0.11 0.11 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.12 0.6 0.6 0.6 0.6 0.6 1.2 1.2 1.2 1.2 1.2 1.3 1.3 1.3 1.3 1.3
MAVR-002200-1146FT MAVR-002300-1146FT MAVR-002400-1146FT MAVR-002500-1146FT MAVR-002600-1146FT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4ST2000 Series
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
Electrical Specifications @ TA = +25 C
Breakdown Voltage @ IR = 10A, Vb = 30 V Minimum; Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum Ct 2 (pF) Part Number1 RoHS Compliant Part Number1 VR = 0.1 V Typ.
MA4ST2200 MA4ST2300 MA4ST2400 MA4ST2500 MA4ST2600 1. 2. 3. MAVR-002200-XXXXXX 3 MAVR-002300-XXXXX 3 MAVR-002400-XXXXXX 3 MAVR-002500-XXXXXX 3 MAVR-002600-XXXXXX 3 7.68 34.2 60.3 86.4 113.3
Capacitance Ratio VR = 2.7 V Typ.
0.70 2.67 4.98 6.68 9.14
Rs 3 (Ohm) VR = 4.0 V Typ.
3.84 0.95 0.67 0.61 0.54
VR = 1.0 V Min. Nom. Max.
3.7 16.2 29 41.4 54.3 4.1 18.0 32 46.0 60.3 4.5 19.8 35.2 50.6 66.4
VR = 4.7 V Typ.
0.47 1.85 3.27 4.64 6.27
Ct0.1/ Ct4.7 Typ.
16.3 18.5 18.4 18.6 18.1
Ct0.1/ Ct2.7 Typ.
11.0 12.8 12.1 12.9 12.4
Max.
4.6 1.2 0.9 0.8 0.7
The suffix defines package style, configuration, and packaging information. Contact representative for complete part identification. Capacitance @ 1 MHz Series Resistance @ 100 MHz
Typical Capacitance vs. Biasing Voltage
140
Typical Series Resistance vs. Biasing Voltage
7.0 6.0
MA4ST2200
Capacitance (pF)
100 80 60 40 20 0 0
MA4ST2600 MA4ST2500 MA4ST2400 MA4ST2300 MA4ST2200
Series Resistance (Ohm)
120
5.0
MA4ST2600
4.0
MA4ST2400 MA4ST2300 MA4ST2500
3.0 2.0 1.0 0.0
1
2
3
4
5
0
1
2
3
4
5
Biasing Voltage (V)
Biasing Voltage (V)
Typical Series Resistance vs. Frequency
8.0 7.0
Series Resistance (Ohm)
MA4ST2200
Typical Capacitance Change vs. Temperature
0.08
% of Capacitance Change (relative to 25 C)
6.0 5.0 4.0 3.0
MA4ST2500 MA4ST2400 MA4ST2600 MA4ST2300
0.04
0
2.0 1.0 0.0 200 300
-0.04
400
Frequency (MHz)
500
-0.08 -40 -15 10 35 60 85 Temperature (degree C)
2
Specifications subject to change without prior notification
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4ST2000 Series
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
Typical Capacitance Values
MA4ST2200 MAVR-002200XXXXXX Ct (pF)
0.1 0.3 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 7.643 6.746 5.948 4.006 1.895 0.985 0.744 0.638 0.579 0.543 0.517 0.469
VR (V)
MA4ST2300 MAVR-002300XXXXX MAVR-00230111410T Ct (pF)
34.06 30.07 26.56 18.00 8.313 3.941 2.889 2.429 2.166 1.993 1.845 1.771
MA4ST2400 MAVR-002400XXXXXX Ct (pF)
60.26 53.12 46.81 31.75 15.52 7.470 5.407 4.512 4.000 3.663 3.370 3.200
MA4ST2500 MAVR-002500XXXXXX Ct (pF)
86.48 76.34 67.36 46.09 22.83 10.05 7.112 5.918 5.275 4.895 4.691 4.557
MA4ST2600 MAVR-002600XXXXXX Ct (pF)
113.09 99.80 88.07 60.31 30.21 13.94 9.952 8.274 7.332 6.749 6.317 6.086
Specifications subject to change without prior notification
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4ST2000 Series
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
Spice Model
Part Number
MA4ST2200 MAVR-002200-XXXXXX MA4ST2300 MAVR-002300-XXXXXX MAVR-002301-11410T MA4ST2400 MAVR-002400-XXXXXX MA4ST2500 MAVR-002500-XXXXXX MA4ST2600 MAVR-002600-XXXXXX
N
CJO Vj (V) (pF)
10.2
M
Rs ()
1.261
12.62 18.60 1.114
1.210
46.8
2.450 4.268 1.085
1.158
84.6
1.322 2.632 0.903
1.204
100
1.616 2.700 0.842
1.196
159
1.169 2.270 0.910
4
Specifications subject to change without prior notification
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4ST2000 Series
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
Case Styles SOD-323 (Case Style 1141)
INCHES
C F D G E
MILLIMETERS MIN.
0.25 0.08 1.6 1.14 2.3
DIM.
A B C D E F G H
MIN.
0.010 0.003 0.063 0.045 0.091
MAX.
0.043 0.004 0.008 0.016 0.006 0.075 0.057 0.106
MAX.
1.1 0.1 0.2 0.4 0.15 1.9 1.45 2.7
H B A
SC-70, 3 Lead (Case Style 1146)
A E J H
DIM.
A B
10 M A X .
INCHES MIN. MAX.
0.071 0.045 0.071 0.047 0.010 0.031 0.000 0.004 0.004 0.087 0.053 0.094 0.057 0.016 0.039 0.004 0.007 0.010
MILLIMETERS MIN. MAX.
1.80 1.14 1.80 1.19 0.25 0.80 0.00 0.10 0.10 2.21 1.35 2.40 1.45 0.41 1.00 0.10 0.18 0.25
C
B G
F D
C D E F G H J
SC-79 (Case Style 1279)
DIM.
A B C D E F G H I
INCHES MIN. MAX.
0.020 0.003 0.006 0.010 0.059 0.043 0.011 0.037 typical .028 0.028 0.008 0.010 0.014 0.067 0.051 0.012 0.043 .035
MILLIMETERS MIN. MAX.
0.50 0.08 0.15 0.25 0.08 1.50 0.28 0.94 0.71 0.71 0.20 0.25 0.36 0.15 1.30 0.30 1.09 0.89
Specifications subject to change without prior notification
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4ST2000 Series
Ultra High Ratio Si Hyperabrupt Varactor Diode
Rev. V10
Mounting Information
The illustration indicates the recommended mounting pad configuration for the SC-79, SC70 3LD and SOD-323 packages. Solder paste containing flux should be screened onto the pads to a thickness of 0.005- 0.007 inches. The plastic package is placed in position, firmly adhering to the solder paste. Permanent attachment is performed by a reflow soldering procedure during which the tab temperature does not exceed +275 C and the body temperature does not exceed +250 C, for standard models and +260 C for the RoHS compliant devices. Please refer to Application Note M538 for surface mounting instructions.
SC-79 (Case Style 1279)
0.020 0.50
0.020 0.50
0.053 1.35 Dimenstions: inches mm
SOD-323 (Case Style 1141)
0.030 0.80 0.030 0.80
SC-70, 3 Lead (Case Style 1146)
0.030 0.80 0.030 0.80
0.030 0.80
.090 2.2 Dimenstions: inches mm
0.075 1.9 0.030 0.80 0.030 0.80
Dimenstions: inches mm
6
Specifications subject to change without prior notification
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA4ST2200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X