Part Number Hot Search : 
IK6501 T3681 AWT62 C1403 2764A C471MPD DZ12V SK301
Product Description
Full Text Search
 

To Download MA4P274-1225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA4P274-1225
Quad PIN Diode Attenuator 10 - 4000 MHz
Features
* 4 PIN diodes in a SOT-25 Plastic Package * Externally Selectable Bias and RF Matching Network * 10 - 4,000 MHz Useable Frequency Band * + 43 dBm IP3 @ 1000 MHz (50 ) * 1.0 dB Loss @ 1000 MHz (50 ) * 30 dB Attenuation @ 1000 MHz (50 )
M/A-COM Products
Rev. V2
Functional Schematic
Description
M/A-COM's MA4P274-1225 is a wideband, lower insertion loss, high IP3, Quad PIN Diode Attenuator in a low-cost, surface mount SOT-25 package. Four PIN Diodes in one package reduce design parasitics and improve circuit density. These PIN Diode Attenuators perform well where RF Signal Amplitude Control is required in 50 Handset Circuits and 75 Broadband CATV Systems. Exceptional Insertion Loss, Attenuation Range, and IP3 at <10 mA bias make these devices suitable for better power level control in RF Amplifiers.
Pin Configuration
Pin No. 1 2 3 Function RF IN Series Bias RF OUT Pin No. 4 5 Function Shunt 1 Bias Shunt 2 Bias
Absolute Maximum Ratings2,3
Parameter Absolute Maximum -65 C to +125 C -65 C to +150 C - 100 V 75 mA
Ordering Information1
Model No. MA4P274-1225T MADP-000274-001SMB Package Tape and Reel Sample Board
Operating Temperature Storage Temperature No Dissipated Power DC Voltage at Temperature Extremes DC Current
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MA4P274-1225
Quad PIN Diode Attenuator 10 - 4000 MHz
Typical 50 Performance4 @ 25C using Wideband RF Circuit Design
Parameter Insertion Loss Insertion Loss Return Loss Attenuation Test Conditions +3 mA Series Diode Bias / 0.75 V Shunt 1 and 2 Bias 1000 MHz +6.5 mA Series Diode Bias / 0.75 V Shunt 1 and 2 Bias 1000 MHz +6.5 mA Series Diode Bias / 0.75 V Shunt 1 and 2 Bias 1000 MHz 0 mA - Series Diode Bias / 0.75 V - Shunt 1 and 2 Bias 1000 MHz 0 mA Series Diode Bias / 0.75 V Shunt 1 and 2 Bias +6.5 mA Series Diode Bias / 0.75 V Shunt 1 and 2 Bias F1 = 1000 MHz, F2 = 1100 MHz 0 mA Series Diode Bias / 0.75 V Shunt 1 and 2 Bias +6.5 mA Series Diode Bias / 0.75 V Shunt 1 and 2 Bias F1 = 100 MHz, F2 = 110 MHz Within 1 dB of Final Attenuation Value 1000 MHz 0 - 20 V Series Diode Bias / 0.75 V Shunt 1 and 2 Bias Units dB dB dB dB dBm dBm Min. -- -- -- -- -- -- Typ. -2.0 -1.0 -10 -29 43 43 Max. -- -- -- -- -- --
M/A-COM Products
Rev. V2
Input IP3
Input IP3
dBm dBm
-- --
43 33
-- --
Settling Time RF C.W. Incident Power
uS dBm
-- --
3 +20
-- --
4. Values shown include through loss calibrated out of RF test circuit.
Typical 75 Performance5 @ +25C using Wideband RF Circuit Design
Parameter Insertion Loss Test Conditions +2 mA Series Diode Bias / 1.0 V Shunt 1 and 2 Bias +4.5 mA Series Diode Bias / 1.0 V Shunt 1 and 2 Bias 1000 MHz 0 mA / Series Diode and 1.0 V Shunt 1 and 2 Bias 1000 MHz +4.5 mA / Series Diode and 1.0 V Shunt 1 and 2 Bias 1000 MHz Units dB dB dB dB Min. -- -- -- -- Typ. -1.1 -0.6 -27 -10 Max. -- -- -- --
Attenuation Return Loss
5. Values shown include through loss calibrated out of RF test circuit.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MA4P274-1225
Quad PIN Diode Attenuator 10 - 4000 MHz
Recommended PCB Layout M/A-COM Products
Rev. V2
Series and Shunt Diode Bias Currents as a Function of Vseries and Vshunt Voltage (Values shown are PER DIODE)
Vshunt Bias (V) 0.75
Vseries Bias (V) 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Iseries Diode (mA) 0.000 0.106 0.443 0/773 1.099 1.426 1.750 2.092 2.424 2.756 3.088 3.421 3.754 4.087 4.410 4.743 5.081 5.406 5.750 6.079 6.413
Ishunt Diode (mA) 0.192 0.120 0.048 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Parts List
Part C1, C2, C3, C4, C5 R1, R2, R3, R4, R5 Value 100 pF 1000 Case Style Manufacturer 0603 0402 Murata Panasonic
0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75
MA4P7455-1225T Spice Model
Pin Diode Model NLPINM2 Is = 1E-14 A Vi = 0 V Un = 900 cm2/V-sec Wi = 60 um Rr = 1.25 Ohm Cmin = 0.20 pF Tau = 1.0 usec Rs = 0.1 Ohm Cjo = 0.27 pF Vj = 0.7 V M = 0.5 Fc = 0.5 Imax = 2.5E+6 A/m2 Kf = 0 Af = 1
3
0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MA4P274-1225
Quad PIN Diode Attenuator 10 - 4000 MHz
Schematic 10 - 1000 MHz, 50 , RF Circuit 9 M/A-COM Products
Rev. V2
9. Keeping PIN 4 & PIN 5 as Separate Bias Points (Same V) reduces RF leakage (increases attenuation) through an otherwise connected Common Anode Bias Note.
Schematic 1 - 4 GHz, 50 , RF Circuit 10
10. Keeping PIN 4 & PIN 5 as Separate Bias Points (Same V) reduces RF leakage through an otherwise connected Common Anode Bias Node. 4
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MA4P274-1225
Quad PIN Diode Attenuator 10 - 4000 MHz
M/A-COM Products
Rev. V2
Lumped Element Model for MA4P7455-1225 PIN Diode Attenuator in SOT-25
Lead Free SOT-25
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MA4P274-1225
Quad PIN Diode Attenuator 10 - 4000 MHz
Typical Performance Curves @ +25C, 50 - 1000 MHz, Shunt Bias = 0.75 Volts
Insertion Loss vs. Frequency
-0.5
M/A-COM Products
Rev. V2
Attenuation vs. Control Voltage
10 0
Insertion Loss (dB)
Insertion Loss (20V Series Diode) Insertion Loss (10V Series Diode)
Attenuation (dB)
-1.0
-10 -20
50 MHz
-1.5
-30 -40 -50 -60
500 MHz 1000 MHz
-2.0
-2.5
-70
0 200 400 600 800 1000
20
15
10
5
0
Frequency (MHz)
Control Voltage (V)
Input Return Loss vs. Control Voltage
0 -5 -10 -15 -20 -25 -30 -35 -40 20 15 10 5 0
50 MHz 500 MHz 1000 MHz
Output Return Loss vs. Control Voltage
0 -5 -10 -15 -20 -25 -30 -35 -40 20 15 10 5 0
50 MHz 500 MHz 1000 MHz
Control Voltage (V)
Control Voltage (V)
IP3 vs. Control Voltage
70 60 50 40 30 20 10
F1 = 1000 MHz, F2 = 1010 MHz F1 = 100 MHz, F2 = 110 MHz
20
15
10
5
0
Control Voltage (V)
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.
MA4P274-1225
Quad PIN Diode Attenuator 10 - 4000 MHz
Typical Performance Curves @ +25C, 1000 - 5000 MHz, Shunt Bias = 0.75 Volts
Insertion Loss vs. Frequency
0
M/A-COM Products
Rev. V2
Attenuation vs. Control Voltage
0 -5 -10
-2
Insertion Loss (dB)
-4
Insertion Loss (20V) Insertion Loss (10V)
-15 -20 -25
1000 MHz 2000 MHz 3000 MHz 4000 MHz 5000 MHz
-6
-8
-30
-10
0
1
2
3
4
5
-35
0
5
10
15
20
Frequency (GHz)
Control Voltage (V)
Input Return Loss vs. Control Voltage
-8 -10 -12 -14 -16 -18 -20 -22 -24 0 5 10 15 20
1000 MHz 2000 MHz 3000 MHz 4000 MHz 5000 MHz
Output Return Loss vs. Control Voltage
-8 -10 -12 -14 -16 -18 -20 -22 -24 0 5 10 15 20
1000 MHz 2000 MHZ 3000 MHZ 4000 MHZ 5000 MHZ
Control Voltage (V)
Control Voltage (V)
IP3 vs. Control Voltage (10 MHz Spacing)
55
2000 MHz 3000 MHz 4000 MHz 5000 MHz
P1dB vs. Control Voltage
38 36 34 32
50
45
30
40
28 26
1000 MHz 2000 MHz 3000 MHz 4000 MHz 5000 MHz
35
20
15
10
5
0
24
20
15
10
5
0
Control Voltage (V)
Control Voltage (V)
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for * North America Tel: 800.366.2266 / Fax: 978.366.2266 development. Performance is based on target specifications, simulated results, and/or prototype * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under developVisit www.macom.com for additional data sheets and product information. ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or volume is not guaranteed.
information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA4P274-1225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X