Part Number Hot Search : 
EL8401IU UT12118 IRF131 S5KP13A 03000 SDH40F MBT6B 40007
Product Description
Full Text Search
 

To Download MA4AGBLP912 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA4AGBLP912
AlGaAs Beamlead PIN Diode RoHS Compliant
Rev. V2
Features

Low Series Resistance Low Capacitance Millimeter Wave Switching & Cutoff Frequency 5 Nanosecond Switching Speed Can be Driven by a Buffered +5V TTL Silicon Nitride Passivation Polyimide Scratch Protection RoHS Compliant
MA4AGBLP912
Description
M/A-COM's MA4AGBLP912 is an Aluminum-GalliumArsenide anode enhanced, beam lead PIN diode. AlGaAs anodes, which utilize M/A-COM's patent pending hetero-junction technology, produce less diode "On" resistance than conventional GaAs devices. These devices are fabricated on a OMCVD epitaxial wafer using a process designed for high device uniformity and extremely low parasitics. The diodes exhibit low series resistance, 4, low capacitance, 28fF, and an extremely fast switching speed of 5nS. They are fully passivated with silicon nitride and have an additional layer of a polymer for scratch protection. The protective coating prevents damage to the junction and the anode air bridges during handling and assembly.
Absolute Maximum Ratings @ TAMB = 25C
(unless otherwise specified) Parameter Reverse Voltage Absolute Maximum -50V -65C to +125C -65C to +150C +175C
Applications
The ultra low capacitance of the MA4AGBLP912 device makes it ideally suited for use through W-band. The low RC product and low profile of the beamlead PIN diode allows for use in microwave and millimeter wave switch designs, where low insertion loss and high isolation are required. The operating bias conditions of +10mA for the low loss state, and 0v, for the isolation state permits the use of a simple +5V TTL gate driver. These AlGaAs, beamlead diodes, can be used in switching arrays on radar systems, high speed ECM circuits, optical switching networks, instrumentation, and other wideband multi-throw switch assemblies.
Operating Temperature Storage Temperature Junction Temperature
Forward DC Current C.W. Incident Power
Mounting Temperature
40mA +23dBm
+235C for 10 seconds
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4AGBLP912
AlGaAs Beamlead PIN Diode RoHS Compliant
Rev. V2
Electrical Specifications at TAMB = 25C
Test Conditions Total Capacitance @ -5V/10 GHz
1
Paramters Ct Rs Vf Ir TL
Units fF Ohms Volts nA nS
Min - - 1.2 - -
Typical 26 4 1.36 50 5
Max. 30 4.9 1.5 300 10
Forward Resistance @ +20mA/10 GHz 2 Forward Voltage at +10mA Leakage Current at -40 V Minority Carrier Lifetime Notes:
1. Capacitance is determined by measuring the isolation of a single series diode in a 50 line at 10GHz. 2. Forward series resistance is determined by measuring the insertion loss of a single series diode in a 50 line at 10GHz.
INCHES DIM A B C D E
2
MM MIN. 0.2286 0.1245 0.0940 0.1245 0.0508 0.5537 MAX. 0.3302 0.2261 0.1448 0.2261 0.1524 0.70612
MIN. 0.009 0.0049 0.0037 0.0049 0.002 0.0218
MAX. 0.013 0.0089 0.0057 0.0089 0.006 0.0278
F
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4AGBLP912
AlGaAs Beamlead PIN Diode RoHS Compliant
Rev. V2
Diode Model
Rs
Ls = 0.5
Ct
MA4AGBLP912 SPICE Model
wBv= 50 V e-= 8600 cm^2/V-sec wPmax= 100 mW Ffe= 1.0 Wi= 3.0 um Rr= 10 K Ohms Cjmin= 0.020 pF Tau= 10 nsec Rs(I)= Rc + Rj(I) = 0.10 Ohm + Rj(I) Cj0= 0.022 pF Vj= 1.35 V M= 0.5 Fc= 0.5 Imax= 0.04 A Kf= 0.0 Af=1.0
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
Is=1.0E-14 A Vi=0.0 V
changes to the product(s) or information contained herein without notice.
MA4AGBLP912
AlGaAs Beamlead PIN Diode RoHS Compliant
Rev. V2
Handling and Assembly Procedures
The following precautions should be observed to avoid damaging these devices. Cleanliness These devices should be handled in a clean environment. Static Sensitivity Aluminum Gallium Arsenide PIN diodes are Class 1 ESD sensitive and can be damaged by static electricity. Proper ESD techniques should be used when handling these devices. General Handling These devices have a polymer layer which provides scratch protection for the junction area and the anode air bridge. Beam lead devices must, however, be handled with extreme care since the leads may easily be distorted or broken by the normal pressures exerted when handled with tweezers. A vacuum pencil with a #27 tip is recommended for picking and placing. Attachment These devices were designed to be inserted onto hard or soft substrates. Recommended methods of attachment include thermo-compression bonding, parallel-gap welding and electrically conductive silver epoxy. See Application Note M541 page 8, Bonding and Handling and Procedures for Chip Diode Devices for more detailed assembly instructions.
Ordering Information
Part Number MA4AGBLP912 Packaging Gel Pak
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA4AGBLP912

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X