Part Number Hot Search : 
MT620 A304RUI L5985 144EE 5YN210 DTCSP TE0109A BT3904
Product Description
Full Text Search
 

To Download LT3743EFEPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
n n n n n n n n n n
LT3743 High Current Synchronous Step-Down LED Driver with Three-State Control DESCRIPTION
The LT(R)3743 is a fixed frequency synchronous step-down DC/DC controller designed to drive high current LEDs. The average current mode controller will maintain inductor current regulation over a wide output voltage range of 0V to (VIN - 2V). LED dimming is achieved through analog dimming on the CTRL_L, CTRL_H and CTRL_T pins and with PWM dimming on the PWM and CTRL_SEL pins. Through the use of externally switched load capacitors, the LT3743 is capable of changing regulated LED current levels within several s, providing accurate, high speed PWM dimming between two current levels. The switching frequency is programmable from 200kHz to 1MHz through an external resistor on the RT pin. Additional features include voltage regulation and overvoltage protection set with a voltage divider from the output to the FB pin. Overcurrent protection is provided and set by the CTRL_H pin.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents including 7199560, 7321203 and others pending.
PWM Dimming Provides Up to 3000:1 Dimming Ratio CTRL_SEL Dimming Provides Up to 3000:1 Dimming Ratio Between Any Current Three-State Current Control for Color Mixing 6% Current Regulation Accuracy 6V to 36V Input Voltage Range Average Current Mode Control 2s Maximum Recovery Time Between Any Current Regulation State <1A Shutdown Current Output Voltage Regulation and Open-LED Protection Thermally Enhanced 4mm x 5mm QFN and 28-Pin FE Package
APPLICATIONS
n n n
DLP Projectors High Power Architectural Lighting Laser Diodes
TYPICAL APPLICATION
92% Efficient 20A LED Driver
EN/UVLO PWM CTRL_SEL 82.5k EN/UVLO PWM CTRL_SEL RT SYNC VREF LT3743 2nF RHOT 45.3k 40k 40k CTRL_L CTRL_H VIN 1F HG 220nF CBOOT SW 20F VCC_INT LG GND CTRL_T RNTC 680k SS 10nF FB VCL 34k 9nF VCH 34k 9nF
3743f
4.7F 4
VIN 10V TO 36V
1.1H
2.5m
VOUT 20A MAXIMUM
CTRL_SEL 5V/DIV PWM 5V/DIV SW 20V/DIV
20F
1mF 1mF
SENSE+ SENSE- PWMGH PWMGL 51k 1mF 10.0k
3743 TA01a
ILED 10A/DIV
20s/DIV VIN = 24V 0A TO 2A TO 20A LED CURRENT STEP
3743 TA01b
1
LT3743 ABSOLUTE MAXIMUM RATINGS (Note 1)
VIN Voltage ................................................................40V EN/UVLO Voltage ........................................................6V VREF Voltage................................................................3V CTRL_L, CTRL_H, CTRL_T Voltage ............................3V PWM, CTRL_SEL Voltage ...........................................6V SENSE+ Voltage ........................................................40V SENSE- Voltage ........................................................40V VCH, VCL Voltage .......................................................3V SW Voltage ...............................................................40V CBOOT ......................................................................46V RT Voltage...................................................................3V FB Voltage ...................................................................3V SS Voltage ..................................................................6V SYNC Voltage ..............................................................6V Storage Temperature Range................... -65C to 150C Lead Temperature (Soldering, 10 sec) TSSOP .............................................................. 300C
PIN CONFIGURATION
TOP VIEW TOP VIEW VCC_INT CBOOT SW VIN HG LG VCC_INT GND VIN 22 PWMGL 21 GND 20 GND 29 GND 19 PWMGH 18 PWM 17 CTRL_SEL 16 SYNC 15 RT 9 10 11 12 13 14 FB SENSE+ SENSE- VCL GND VCH EN/UVLO VREF CTRL_T GND CTRL_H CTRL_L 1 2 3 4 5 6 7 8 9 29 GND 28 LG 27 GND 26 CBOOT 25 SW 24 HG 23 PWMGL 22 GND 21 PWMGH 20 PWM 19 CTRL_SEL 18 SYNC 17 RT 16 VCH 15 VCL
28 27 26 25 24 23 GND 1 EN/UVLO 2 VREF 3 CTRL_T 4 GND 5 CTRL_H 6 CTRL_L 7 SS 8
SS 10 GND 11 FB 12 SENSE+ 13 SENSE- 14
UFD PACKAGE 28-LEAD (4mm 5mm) PLASTIC QFN TJMAX = 125C, JA = 37C/W EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE 28-LEAD PLASTIC TSSOP TJMAX = 125C, JA = 30C/W EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LT3743EUFD#PBF LT3743IUFD#PBF LT3743EFE#PBF LT3743IFE#PBF TAPE AND REEL LT3743EUFD#TRPBF LT3743IUFD#TRPBF LT3743EFE#TRPBF LT3743IFE#TRPBF PART MARKING* 3743 3743 LT3743FE LT3743FE PACKAGE DESCRIPTION 28-Lead (4mm x 5mm) Plastic QFN 28-Lead (4mm x 5mm) Plastic QFN 28-Lead Plastic TSSOP 28-Lead Plastic TSSOP TEMPERATURE RANGE -40C to 125C -40C to 125C -40C to 125C -40C to 125C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
3743f
2
LT3743 ELECTRICAL CHARACTERISTICS
PARAMETER Input Voltage Range VIN Pin Quiescent Current (Note 3) Non-Switching Operation Shutdown Mode EN/UVLO Pin Falling Threshold EN/UVLO Hysteresis EN/UVLO Pin Current PWM Pin Threshold CTRL_SEL Threshold SYNC Pin Threshold CTRL_H and CTRL_L Pin Control Range CTRL_H and CTRL_L Pin Current Reference Reference Voltage (VREF Pin) Inductor Current Sensing Full Range SENSE+ to SENSE- SENSE+ Pin Current SENSE- Pin Current Internal VCC Regulator (VCC_INT Pin) Regulation Voltage NMOS FET Driver (Note 2) Non-Overlap time HG to LG Non-Overlap time LG to HG Minimum On-Time LG Minimum On-Time HG Minimum Off-Time LG High Side Driver Switch On-Resistance Gate Pull Up Gate Pull Down Low Side Driver Switch On-Resistance Gate Pull Up Gate Pull Down Switching Frequency fSW Soft-Start Charging Current Voltage Regulation Amplifier Input Bias Current gm Feedback Regulation Voltage
l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 12V, VEN/UVLO = 5V, unless otherwise noted.
CONDITIONS (Note 2) VPWM = VCTRL_SEL = 0V, Not Switching VEN/UVLO = 0V MIN 6 1.8 0.1 1.49 VIN = 6V, EN/UVLO = 1.45V 1.55 130 5.5 1.0 1.0 1.0 0 100 With a 67k Resistor from VREF to GND VCTRL_H or VCTRL_L = 1.5V With VOUT ~ 4V 4.7
l l
TYP
MAX 36 2.5 1 1.61
UNITS V mA A V mV A V V V
l
1.5
V nA
1.96 48
2 51 50 10 5 100 60
2.04 54
V mV nA A
5.2
V ns ns ns ns ns
(Note 4) (Note 4) (Note 4) VCBOOT - VSW = 5V
50 200 60 2.3 1.3
VCC_INT = 5V 2.5 1.3 RT = 40k RT = 200k
l
930 200
1000 218 5.5 1 200
1070 233
kHz kHz A nA A/V
0.945
0.99
1.025
V
3743f
3
LT3743 ELECTRICAL CHARACTERISTICS
PARAMETER PWMG Control Signals CTRL_SEL High to PWMGL Low Delay CTRL_SEL High to PWMGH High Delay CTRL_SEL Low to PWMGH Low Delay CTRL_SEL Low to PWMGL High Delay PWMGH and PWMGL Pull-up Impedance PWMGH and PWMGL Pull-Down Impedance Current Control Loop gm Amp Offset Voltage Input Common Mode Range VCM(LOW) VCM(HIGH) Output Impedance gm Differential Gain Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT3743 will function with a supply voltage as low as 4.5V, but to keep the gate drive voltages above 4V, the VCC_INT pin must be tied to VIN for operation below 6.0V 375
l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 12V, VEN/UVLO = 5V, unless otherwise noted.
CONDITIONS MIN TYP 10 150 30 170 3.2 1.75 -2.75 0 0 2 3.5 475 1.7 625 2.75 MAX 40 200 60 220 UNITS ns ns ns ns mV V V M A/V mV/V
VCM(HIGH) Measured from VIN to VCM
Note 3: The LT3743E is guaranteed to meet performance specifications from 0C to 125C junction temperature. Specifications over the -40C to 125C operating junction temperature range are assured by design, characterization and correlation with statistical process controls. The LT3743I is guaranteed to meet performance specifications over the -40C to 125C operating junction temperature range. Note 4: The minimum on and off times are guaranteed by design and are not tested.
3743f
4
LT3743 TYPICAL PERFORMANCE CHARACTERISTICS
EN/UVLO Threshold (Falling)
1.70 10
EN/UVLO Pin Current
0.5
IQ in Shutdown
-50C 1.52 130C
IQ (A)
1.58
EN/UVLO PIN CURRENT (A)
EN/UVLO THRESHOLD (V)
1.64
8
0.4
6
0.3 130C 0.2
4
1.46
2
25C 130C -50C 6 12 18 24 VIN (V) 30 36
3743 G02
0.1 25C 0 0 8 16 24 VIN (V) 32 40
3743 G03
1.40
6
12
18
24 VIN (V)
30
36
3743 G01
0
Quiescent Current (Non-Switching)
2.0 2.02
VREF Pin Voltage
1.6
VREF Current Limit
QUIESCENT CURRENT (mA)
1.6 VREF VOLTAGE (V)
2.01 1.4 2.00 VIN = 36V ILIMIT (mA) TA = 25C TA = 130C 1.2 TA = -50C 1.0
1.2
0.8
1.99
VIN = 6V
0.4
0
TA = 25C TA = 130C TA = -50C 6 12 18 24 VIN (V) 30 36
3743 G04
1.98
1.97 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G05
0.8
6
12
18
24 VIN (V)
30
36
3743 G06
Oscillator Frequency
1.5 1.2MHz 1.2 FREQUENCY (MHz) 900kHz ILIMIT (A) 80 90
RT Pin Current Limit
7
Soft-Start Pin Current
6 VIN = 36V ISS (A) 5 VIN = 6V
0.9
70
0.6
60 4
0.3
220kHz
50
0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G07
40 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G08
3 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G09
3743f
5
LT3743 TYPICAL PERFORMANCE CHARACTERISTICS
Internal UVLO
5.0 3.00 2.75 4.5 VOLTAGE (V) 2.50 2.25 2.00 3.5 1.75 3.0 -50 1.50 -50 2.75 2.50 -50 UVLO (V) 3.50 3.25 3.00
CBOOT-SW UVLO Voltage
4.00 3.75
VCC_INT UVLO
VIN (V)
4.0
-15
55 20 TEMPERATURE (C)
90
125
3743 G10
-15
20 55 TEMPERATURE (C)
90
125
3743 G11
-15
20 55 TEMPERATURE (C)
90
125
3743 G12
VCC_INT Load Reg at 12V
6.0 120 100 80
Regulated Current vs VFB
1.5
Open-LED Threshold
5.2
OPEN-LED THRESHOLD (V) 1050
3743 G14
CONTROL CURRENT (%)
5.6
1.4
VCC_INT (V)
-50C 60 125C 40 20 0 800
1.3
4.8
1.2
4.4
1.1
4.0
0
10
20
30 40 ILOAD (mA)
50
60
3743 G13
850
900 950 VFB (mV)
1000
1.0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G15
Open-LED Timeout
19 60 50 VSENSE+ - VSENSE- (mV) 40 30 20 10 0 -15 55 20 TEMPERATURE (C) 90 125
3743 G16
Regulated Sense Voltage
2.5
Common Mode Lockout
MEASURED VIN - VOUT VIN = 6V VIN = 36V
OPEN-LED TIMEOUT (s)
17
2.0 CM LOCKOUT (V) 0 0.5 1.0 VCTRL (V)
3743 G17
15
1.5
13
1.0
11
0.5
9 -50
1.5
2.0
0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G18
3743f
6
LT3743 TYPICAL PERFORMANCE CHARACTERISTICS
PWM Driver RDS(0N)
5 5
HG Driver RDS(ON)
5
LG Driver RDS(ON)
4 PMOS
4
4
RDS(ON) ()
RDS(ON) ()
3
3
RDS(ON) ()
PMOS
3 PMOS 2 NMOS
2 NMOS 1
2 NMOS 1
1
0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G19
0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G20
0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G21
Non-Overlap PWM Signal Delay
150 150
Non-Overlap Time
150
Minimum On-Time
NON-OVERLAP TIME (ns)
140 PWMGL TO PWMGH
120
130
90 LG TO HG
MINIMUM ON-TIME (ns)
HG TO LG
120
DELAY (ns)
90 HG 60 LG 30
PWMGH TO PWMGL 120
60
110
30
100 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G22
0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G23
0 -50
-15
55 20 TEMPERATURE (C)
90
125
3743 G24
Minimum Off-Time
300 3 2 HG ACCURACY (%)
Regulation Accuracy CTRL_H = 1.5V, VIN = 12V
6 4 2 0 -2 -4 -6 0 2.5 5.0 7.5 OUTPUT VOLTAGE (V) 10
3743 G26
Regulation Accuracy CTRL_H = 0.75V, VIN = 12V
MINIMUM OFF-TIME (ns)
240
180
0 -1 -2 -3
120 LG 60
0 -50
ACCURACY (%)
1
-15
55 20 TEMPERATURE (C)
90
125
3743 G25
0
2.5 5.0 7.5 OUTPUT VOLTAGE (V)
10
3743 G27
3743f
7
LT3743 TYPICAL PERFORMANCE CHARACTERISTICS
Overcurrent Threshold
120 100 VSENSE+ - VSENSE- (mV) 80 60 40 20 0 0 0.75 1.5 CTRL_H (V) 2.25 3.0
3743 G28
LED Current Waveforms (90% PWM) 0.5A to 5A
CTRL_SEL 5V/DIV SW 20V/DIV CTRL_SEL 5V/DIV ILED 5A/DIV
LED Current Waveforms (2000:1) 3A to 10A
ILED 5A/DIV IL 10A/DIV 40s/DIV
3743 G29
IL 10A/DIV 5s/DIV
3743 G30
LED Current Waveforms (3000:1) 2A to 20A
CTRL_SEL 5V/DIV SW 10V/DIV CTRL_SEL 5V/DIV PWM 5V/DIV SW 10V/DIV ILED 10A/DIV
LED Current Waveforms (3000:1) 0A to 2A to 20A
PWM 5V/DIV CTRL_L 0.2V/DIV CTRL_SEL 5V/DIV ILED 8A/DIV
LED Current Waveforms (3000:1) Analog Dimming on CTRL_L COUT(LOW) = 20F COUT(HIGH) = 1mF ,
ILED 11.1A/DIV
20s/DIV
3743 G31
10s/DIV
3743 G32
40s/DIV
3743 G33
Voltage Regulation with 10A Regulated Inductor Current
Common Mode Lockout (VIN = 7V)
IL 200mA/DIV
Overvoltage Lockout Operation With Open-Load Condition
VOUT 2V/DIV
VOUT 2V/DIV
IL 5A/DIV
IL 200mA/DIV
VOUT 2V/DIV
100s/DIV
3743 G34
1ms/DIV
3743 G35
40ms/DIV
3743 G36
3743f
8
LT3743 PIN FUNCTIONS
(QFN/TSSOP)
GND (Pins 1, 5, 9, 20, 21, Exposed Pad Pin 29/Pins 2, 7, 11, 22, 27, Exposed Pad Pin 29): Ground. The exposed pad must be soldered to the PCB. EN/UVLO (Pin 2/Pin 4): Enable Pin. The EN/UVLO pin acts as an enable pin and turns on the internal current bias core and subregulators at 1.55V. The pin does not have any pull-up or pull-down, requiring a voltage bias for normal part operation. Full shutdown occurs at approximately 0.5V. VREF (Pin 3/Pin 5): Buffered 2V Reference Capable of 0.5mA Drive. CTRL_T (Pin 4/Pin 6): The thermal control input to reduce the regulated current level for both current levels (CTRL_L and CTRL_H). CTRL_H (Pin 6/Pin 8): The CTRL_H pin sets the high level regulated output current and overcurrent. The maximum input voltage is internally clamped to 1.5V. The overcurrent set point is equal to the high level regulated current level set by the CTRL_H pin with an additional 23mV offset between the SENSE+ and SENSE- pins. CTRL_L (Pin 7/Pin 9): The CTRL_L pin sets the low level regulated output current. Maximum input voltage internally clamped to 1.5V. SS (Pin 8/Pin 10): Soft-Start Pin. Place an external capacitor to ground to limit the regulated current during start-up conditions. The SS pin has a 5.5A charging current. This pin controls both of the regulated inputs determined by CTRL_L and CTRL_H. FB (Pin 10/Pin 12): Feedback Pin for Overvoltage Protection. The feedback voltage is 1V. Overvoltage/Open LED is sensed through the FB pin. When the feedback voltage exceeds 1.3V, the overvoltage lockout prevents switching and connects both output capacitors to discharge the inductor current. SENSE+ (Pin 11/Pin 13): SENSE+ is the inverting input of the average current mode loop error amplifier. This pin is connected to the external current sense resistor, RS. The voltage drop between SENSE+ and SENSE- referenced to the voltage drop across an internal resistor produces the input voltages to the current regulation loop.
SENSE- (Pin 12/Pin 14): SENSE- is the noninverting input of the average current mode loop error amplifier. The reference current, based on CTRL_L or CTRL_H flows out of the pin to the output (LED) side of the sense resistor, RS. VCL (Pin 13/Pin 15): VCL provides the necessary compensation for the average current loop stability during low level current regulation. Typical compensation values are 15k to 80k for the resistor and 2nF to 10nF for the capacitor. VCH (Pin 14/Pin 16): VCH provides the necessary compensation for the average current loop stability during high level current regulation. Typical compensation values are 15k to 80k for the resistor and 2nF to 10nF for the capacitor. RT (Pin 15/Pin 17): A resistor to ground sets the switching frequency between 200kHz and 1MHz. When using the SYNC function, set the frequency to be 20% lower than the SYNC pulse frequency. This pin is current limited to 60A. Do not leave this pin open. SYNC (Pin 16/Pin 18): Frequency Synchronization Pin. This pin allows the switching frequency to be synchronized to an external clock. The RT resistor should be chosen to operate the internal clock at 20% slower than the SYNC pulse frequency. This pin should be grounded when not in use. CTRL_SEL (Pin 17/Pin 19): The CTRL_SEL pin selects between the high current control, CTRL_H and the low current control, CTRL_L. When high, the VCH pin is connected to the error amp output and the PWMGH gate signal is high. When low, the VCL pin is connected to the error amp output and the PWMGL gate signal is high. This pin is used for current level dimming of the LED. This pin should be grounded when not in use. PWM (Pin 18/Pin 20): The input pin for PWM dimming of the LED. When low, all switching is terminated and the output caps are disconnected. This pin should be pulled to VCC_INT when not in use. PWMGH (Pin 19/Pin 21): The PWMGH output pin drives the gate of an external FET to connect one of the switching regulator output capacitors to the load. The output impedance is approximately 2.5.
3743f
9
LT3743 PIN FUNCTIONS
(QFN/TSSOP)
PWMGL (Pin 22/Pin 23): The PWMGL output pin drives the gate of an external FET to connect one of the switching regulator output capacitors to the load. The output impedance is approximately 2.5. HG (Pin 23/Pin 24): HG is the top FET gate drive signal that controls the state of the high side external power FET. The driver impedance is 2.5. SW (Pin 24/Pin 25): The SW pin is used internally as the lower rail for the floating high side driver. Externally, this node connects the two power FETs and the inductor. CBOOT (Pin 25/Pin 26): The CBOOT pin provides a floating 5V regulated supply for the high side FET driver. An external Schottky diode is required from the VCC_INT pin to the CBOOT pin to charge the CBOOT capacitor when the switch pin is near ground.
LG (Pin 26/Pin 28): LG is the bottom FET gate drive signal that controls the state of the low side external power FET. The driver impedance is 2.5. VCC_INT (Pin 27/Pin 1): A regulated 5V output for charging the CBOOT capacitor. VCC_INT also provides the power for the digital and switching subcircuits. Below 6V VIN, tie this pin to the rail. VCC_INT is current limited to 50mA. Shutdown operation disables the output voltage drive. VIN (Pin 28/Pin 3): Input Supply Pin. Must be locally bypassed with a 1F low ESR capacitor to ground.
3743f
10
LT3743 BLOCK DIAGRAM
VIN VIN 402k 2 133k 3 VREF 2V REFERENCE EN/UVLO INTERNAL REGUALTOR AND UVLO VCC_INT 27 10F 28 40F VIN
(QFN Package)
2nF
15 82.5k
RT
OSCILLATOR
CURRENT MIRROR 5.5A
6 7
CTRL_H CTRL_L
gm AMP gm = 450A/V RO = 4M IOUT = 40A
CTRL BUFFER 8 100nF 4 13 34k 9nF 34k 9nF OPEN-LED COMPARATOR 17 CTRL_SEL 14 SS CTRL_T VCL VCH VOLTAGE REGULATOR AMP 90k
2.5
18
PWM
2.5
Figure 1. Block Diagram
-
+
1.5V
-
+
+
-
R S PWM COMPARATOR Q
SYNC
16
SYNC
HIGH SIDE CBOOT DRIVER 25 HG 23 SW SYNCRONOUS 24 CONTROLLER LG 26 LOW SIDE DRIVER
0.1F
2.2H
SENSE+
11 RS 5m 12 1mF 1mF 10A LED VOUT
3k
SENSE-
+ + - +
40.2k FB 10 10k 1V
+ -
1.3V
PWMGL
22
PWMGH
19
3743 F01
3743f
11
LT3743 OPERATION
The LT3743 utilizes fixed frequency, average current mode control to accurately regulate the inductor current, independently from the output voltage. This is an ideal solution for applications requiring a regulated current source including driving high current LEDs where the forward junction voltage can range from 2V to 6V with a dynamic resistance of 20m to 40m. The control loop will regulate the current in the inductor at an accuracy of 6%. For additional operation information, refer to the Block Diagram in Figure 1. The control loop has two independent reference inputs, determined by the analog control pins, CTRL_H and CTRL_L. When the CTRL_SEL pin is low, the control loop uses the reference determined by the CTRL_L pin and when high, the loop uses the reference determined by the CTRL_H pin. The analog voltage at the CTRL_L and CTRL_H pins is buffered and produces a reference voltage across an internal resistor. The internal buffers have a 1.5V clamp on the output, limiting the analog control range of the CTRL_L and CTRL_H pins from 0V to 1.5V. The average current mode control loop uses the internal reference voltage to regulate the inductor current, as a voltage drop across the external sense resistor, RS. In many applications, a rapid transition between the two regulated current states is desirable to provide background LED color mixing for pure colors in an RGB projector or display. For this purpose, pulse width modulation dimming can be achieved with both the PWM and CTRL_SEL pins. When the PWM pin is low, the regulated current in the inductor is zero and both output capacitors are disconnected. When the PWM pin is high, and the CTRL_SEL pin is low, the regulated current in the inductor is determined by the analog voltage at the CTRL_L pin. When the PWM and CTRL_SEL pins are both high, the regulated current in the inductor is determined by the analog voltage at the CTRL_H pin. The LT3743 uses a unique switched output capacitor topology and two independent compensation networks to transition between the two regulated current states in less than 2s. When the CTRL_SEL pin is low and the PWM pin is high, the PWMGL output pin is high, switching in the output capacitor for the CTRL_L current level. The CTRL_L output capacitor stores the LED forward voltage drop when the control loop regulates the low current level. When the CTRL_SEL pin changes to the high state, a 150ns delay ensures that the output capacitors are not connected at the same time. After this delay, the output capacitor for the CTRL_H level is switched in when PWMGH goes high and immediately delivers current to the LED. The CTRL_H output capacitor has the voltage drop of the LED with the regulated current determined by the analog voltage at the CTRL_H pin. To achieve minimum transition delay, the inductor is precharged to 70% of the regulation current level just after the PWMGH pin goes high. Conversely, when the PWM pin goes low, the inductor is discharged to 70% of the low current level before normal switching at the low current level commences. The error amplifier for the average current mode control loop also has a common mode lockout that regulates the inductor current so that the error amplifier is never operated out of the common mode range. The common mode range is with an output voltage from 0V to 2V below the VIN supply rail. The overcurrent set point is equal to the high level regulated current level set by the CTRL_H pin with an additional 23mV offset between the SENSE+ and SENSE- pins. The overcurrent is limited on a cycle-by-cycle basis; shutting switching down once the overcurrent level is reached. Overcurrent is not soft started. The output voltage may be limited with a resistor divider from the output back to the FB pin. The reference at the FB pin is 1.0V. If the output voltage level is high enough to engage the voltage loop, the regulated inductor current will be reduced so that the output voltage is limited. If the voltage at the FB pin reaches 1.3V (30% higher than the regulation level), an internal open-LED flag is set, shutting down switching for 13s and switching in both output capacitors to fully drain the inductor's current. During start-up, the SS pin is held low until the first time the PWM pin goes high. Once the PWM signal goes high, the capacitor at the SS pin is charged with a 10A current source. The internal buffers for the CTRL_L and CTRL_H signals are limited by the voltage at the SS pin, slowly ramping the regulated inductor current to the current determined by the voltage at the CTRL_H or CTRL_L pins.
3743f
12
LT3743 APPLICATIONS INFORMATION
Programming Inductor Current The analog voltage at the CTRL_L and CTRL_H pins is buffered and produces a reference voltage, VCTRL, across an internal resistor. The regulated average inductor current is determined by: IO = VCTRL 30 * RS Inductor Selection The recovery time between regulated states is critical to maintaining accurate control of the LED current. For this reason, sizing the inductor to have no less than 30% peak-to-peak ripple will provide excellent recovery time with reasonable ripple. The overcurrent set point is equal to the high level regulated current level set by the CTRL_H pin with an additional 23mV offset between the SENSE+ and SENSE- pins. The saturation current for the inductor should be at least 20% higher than the maximum regulated current. The following equation sizes the inductor to achieve a reasonable recovery time while minimizing the inductor ripple: V * ( V ) - ( V )2 F F L = IN 0.3 * fS * IO * VIN where VF is the LED forward voltage drop, IO is the maximum regulated current in the inductor and fS is the switching frequency. Using this equation, the inductor will have approximately 15% ripple at maximum regulated current.
Table 2. Recommended Inductor Manufacturers
VENDOR Coilcraft Sumida Vishay Wurth Electronics
30 25 1.4 LED CURRENT (A) 20 15 10 5 0 0 2 4 6 8 10 12 14 16 18 20 RS (m)
3743 F02
where RS is the external sense resistor and IO is the average inductor current, which is equal to the LED current. Figure 2 shows the LED current vs RS. The maximum power dissipation in the resistor will be: PRS
(0.05V )2 =
RS
Table 1 contains several resistors values, the corresponding maximum current and power dissipation in the sense resistor. Figure 3 shows the power dissipation in RS.
Table 1. Sense Resistor Values
MAXIMUM LED CURRENT (A) 1 5 10 25 RESISTOR, RS (m) 50 10 5 2 POWER DISSIPATION (W) 0.05 0.25 0.5 1.25
WEBSITE www.coilcraft.com www.sumida.com www.vishay.com www.we-online.com www.nec-tokin.com
NEC-Tokin
1.2 POWER DISSIPATION (W) 1.0 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 12 RS (m)
Figure 2. RS Value Selection for LED Current
14 16 18 20
3743 F03
Figure 3. Power Dissipation in RS
3743f
13
LT3743 APPLICATIONS INFORMATION
Switching MOSFET Selection When selecting switching MOSFETs, the following parameters are critical in determining the best devices for a given application: total gate charge (QG), on-resistance (RDS(ON)), gate to drain charge (QGD), gate-to-source charge (QGS), gate resistance (RG), breakdown voltages (maximum VGS and VDS) and drain current (maximum ID). The following guidelines provide information to make the selection process easier. Both of the switching MOSFETs need to have their maximum rated drain currents greater than the maximum inductor current. The following equation calculates the peak inductor current: V * V +R I - V +R I 2 ( F D O) ( F D O) IMAX = IO + IN 2 * fS * L * VIN where VIN is the input voltage, L is the inductance value, VF is the LED forward voltage drop, RD is the dynamic series resistance of the LED, IO is the regulated output current and fS is the switching frequency. During MOSFET selection, notice that the maximum drain current is temperature dependant. Most data sheets include a table or graph of the maximum rated drain current vs temperature. The maximum VDS should be selected to be higher than the maximum input supply voltage (including transient) for both MOSFETs. The signals driving the gates of the switching MOSFETs have a maximum voltage of 5V with respect to the source. During start-up and recovery conditions, the gate drive signals may be as low as 3V. To ensure that the LT3743 recovers properly, the maximum threshold should be less than 2V. For a robust design, select the maximum VGS greater than 7V. Power losses in the switching MOSFETs are related to the on-resistance, RDS(ON); the transitional loss related to the gate resistance, RG; gate-to-drain capacitance, QGD and gate-to-source capacitance, QGS. Power loss to the on-resistance is an Ohmic loss, I2 RDS(ON), and usually dominates for input voltages less than ~15V. Power losses to the gate capacitance dominate for voltages greater than ~12V. When operating at higher input voltages, efficiency can be optimized by selecting a high side MOSFET with higher RDS(ON) and lower CGD. The power loss in the high side MOSFET can be approximated by: PLOSS = (ohmic loss) + (transition loss)
(V +R I ) PLOSS F D O * IO2 RDS(ON) * T + VIN VIN * IOUT 5V * (QGD + QGS ) * ( 2 * RG + RPU + RPD ) * fS
(
)
where T is a temperature-dependant term of the MOSFET's on-resistance. Using 70C as the maximum ambient operating temperature, T is roughly equal to 1.3. RPD and RPU are the LT3743 high side gate driver output impedance, 1.3 and 2.3 respectively. A good approach to MOSFET sizing is to select a high side MOSFET, then select the low side MOSFET. The tradeoff between RDS(ON), QG, QGD and QGS for the high side MOSFET is shown in the following example. VO is equal to 4V. Comparing two N-channel MOSFETs, with a rated VDS of 40V and in the same package, but with 8x different RDS(ON) and 4.5x different QG and QGD: , M1: RDS(ON) = 2.3m, QG = 45.5nF , QGS = 13.8nF QGD = 14.4nF , RG = 1 , M2: RDS(ON) = 18m, QG = 10nF , QGS = 4.5nF QGD = 3.1nF , RG = 3.5 Power loss for both MOSFETs is shown in Figure 4. Observe that while the RDS(ON) of M1 is eight times lower, the power loss at low input voltages is equal, but four times higher at high input voltages than the power loss for M2. Another power loss related to switching MOSFET selection is the power lost to driving the gates. The total gate charge, QG, must be charged and discharged each switching cycle. The power is lost to the internal LDO within the LT3743. The power lost to the charging of the gates is: PLOSS_LDO (VIN - 5V) * (QGLG + QGHG) * fS where QGLG is the low side gate charge and QGHG is the high side gate charge.
3743f
14
LT3743 APPLICATIONS INFORMATION
7 6 MOSFET POWER LOSS (W) 5 TOTAL 4 TRANSITIONAL 3 2 1 OHMIC 0 0 10 20 INPUT VOLTAGE (V)
3743 F04a
2.5
MOSFET POWER LOSS (W)
2.0
1.5
TOTAL
1.0 TRANSITIONAL 0.5 OHMIC
30
40
0
0
10
20 INPUT VOLTAGE (V)
30
40
3743 F04b
Figure 4a. Power Loss Example for M1 Figure 4
Figure 4b. Power Loss Example for M2
Whenever possible, utilize a switching MOSFET that minimizes the total gate charge to limit the internal power dissipation of the LT3743.
Table 3. Recommended Switching FETs
VIN VOUT ID (V) (V) (A) 8 24 24 12 36 24 4 4 2-4 2-4 4 4 TOP FET BOTTOM FET MANUFACTURER
be used as the input capacitance. Use only type X5R or X7R capacitors as they maintain their capacitance over a wide range of operating voltages and temperatures. Output Capacitor Selection The output capacitors need to have very low ESR (equivalent series resistance) to allow the LED current to ramp quickly. A minimum of 50F/A of load current should be used in most designs. The capacitors also need to be surge rated to the maximum output current. To achieve the lowest possible ESR, several low ESR capacitors should be used in parallel. Many applications benefit from the use of high density POSCAP capacitors, which are easily destroyed when exposed to overvoltage conditions. To prevent this, select POSCAP capacitors that have a voltage rating that is at least 50% higher than the regulated voltage CBOOT Capacitor Selection The CBOOT capacitor must be sized less than 220nF and more than 50nF to ensure proper operation of the LT3743. Use 220nF for high current switching MOSFETs with high gate charge.
5-10 RJK0365DPA RJK0330DPB Renesas 5 RJK0368DPA RJK0332DPB www.renesas.com 20 10 20 40 RJK0365DPA FDMS8680 Si7884BDP PSMN4R030YL RJK0346DPA FDMS8672AS Fairchild www.fairchildsemi.com SiR470DP Vishay www.vishay.com
RJK0346DPA NXP/Philips www.nxp.com
Input Capacitor Selection The input capacitor should be sized at 4F for every 1A of output current and placed very close to the high side MOSFET. A small 1F ceramic capacitor should be placed near the VIN and ground pins of the LT3743 for optimal noise immunity. The input capacitor should have a ripple current rating equal to half of the maximum output current. It is recommended that several low ESR ceramic capacitors
3743f
15
LT3743 APPLICATIONS INFORMATION
VCC_INT Capacitor Selection
VSENSE+ - VSENSE- (mV) 60 50 40 30 20 10 0 0 0.5 1.0 VCTRL (V) 1.5 2.0
3743 F06
The bypass capacitor for the VCC_INT pin should be larger than 5F for stability and has no ESR requirement. It is recommended that the ESR be lower than 50m to reduce noise within the LT3743. For driving MOSFETs with gate charges larger than 10nC, use 0.5F/nC of total gate charge. LED Current Dimming The LT3743 provides the capability of traditional zero to full current PWM dimming as well as PWM dimming between two regulated LED current states. When the PWM signal is low, no switching occurs and the output capacitors are disconnected from ground. When PWM is high and CTRL_SEL is low, the inductor current is regulated to the low current state. In this state, the PWMGL signal is high, connecting the output capacitor for the low regulated current state. When PWM and CTRL_SEL are both high, the inductor current is regulated to the high current state. In this state, the PWMGH signal is high, connecting the output capacitor for the high regulated current state. The transition time between each of the regulated inductor currents is determined by the inductor size, VIN and VO. Due to the use of the switched output capacitors, the LED current will begin to flow within 130ns of the transition on the CTRL_SEL pin. Figure 8 shows the LED and inductor current waveforms with the various states of the control signals. To adjust the regulated LED current for the two control states, an analog voltage is applied to the CTRL_L and CTRL_H pins. Figure 6 shows the regulated voltage across the sense resistor for control voltages up to 2V. Figure 7 shows the CTRL_L voltage created by a voltage divider from VREF to ground. When sizing the resistor divider, please be aware that the VREF pin is current limited to 500A. Above 1.5V, the control voltage has no effect on the regulated LED current. For the widest dimming range, use the highest switching frequency possible and lowest PWM frequency. For configuration with the maximum PWM range, please contact factory for optimized component selection.
Figure 6. LED Current vs CTRL Voltage
VREF LT3743 CTRL_L R1
3743 F07
R2
Figure 7. Analog Control of LED Current
tPWM tON(PWM) PWM
CTRL_SEL
INDUCTOR CURRENT
PWMGH
PWMGL ICTRL_H ICTRL_L
3743 F08
LED CURRENT
Figure 8. LED Current vs CTRL Voltage
3743f
16
LT3743 APPLICATIONS INFORMATION
MOSFET Selection for the Switched Output Capacitors The MOSFETs used for the switched-output capacitor need to also handle the maximum regulated current while the capacitor is charged. The output drivers on the PWMGH and PWMGL pins have a pull-up impedance of 3.2 and a pull-down impedance of 1.75. This provides adequate gate drive for 30nC MOSFETs without the need for an additional gate driver. If the LED forward resistance and the difference between the two regulated currents is large enough, then two MOSFETs are required to prevent the body diode of the MOSFET from conducting and discharging the capacitor for the high current state. Figure 9 shows the output capacitor for the high current regulation state discharged with the body diode when a single MOSFET is used. Figure 10 shows the application circuit with a drain-to-drain configuration for the high current output capacitor. In this configuration, the body diode of the upper MOSFET blocks conduction and prevents discharge of the high current output capacitor.
ICTRL_L = 1A ICTRL_H = 20A VF = 3V RD = 40m
If the voltage between the low state and the high state is very large (greater than the threshold of the MOSFET) then the capacitor may once again be discharged. To account for this, choose a MOSFET that has a threshold greater than the voltage difference. If the voltage difference exceeds 1.5V, use the circuit shown in Figure 11. The circuit shown will keep the capacitor from discharging to a voltage difference of approximately 2V + VTH.
ICTRL_L = 1A ICTRL_H = 20A VF = 3V RD = 200m
PWMGH LT3743 PWMGL VCC_INT 3.01k 2V 2k
3743 F11
3.8V 0V OFF 5V ON
3.04V
Figure 11. Application for Large Differences in Regulated Currents
PWMGH LT3743 PWMGL
Board and Interconnect Inductance
3743 F09
Figure 9. Body Diode of High Current FET Discharges the Output Capacitor
ICTRL_L = 1A ICTRL_H = 20A 3.8V 3.04V VF = 3V RD = 40m
The board and interconnect inductance from the output capacitors to the load also determine the rate of change in load (LED) current. The rate of change in load current will be: dIL VHIGH - VLOW = dt LBOARD where dIL/dt is the rate of change in the load current, VHIGH is the output voltage when the inductor is regulated at the high level, and VLOW is the output voltage when the inductor is regulated at the low state. When measuring the LED current do not use a current probe. The core material used in most probes adds inductance and slows the rise time of the LED current. Instead, when measuring the current, use a sense resistor.
3743f
PWMGH LT3743 PWMGL
3743 F10
Figure 10. With a Drain-to-Drain Configuration, the Body Diode of the Top FET Blocks the Current Path That Would Discharge the High Current Output Capacitor
17
LT3743 APPLICATIONS INFORMATION
Voltage Regulation and Overvoltage Protection The LT3743 uses the FB pin to regulate the output to a maximum voltage and to provide a high speed overvoltage lockout to avoid high voltage conditions that may damage expensive high current LEDs. The regulated output voltage is programmed using a resistor divider from the output and ground (Figure 12). When the output voltage exceeds 130% of the regulated voltage level (1.3V at the FB pin), the internal open-LED flag is set, terminating switching and forcing both PWMGL and PWMGH signals high. The regulated output voltage must be greater than 2V and is set by the equation: R2 VOUT = 1V 1+ R1
VOUT LT3743 FB R1
3743 F12
The internal power consumption of the LT3743 is determined by the switching frequency, VIN, and the gate charge, QG of the external switching MOSFETs selected. The 4mm x 5mm QFN package has a JA of 35C/W. The following equation calculates the maximum switching frequency to avoid current limit and thermal shutdown at a given ambient operating temperature, TA: fS fS
(163C - TA ) (35C/W ) * ( VIN - 5V ) * (QGHG + QGLG )
60mA (QGLG + QGHG )
R2
Since the regulated output current flowing into the LED may be very large, the switching frequency needs to be carefully considered. Higher switching frequencies will reduce the large size of high saturation current inductors, while reducing efficiency and increasing power loss within the LT3743.
Table 4. Switching Frequency
SWITCHING FREQUENCY (MHz) 1 0.750 0.5 0.3 0.2 0.1 RT (k) 40 54 83 142 218 450
Figure 12. Output Voltage Regulation and Overvoltage Protection Feedback Connections
Soft-Start Unlike conventional voltage regulators, the LT3743 utilizes the soft-start function to control the regulated inductor current. The charging current is 5.5A and reduces the regulated current for both the high and low regulated current states. The SS pin is latched in a discharge state until the first PWM pulse and is reset by UVLO and thermal shutdown. Programming Switching Frequency The LT3743 has an operational switching frequency range between 200kHz and 1MHz. This frequency is programmed with an external resistor from the RT pin to ground. Do not leave this pin open under any condition. The RT pin is also current limited to 60A. See Table 4 and Figure 13 for resistor values and the corresponding switching frequencies.
1.2 1.0 FREQUENCY (MHz) 0.8 0.6 0.4 0.2 0 0 50 100 150 200 250 300 350 400 450 500 RT (k)
3743 F13
Figure 13. Frequency vs RT Resistance
3743f
18
LT3743 APPLICATIONS INFORMATION
Thermal Shutdown The internal thermal shutdown within the LT3743 engages at 163C and terminates switching, resets soft-start and shuts down the PWMGL and PWMGH drivers. When the part has cooled to 155C, the internal reset is cleared and soft-start is allowed to charge once the PWM signal is asserted. Switching Frequency Synchronization The nominal switching frequency of the LT3743 is determined by the resistor from the RT pin to ground and may be set from 200kHz to 1MHz. The internal oscillator may also be synchronized to an external clock through the SYNC pin. The external clock applied to the SYNC pin must have a logic low below 0.3V and a logic high higher than 1.25V. The input frequency must be 20% higher than the frequency determined by the resistor at the RT pin. The duty cycle of the input signal needs to be greater than 10% and less than 90%. Input signals outside of these specified parameters will cause erratic switching behavior and subharmonic oscillations. When synchronizing to an external clock, please be aware that there will be a fixed delay from the input clock edge to the edge of switch. The SYNC pin must be grounded if the synchronization to an external clock is not required. When SYNC is grounded, the switching frequency is determined by the resistor at the RT pin. Shutdown and UVLO The LT3743 has an internal UVLO that terminates switching, resets all synchronous logic, and discharges the soft-start capacitor for input voltages below 4.2V. The LT3743 also has a precision shutdown at 1.55V on the EN/UVLO pin. Partial shutdown occurs at 1.55V and full shutdown is guaranteed below 0.5V with <2A IQ in the full shutdown state. Below 1.5V, an internal current source provides 5.5A of pull-down current to allow for programmable UVLO hysteresis. The following equations determine the voltage divider resistors for programming the UVLO voltage and hysteresis as configured in Figure 14. R2 = VHYST 5.5A The EN/UVLO pin as an absolute maximum voltage of 6V. To accommodate the largest range of applications, there is an internal Zener diode that clamps this pin. For applications where the supply range is greater than 4:1, size R2 greater than 375k.
VIN LT3743 EN/UVLO R1
3743 F14
VIN R2
Figure 14. UVLO Configuration
LED Current Derating Using the CTRL_T Pin The LT3743 is designed specifically for driving high current LEDs. Most high current LEDs require derating the maximum current based on operating temperature to prevent damage to the LED. In addition, many applications have thermal limitations that will require the regulated current to be reduced based on LED and/or board temperature. To achieve this, the LT3743 uses the CTRL_T pin to reduce the effective regulated current in the LED for both the high and low control currents. While CTRL_H and CTRL_L program the regulated current in the LED, CTRL_T can be configured to reduce this regulated current based on the analog voltage at the CTRL_T pin. The LED/board temperature derating is programmed using a resistor divider with a temperature dependant resistance (Figure 15). When the board/LED temperature rises, the CTRL_T voltage will decrease. To reduce the regulated current, the CTRL_T voltage must be lower than voltage at the CTRL_L and CTRL_H pins.
RV VREF R2 LT3743 CTRL_T R1 (OPTION A TO D) A B C D RNTC RNTC RX RNTC RNTC RX
3743 F15
RV
1.55V * R2 R1= - 1.55V V
UVLO
Figure 15. LED Current Derating vs Temperature Using NTC Resistor
3743f
19
LT3743 APPLICATIONS INFORMATION
Average Current Mode Control Compensation The use of average current mode control allows for precise regulation of the inductor and LED currents. Figure 16 shows the average current mode control loop used in the LT3743, where the regulation current is programmed by a current source and a 3k resistor. To design the compensation network, the maximum compensation resistor needs to be calculated. In current mode controllers, the ratio of the sensed inductor current ramp to the slope compensation ramp determines the stability of the current regulation loop above 50% duty cycle. In the same way, average current mode controllers require the slope of the error voltage to not exceed the PWM ramp slope during the switch off-time. Since the closed-loop gain at the switching frequency produces the error signal slope, the output impedance of the error amplifier will be the compensation resistor, RC. For optimized phase margin and bandwidth, RC and CC should be sized to be: RC = fS * L * 1000 V 0.002 [], CC = [F ] VO * RS fS
where fS is the switching frequency, L is the inductance value, VIN is the input voltage and RS is the sense resistor. For most LED applications, a 4.7nF compensation capacitor is adequate and provides excellent phase margin with optimized bandwidth. Please refer to Table 6 for recommended compensation values. For applications where the load is not an LED, please call the factory for additional compensation assistance. Board Layout Considerations Average current mode control is relatively immune to the switching noise associated with other types of control schemes. Placing the sense resistor as close as possible to the SENSE+ and SENSE- pins avoids noise issues and ensures the fastest LED current transition time. Utilizing a good ground plane underneath the switching components will minimize interplane noise coupling. To dissipate the heat from the switching components, increase the area of the switching node as much as possible without negatively affecting the radiated noise. The interconnect inductance and resistance between the output capacitors and the LED load directly impacts the rise time of the load current. To reduce the inductance and resistance, make the traces as wide as physically possible and minimize the trace length.
L (H) 1.5 1.5 1.8 1.0 1.0 RS (m) 5 5 2.5 2.5 2.5 RC (k) 47.5 47.5 38.3 52.3 52.3 CC (nF) 4.7 4.7 8.2 4.7 4.7
VCTRL * 11A/V
3k
L
RS
MODULATOR
LOAD gm ERROR AMP
RC CC
+
-
3743 F16
Figure 16. LT3743 Average Current Mode Control Scheme
Table 6. Recommended Compensation Values
VIN (V) 12 12 12 24 24 VO (V) 4 4 5 4 4 IL (A) 5 10 20 2 20 fSW (MHz) 0.5 0.5 0.25 0.5 0.5
3743f
20
LT3743 TYPICAL APPLICATIONS
12V, 20A LED Driver
VIN 12V
EN/UVLO PWM CTRL_SEL 82.5k
EN/UVLO PWM CTRL_SEL RT SYNC VREF LT3743
VIN 1F HG 100nF CBOOT SW L1 1.0H 2.5m M1 200F
VOUT 20A MAXIMUM D1 1F
2nF RHOT 45.2k
40k 40k
CTRL_L CTRL_H
VCC_INT LG GND
20F
1mF M2 M3 M4 1mF
CTRL_T RNTC 680k SS 10nF
SENSE+ SENSE- PWMGH PWMGL
40.2k FB VCL 34k 4.7nF VCH 34k 4.7nF D1: LUMINUS PT120 L1: IHLP4040DZER1R0M01 M1: RJK0365DPA M2: RJK0346DPA M3, M4: Si7236DP 1mF 10k
3743 TA02
Efficiency (Stepping from 2A to 20A)
94 92 90 EFFIENCY (%) 88 86 84 82 80 0 20 40 60 100 80 CTRL_SEL DIMMING DUTY CYCLE (%)
3743 TA02b
VIN = 12V GREEN LED
3743f
21
LT3743 TYPICAL APPLICATIONS
6V to 36V, 2A LED Driver With Shunted Output
EN/UVLO INTVCC CTRL_SEL 82.5k EN/UVLO PWM CTRL_SEL RT SYNC VREF LT3743 2nF RHOT 45.3k CONTROL INPUT CTRL_L CTRL_H VIN 1F HG 100nF CBOOT SW D1 VCC_INT LG GND CTRL_T RNTC 680k SS 10nF FB VCL 34k 4.7nF VCH 34k 4.7nF D1: LUMINUS CBT-40 L1: MSS1048-103MLB M1, M2: Si7848BDP M3: Si2312BDS 10k
3743 TA03
8F M1 L1 10H 25m
VIN 6V TO 36V
Shunted Output with CTRL_H Equal to CTRL_L
VOUT 2A MAXIMUM CTRL_SEL 5V/DIV IL 2.2F 2A/DIV
20F
M2
ILED 1A/DIV SW 2V/DIV M3 40.2k 20s/DIV
3743 TA03b
SENSE+ SENSE- PWMGH PWMGL
6V to 36V, 2A LED Driver With Current Limited Shunted Output
EN/UVLO INTVCC CTRL_SEL 82.5k EN/UVLO PWM CTRL_SEL RT SYNC VREF LT3743 2nF RHOT 45.3k CONTROL INPUT CTRL_H CTRL_L VIN 1F HG 100nF CBOOT SW D1 20F M2 2.2F M1 L1 10H 25m VOUT 2A MAXIMUM CTRL_SEL 5V/DIV IL 2A/DIV ILED 1A/DIV SW 10V/DIV 20s/DIV SS 10nF FB VCL 34k 4.7nF VCH 34k 4.7nF D1: LUMINUS CBT-40 L1: IHLP4040DZE10R0M01 M1, M2: Si7848BDP M3: Si2312BDS 10k
3743 TA04 3743 TA04b
8F
VIN 6V TO 36V
Shunted Output with CTRL_L at GND
VCC_INT LG GND
CTRL_T RNTC 680k
SENSE+ SENSE- PWMGH PWMGL M3 40.2k
3743f
22
LT3743 TYPICAL APPLICATIONS
6V to 30V, 20A LED Driver with Switched Cathode
VIN 6V TO 30V
EN/UVLO PWM VCC_INT 82.5k
EN/UVLO PWM CTRL_SEL RT SYNC VREF LT3743
VIN 1F HG 150nF CBOOT SW M1 L1 1.1H 2.5m 80F
VOUT 20A MAXIMUM D1 1mF
2nF RHOT CONTROL 45.3k INPUT
CTRL_L CTRL_H
VCC_INT LG GND
20F
M2
CTRL_T RNTC 680k SS 10nF
SENSE+ SENSE- PWMGL PWMGH FB M3 60.4k
VCL
VCH 34k 4.7nF
D1: LUMINUS PT121 L1: MVR1261C-112ML M1: RJK0365DPA M2: RJK0328DPB M3: SiR496DP
10k
3743 TA05
Switched Cathode PWM Dimming (100:1) 0A to 20A
100 PWM 5V/DIV ILED 10A/DIV 90 80 EFFICIENCY (%) 70 60 50 40 30 10s/DIV
3743 TA05b
0A to 20A Efficiency
SW 10V/DIV
20 10 0 0 VIN = 12V GREEN LED 20 60 80 40 PWM DIMMING DUTY CYCLE (%) 100
3743 TA05c
3743f
23
LT3743 TYPICAL APPLICATIONS
12V, 5A Lithium-Ion Battery Charger
CONTROLLER
EN/UVLO PWM CTRL_SEL CTRL_H CTRL_L RT SYNC
VIN 1F HG 100nF CBOOT 3.6H 10m 20F
VIN 12V
82.5k
VOUT 5A MAXIMUM
LT3743
SW
+
3.6V 20F
VREF 2nF RHOT 45.3k CTRL_T RNTC 680k SS 10nF
VCC_INT LG GND SENSE+ SENSE- PWMGH PWMGL
40.2k FB VCL 56.2k 9nF VCH 56.2k 9nF 10k
3743 TA06
3743f
24
LT3743 TYPICAL APPLICATIONS
24V, 20A 3-LED Driver
EN/UVLO PWM VCC_INT 82.5k
EN/UVLO PWM CTRL_SEL RT SYNC VREF LT3743
VIN 1F HG 100nF CBOOT SW 1.2H 2.5m 80F
VIN 24V
VOUT 20A MAXIMUM 500F
2nF
20k CTRL_H 60.4k RHOT 45.3k CTRL_L VCC_INT LG GND SENSE+ SENSE- PWMGH CTRL_T RNTC 680k SS 10nF VCL PWMGL FB VCH 24.3k 4.7nF 20F
RED LEDs
316k 20k
3743 TA07
Efficiency
100 95 90 EFFICIENCY (%) 85 80 75 70 65 60 0 20 60 40 DUTY CYCLE (%) VIN = 24V 3 RED LEDs 80 100
3743 TA07b
3743f
25
LT3743 PACKAGE DESCRIPTION
UFD Package 28-Lead Plastic QFN (4mm x 5mm)
(Reference LTC DWG # 05-08-1712 Rev B)
0.70 0.05
4.50
0.05 3.10
0.05 2.50 REF 2.65 0.05 3.65 0.05
PACKAGE OUTLINE
0.25 0.05 0.50 BSC 3.50 REF 4.10 0.05 5.50 0.05 RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED 4.00 0.10 (2 SIDES) 0.75 0.05 R = 0.05 TYP
2.50 REF R = 0.115 TYP 27 28
PIN 1 NOTCH R = 0.20 OR 0.35 45 CHAMFER
PIN 1 TOP MARK (NOTE 6)
0.40 1 2
0.10
5.00 0.10 (2 SIDES)
3.50 REF 3.65 0.10 2.65 0.10
(UFD28) QFN 0506 REV B
0.200 REF 0.00 - 0.05
0.25
0.05
0.50 BSC BOTTOM VIEW--EXPOSED PAD
NOTE: 1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WXXX-X). 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
3743f
26
LT3743 PACKAGE DESCRIPTION
FE Package 28-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1663)
Exposed Pad Variation EB
4.75 (.187) 9.60 - 9.80* (.378 - .386) 4.75 (.187) 28 27 26 2524 23 22 21 20 1918 17 16 15
6.60 0.10 4.50 0.10
2.74 (.108)
SEE NOTE 4
0.45 0.05 1.05 0.10 0.65 BSC
RECOMMENDED SOLDER PAD LAYOUT
EXPOSED PAD HEAT SINK ON BOTTOM OF PACKAGE
6.40 2.74 (.252) (.108) BSC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 1.20 (.047) MAX
0 -8
4.30 - 4.50* (.169 - .177)
0.25 REF
0.09 - 0.20 (.0035 - .0079)
0.50 - 0.75 (.020 - .030)
0.65 (.0256) BSC
0.195 - 0.30 (.0077 - .0118) TYP
0.05 - 0.15 (.002 - .006)
FE28 (EB) TSSOP 0204
NOTE: 1. CONTROLLING DIMENSION: MILLIMETERS 2. DIMENSIONS ARE IN MILLIMETERS (INCHES) 3. DRAWING NOT TO SCALE
4. RECOMMENDED MINIMUM PCB METAL SIZE FOR EXPOSED PAD ATTACHMENT *DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.150mm (.006") PER SIDE
3743f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
27
LT3743 TYPICAL APPLICATION
24V, 40A Pulsed LED Driver
EN/UVLO PWM CTRL_SEL 150k EN/UVLO PWM CTRL_SEL RT SYNC VREF LT3743 1F RHOT 45.2k 40k 1F 40k 1F CTRL_T RNTC 680k SS 1F FB VCL 51k 5.6nF VCH 51k 5.6nF 1nF 1mF 20k
3743 TA08
VIN
4.7F 8 M1 220nF
200F
200F
VIN 24V
VIN = 12V 4A to 40A LED Current Step
VOUT 40A MAXIMUM D1 1F CTRL_SEL 5V/DIV ILED 20A/DIV
HG CBOOT SW
L1 800nH 1.25m
CTRL_L
VCC_INT LG
20F
1mF M2 10 10 1mF
CTRL_H
GND SENSE+ SENSE- PWMGH PWMGL 33nF
M3 M4
SW 10V/DIV 20s/DIV
3743 TA08b
140k
RELATED PARTS
PART NUMBER LT3755/LT3755-1 LT3756/LT3756-1 LTC3783 LT3517 LT3518 LT3496 LT3474/LT3474-1 LT3475/LT3475-1 LT3476 LT3478/LT3478-1 DESCRIPTION High Side 40V, 1MHz LED Controller with True Color 3000:1 PWM Dimming High Side 100V, 1MHz LED Controller with True Color 3000:1 PWM Dimming High Side 36V, 1MHz LED Controller with True Color 3000:1 PWM Dimming 1.3A, 2.5MHz High Current LED Driver with 3000:1 Dimming 2.3A, 2.5MHz High Current LED Driver with 3000:1 Dimming Triple Output 750mA, 2.1MHz High Current LED Driver with 3000:1 Dimming 36V, 1A (ILED), 2MHz Step-Down LED Driver Dual 1.5A (ILED), 36V Step-Down LED Driver Quad Output 1.5A, 2MHz High Current LED Driver with 1000:1 Dimming 4.5A, 2MHz High Current LED Driver with 3000:1 Dimming COMMENTS VIN: 4.5V to 40V, VOUT(MAX) = 60V, Dimming = 3000:1 True Color PWMTM, ISD < 1A, 3mm x 3mm QFN16, MSOP16E VIN: 6V to 100V, VOUT(MAX) = 100V, Dimming = 3000:1 True Color PWM, ISD < 1A, 3mm x 3mm QFN16, MSOP16E VIN: 3V to 36V, VOUT(MAX) = 40V, Dimming = 3000:1 True Color PWM, ISD < 20A, 4mm x 5mm DFN16, TSSOP16E VIN: 3V to 30V, Dimming = 3000:1 True Color PWM, ISD < 1A, 4mm x 4mm QFN16 VIN: 3V to 30V, Dimming = 3000:1 True Color PWM, ISD < 1A, 4mm x 4mm QFN16 VIN: 3V to 30V, VOUT(MAX) = 40V, Dimming = 3000:1 True Color PWM, ISD < 1A, 4mm x 5mm QFN28 VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 400:1 True Color PWM, ISD < 1A, TSSOP16E VIN: 4V to 36V, VOUT(MAX) = 13.5V, Dimming = 3000:1 True Color PWM, ISD < 1A, TSSOP20E VIN: 2.8V to 16V, VOUT(MAX) = 36V, Dimming = 1000:1 True Color PWM, ISD < 10A, 5mm x 7mm QFN10 VIN: 2.8V to 36V, VOUT(MAX) = 40V, Dimming = 1000:1 True Color PWM, ISD < 10A, 5mm x 7mm QFN10
True Color PWM is a trademark of Linear Technology Corporation.
3743f
28 Linear Technology Corporation
(408) 432-1900
LT 1109 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
FAX: (408) 434-0507 www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2009


▲Up To Search▲   

 
Price & Availability of LT3743EFEPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X