Part Number Hot Search : 
BR3010 PIC18 C124EU B140N 2KFKE 0M25X4 42827 SS2040FL
Product Description
Full Text Search
 

To Download KMP3400L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3400L Series
Shielded Surface Mount Inductors
SELECTION GUIDE
Order Code
34L122C 34L152C 34L222C 34L332C 34L472C 34L682C 34L103C 34L153C 34L223C 34L333C 34L473C 34L683C 34L104C 34L154C 34L224C
Inductance, L 20% H
1.2 30% 1.5 30% 2.2 30% 3.3 30% 4.7 30% 6.8 30% 10 15 22 33 47 68 100 150 220
DC Current 2 Max. A
1.70 1.65 1.35 1.00 0.70 0.68 0.66 0.65 0.48 0.36 0.31 0.28 0.24 0.18 0.16
DC Resistance Max.
0.075 0.085 0.100 0.150 0.180 0.265 0.325 0.520 0.780 1.180 1.820 2.130 3.330 6.100 8.000
FEATURES
RoHS compliant Inductance range from 1.2H to 220H Small footprint Ultra-low profile UL 94V-0 packaging materials Tape & reel J-STD-020C reflow Custom inductance values available
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range SOLDERING INFORMATION1 Peak reflow solder temperature Pin finish Moisture sensitivity level3
-40C to 125C -40C to 150C
PRODUCT OVERVIEW
The 3400L series is a lower profile version of our 3400 series range of bobbin-wound, shielded inductors. They are suitable for power-line filtering found in consumer electronics such as desktop computers, handheld devices and GPS systems, as well as in a vast range of industrial and telecom applications including network hubs, bridges/routers, and high frequency wireless communication devices. These surface mount inductors are extremely compact and have an integral shield, making them useful in EMI sensitive applications.
260C SAC 305 1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
5.2 (0.205) Max. 1.2 (0.047) Max.
5.2 (0.205) Max.
332 C
1.80.4 (0.0710.016)
Package weight: 0.11g Typ.
Recommended Footprint Details
5.25 (0.207)
1.4 (0.055)
R1.75 (0.069)
All dimensions in mm (inches)
For full details go to www.murata-ps.com/rohs
Specifications typical at TA = 25C 1 For further information, please visit www.murata-ps.com/rohs 2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches 40C, whichever is sooner. 3 When tested to moisture sensitivity level 1, as described per IPC/JEDEC J-STD-020D, products passed electrical testing, package coplanarity and visual inspection.
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
5.25 (0.207)
KMP_3400LC_A01 Page 1 of 3
3400L Series
Shielded Surface Mount Inductors
INDUCTANCE Vs CURRENT
1000
100H
100
Inductance, L (H)
10
10H
1
1.2H
0.1 0.0 0.0 0.1 1.0 10.0
Current, IDC (A)
TEMPERATURE Vs CURRENT
60
Temperature rise above ambient, t (C)
100H
50
10H
1.2H
40
30
20
10
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
Current, IDC (A)
INDUCTANCE Vs FREQUENCY
1000
220uH 100H
Inductance, L (H)
100
10H
10
1.2H
1 10 100 1000 10000
Frequency, (kHz)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_3400LC_A01 Page 2 of 3
3400L Series
Shielded Surface Mount Inductors
PACKAGE SPECIFICATIONS
Mechanical Dimensions
O331 (13.03) Max.
O99.5 (3.92) Min. O13.50 O 0.531 12.80 0.504 Leader Section 400 (15.748) Min. 100 (3.937) Min.
2.3 (0.091) 18.4 (0.724) Max. Goods Enclosure Section 12.40.2 (0.4880.008)
Trailer Section 160 (6.299) Min.
O21.5 (0.846)
All dimension in mm (inches)
Tape Outline Dimensions
1.75 (0.069) 4.00 (0.157) O1.50 (0.059) 0.30 (0.012)
5.50 12.00 (0.217) (0.472)
5.30 (0.209)
5.30 (0.209)
8.00 (0.315) Direction of unreeling
Reel quantity: 4000 Unless otherwise stated, all dimensions in mm (inches).
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
332 C
332 C
332 C
USA: UK: France: Japan:
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
China:
332 C
5.30 (0.209)
1.50 (0.059)
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_3400LC_A01 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of KMP3400L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X