Part Number Hot Search : 
HPR414C RC2002M 4N2X08 SA100 3256PFD 57737 74279205 RS1507M
Product Description
Full Text Search
 

To Download KBU8K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBU8A THRU KBU8M
FEATURES l Low cost l This series is UL recognized under component index , file number E127707 l High forward surge current capability l Ideal for printed circuit board l High temperature soldering guaranteed: 260 oC/10 second, 0.375" (9.5mm) lead length at 5 lbs.(2.3kg) tension. MECHANICAL DATA l Case: Transfer molded plastic l Terminal: Lead solderable per MIL-STD-202E method 208C l Polarity: Polarity symbols marked on case l Mounting: Thru hole for #6 screw, 5 in.-lbs terque max l Weight: 0.27 ounce, 7.59 gram
VOLTAGE RANGE CURRENT 50 to 1000 Volts 8.0 Amperes
RS-6
0.28(7.1) 0.26(6.6) 0.089(2.3) 0.069(1.7) 0.935(23.7) 0.895(22.7) 0.160(4.1) 0.140(3.6)
0.19(4.8) 0.17(4.3)
0.185(4.7) 0.165(4.2)
X 4 5
0.24(6.1) 0.22(5.6) +
0.700(17.8) 0.660(16.8)
0.760(19.3)MAX
AC
-
0.260(6.6) 0.180(4.5)
0.220(5.6) 0.180(4.6) 0.052(1.3)DIA. 0.048(1.2)TYP.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS KBU8A Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=100 (Note 2) TA=45 (Note 3) IFSM I2 t VF IR VRRM VRMS VDC I(AV) 50 35 50 KBU8B 100 70 100 KBU8D 200 140 200 KBU8G 400 280 400 8.0 6.0 300 373 1.0 5.0 1.0 CJ RJC TJ , TSTG 200 5.0 -55 to +150 Amps A2 s Volts Amps mAmps pF /W KBU8J 600 420 600 KBU8K KBU8M 800 560 800 1000 700 1000 UNITS Volts Volts Volts Amps
Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing (t<8.3ms) Maximum Instantaneous Forward Voltage Drop per bridge element at 8.0A Maximum DC Reverse Current at rated DC blocking voltage per element Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range TA=25 TA=100
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 2. Unit mounted on 3.0"x3.0"x0.11" thick (7.5x7.5x0.3cm) Al. plate. 3. Unit mounted in free air, no heatsink, P.C.B at 0.375" (9.5mm) lead length with 0.5"x0.5" (12x12cm) copper pads
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER KBU8A THRU KBU8M
VOLTAGE RANGE CURRENT 50 to 1000 Volts 8.0 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of KBU8K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X