Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download KBU8005G-KBU810G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU8005G thru KBU810G
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -175 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 8.0 Amperes KBU
.157(4.0)*45 .935(23.7) .895(22.7) .15 X23L (3.8 X5.7L) HOLE THRU
molded plastic technique
Plastic material has UL Mounting postition:Any Mounting torgue:5 In.Ib.Max
.700(17.8) .600(16.8)
300 (7.5) .780(19.8) .740(18.8)
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .276(7.0) .256(6.5)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at TC=100 Peak Forward Surge Current 8.3ms single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Instantanous Forward Voltage Drop per Element at 4.0A Maximum Reverse Leakage at rated TJ=25 DC Blocking Voltage Per Element TJ=100 Typical Junction Capacitance Per Element (Note1) Operating Temperature Range Storage Temperature Range
SYMBOL VRRM VRMS VDC I(AV)
KBU 8005G 50 35 50
KBU 801G 100 70 100
KBU 802G 200 140 200
KBU 804G 400 280 400 8.0
KBU 806G 600 420 600
KBU 808G 800 560 800
KBU 810G 1000 700 1000
UNIT V V V A
IFSM
175
A
VF IR CJ TJ TSTG
1.1 10 100 250 -55 to +150 -55 to +150
V A pF
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
~ 460 ~
RATING AND CHARACTERTIC CURVES KBU8005G thru KBU810G
FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT 8.0 AVERAGE FORWARD OUTPUTCURRENT AMPERES 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0
MOUNTED ON4*4 INCH COPPER PC BOARD.TA .51(1.27mm)LEAD LENGTH HEAT SINK MOUNTING
FIG.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC 100 INSTANTANCEOUS FORWARD CURRENT, AMPERES 40 20 10 4.0
1.0 0.4 0.2 0.1 0.6 0.7 0.8
TJ=25 PULSE WIDTH=300S 1%DUTY CYCLE
50
100
150
CASE TEMPERATURE,
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGEVOLTS
FIG.3-MAXIMUM NON-RETETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES INSTANTANCEOUS REVERSE CURRENT, MICRAMPERES 200 10
FIG.4-TYPICAL REVERSE CHARACTERISTICS
TJ=100C
150
1.0
100
0.1
50
0 1
TJ=25C
10 NUMBER OF CYCLES AT 60HZ
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT 400
TJ=25C
CAPACITANCE,(pF)
100 50
10 1 5 10 50 100 REVERSE VOLTAGE ,VOLTS
~ 461 ~


▲Up To Search▲   

 
Price & Availability of KBU8005G-KBU810G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X