Part Number Hot Search : 
TR3000 P410003 2SK122 CPC1317 IS42S 15A02 40031AIL 2SA106
Product Description
Full Text Search
 

To Download KBU35005-KBU3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU35005 thru KBU3510
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 35.0 Amperes KBU
.157(4.0)*45 .935(23.7) .895(22.7) .15 X23L (3.8 X5.7L) HOLE THRU
FEATURES
Surge overload rating -400 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
.700(17.8) .600(16.8)
300 (7.5) .780(19.8) .740(18.8)
flammability classification 94V-0
Mounting postition:Any
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .276(7.0) .256(6.5)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 1) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 17.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
KBU 35005 50 35 50
KBU 3501 100 70 100
KBU 3502 200 140 200
KBU 3504 400 280 400 35.0 4.2 400 1.1 10 500 -55 to+125 -55 to+150
KBU 3506 600 420 600
KBU 3508 800 560 800
KBU 3510 1000 700 1000
UNIT V V V A
IFSM VF IR TJ TSTG
A V A
NOTES: 1.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
~ 364 ~
RATING AND CHARACTERISTIC CURVES KBU35005 thru KBU3510
FIG.1-MAXIMUM FORWARD SURGE CURRENT 400 AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 350 300 250 200
TJ=25C
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED CURRENT 40
30
20
150 100 50 0 1 10 NUMBER OF CYCLETS AT 60Hz 100
10
0 50
100
150
CASE TEMPERATURE ()
FIG.3- TYPICAL FORWARD CHARACTERISTICS 100 10
FIG.4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT (AMPERES)
10
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
1.0
1.0
TJ = 25C
0.1
0.1
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 365 ~


▲Up To Search▲   

 
Price & Availability of KBU35005-KBU3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X