Part Number Hot Search : 
12000 D4SBL 70DR12M BTS3207 HZS152 22AH2T CKG32KX 60T03G
Product Description
Full Text Search
 

To Download KBPC10005-KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC10/15/25/35/50A SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 10/15/25/35/50 Amperes KBPC
.442(11.23) .424(10.77) .921(23.4) .882(22.4) 0.94 (2.4) diam .254(6.45) .242(6.15) 1.133(28.8) 1.114(28.3) .673(17.1) .634(16.1)
FEATURES
Surge overload -240~500 Amperes peak Low forward voltage drop Mounting Position : Any Electrically isolated base -2000 Volts Solderable 0.25" FAST ON terminals Materials used carries U/L recognition
.035(0.9) .028(0.7) Hole for No.8 screw 193"(4.9)diam
.732(18.6) .693(17.6)
.673(17.1) .634(16.1) 1.133(28.8) 1.114(28.3)
.583(14.8) .543(13.8)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load current by 20%
KBPC 10005 KBPC 1001 1501 2501 3501 5001 100 70 10 KBPC 10 IFSM 240 KBPC 15 KBPC 1002 1502 2502 3502 5002 200 140 15 300 KBPC 1004 1504 2504 3504 5004 400 280 25 KBPC 25 400 KBPC 35 KBPC 1006 1506 2506 3506 5006 600 420 KBPC 1008 1508 2508 3508 5008 800 560 35 400 KBPC 50 KBPC 1010 1510 2510 3510 5010 1000 700 50 500 V V A UNIT
CHARACTERISTICS
SYMBOL
15005 25005 35005 50005
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rate DC Blocking Voltage Per Element @TJ=25 Operating Temperature Range Storage Temperature Range @TC=55
VRRM VRMS I(AV)
50 35
A
VF IR TJ TSTG
1.1 10 -55 to +125 -55 to +150
V A
~ 328 ~
RATING AND CHARACTERISTIC CURVES KBPC10/15/25/35/50A SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 600 AVERAGE FORWARD OUTPUT CURRENT , AMPERES 50
KBPC50
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
500
KBPC50
400
KBPC25/35
40 30
KBPC35
300
KBPC15
200
20 10
KBPC25
KBPC15 KBPC10
100 0 1
KBPC10
0
10 NUMBER OF CYCLETS AT 60Hz
100
50
100
150
CASE TEMPERATURE,C
FIG.3-TYPICAL FORWARD CHARACTERISTICS
KBPC35/50 KBPC15 KBPC25 KBPC10
100
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
0.1
TJ=25
0.1
0.01 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 PERCENT OF RATED PEAK REVERSE VOLTAGE 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 329 ~


▲Up To Search▲   

 
Price & Availability of KBPC10005-KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X