Part Number Hot Search : 
MT3170BE 100110 MC68488P 247FN CS843 C3197 20020 BT878
Product Description
Full Text Search
 

To Download JWS11BBA-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Internationally Approved Rockers
Series JWS
Distinctive Characteristics
Rocker caps and housing available in a variety of colors. Protective barrier available to prevent accidental actuation.
Constructed for dust resistance with interior cover of polyamide between actuator and contact area.
Easy, crisp actuation.
Small size well suited for telecommunication, measuring, automation, and consumer applications.
Terminals are molded in to lock out flux, dust, and other contaminants.
Outer case of heat resistant resin meets UL94V-0 flammability standard.
Spot illuminated rocker available.
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
02-08
Internationally Approved Rockers
Series JWS
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 10A @ 125/250V AC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength:
Mechanical Life: Electrical Life: Nominal Operating Force: Angle of Throw:
10 milliohms maximum 500 megohms minimum @ 500V DC 2,000V AC minimum between contacts for 1 minute minimum; 4,000V AC minimum between contacts & case for 1 minute minimum 30,000 operations minimum 10,000 operations minimum Single Pole 3.92N & Double Pole 5.39N 30
Materials & Finishes
Rocker: Housing/Case: Movable Contactor: Movable Contacts: Stationary Contacts: End Terminals: Common Terminals: Lamp Terminals:
Polyphenylene ether (UL94V-0) Polyamide (UL94V-0) Copper with silver plating Silver Silver Brass with silver plating Copper with silver plating Phosphor bronze with tin plating (illuminated models only)
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock: Sealing:
-25C through +70C (-13F through +158F) for nonilluminated models; -25C through +50C (-13F through +122F) for illuminated models 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 15 minutes; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Dust resistant inner seal
Installation
Soldering: Cleaning:
Manual Soldering: See Profile A in Supplement section. These devices are not process sealed. Hand cleaning locally using alcohol based solution.
Standards & Certifications
Flammability Standards: UL Recognized: C-UL Recognized: CSA Certified:
V DE
R
VDE Approved:
UL94V-0 for rocker & housing/case All JWS models recognized at 6A @ 125/250V AC; UL File No. WOYR2.E44145 All JWS models recognized at 6A @ 125/250V AC; UL File No. WOYR8.E44145 All JWS models certified at 6A @ 125/250V AC; CSA File No. 023535-0-000 All JWS models approved at 5A (3A) @ 125/250V AC; VDE License No. 119153
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
02-08
Internationally Approved Rockers
TYPICAL SWITCH ORDERING EXAMPLE
Series JWS
JW
S
RATING
2
1
R
A
A
SPOT ILLUMINATION
No Code C D F Nonilluminated Red LED Amber LED Green LED
BARRIER TYPES
R B No Barrier With Barrier
S
10A @ 125/250V AC
POLES
1 2 SPST Nonilluminated & Illuminated DPST Nonilluminated only A *B C
CAP COLORS
Black Ivory Red
BARRIER COLOR
A Black
* For Nonilluminated only
CIRCUIT
1 ON NONE OFF
HOUSING COLORS
A *B Black Ivory
IMPORTANT:
Standard markings: UL, C-UL, & CSA on 6A models; VDE on 5A models. Specific models & ratings for international approvals noted on General Specifications page.
* For Nonilluminated only
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JWS21RAA
Black Rocker Cap Black Housing/No Barrier DPST ON-NONE-OFF Circuit
Rated 6A @ 125/250V AC
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
02-08
Internationally Approved Rockers
RATING S
Power Level 6A @ 125/250V AC
Series JWS
POLES & CIRCUITS
Rocker Position Down Pole SP Model JWS11 ON NONE OFF 2-3 OPEN OPEN Center Up Connected Terminals Down Center Up Throw & Schematics Note: Terminal numbers are actually on the switch. SPST
INTERNAL CONNECTION
2
3
DP
JWS21
ON
NONE
OFF
1-3 4-6
OPEN
OPEN
DPST
1
3
4
6
INTERNAL CONNECTION
BARRIER TYPES & COLORS R
No Barrier
B
With Barrier
No-barrier type has a flat flange which is an integral part of the switch.
Barrier Material: Polyamide Finish: Matte Barrier AT219 is factory assembled. Dimensions for barrier are shown in the Accessories section. Barrier Color Available:
A
Black
CAP COLORS
Cap Material: Polyphenelene Oxide Finish: Matte Rocker cap is an integral part of the switch and not available separately. * Ivory for nonilluminated models only. Cap Colors Available:
A
Black
B
* Ivory
C
Red
HOUSING
Material: Polyamide Finish: Matte Colors Available:
A
Black
B
Ivory (for nonilluminated models only)
TERMINALS
(1.2) R .047 (0.65) R .026 (4.75) .187 (6.4) (4.4) .252 .173 (3.25) .128 Thk = (0.5) .020
Solder Lug/.187" (4.75mm) Quick Connect Switch assembly with connectors is not UL, CSA, C-UL, or VDE approved.
(5.0) .197 (3.0) (1.8) .118 .071 (1.0) .039 Thk = (0.25) .010
Switch
Lamp (spot illuminated models only)
02-08
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Internationally Approved Rockers
Series JWS
D
Amber 20mA 15mA 1.9V 5V 0.27mA/C -25C ~ +50C
LED COLORS & SPECIFICATIONS FOR SPOT ILLUMINATED MODELS
LEDs are supplied as an integral part of illuminated devices and are not available separately. LED polarity markings are on the bottom of the switch. The electrical specifications shown here are determined at a basic temperature of 25C. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section.
(+) (-)
C
Color Red 25mA 20mA 2.0V 4V 0.42mA/C I FM IF VF VRM I F
F
Green 20mA 15mA 1.95V 5V 0.27mA/C
Forward Peak Current Continuous Forward Current Forward Voltage Reverse Peak Voltage Current Reduction Rate Above 25C Ambient Temperature Range
PANEL CUTOUT & PANEL THICKNESS RANGES
Panel Thickness Ranges:
(19.2) .756
Without Barrier: .030" ~ .079" (0.75mm ~ 2.0mm) With Barrier: .024" ~ .059" (0.6mm ~ 1.5mm)
(12.9) .508
TYPICAL SWITCH DIMENSIONS
Nonilluminated * No Barrier
Part No.
Single Pole
(5.3) .209 (0.5) Typ .020 (6.5) .256 (19.0) .748 (4.75) .187
3 2
(21.0) .827
(15.0) .591
30 (12.3) .484 (10.2) .402 (15.0) .591 (2.0) .079
(16.0) .630
(6.4) .252
(12.4) .488 (12.8) .504
JWS11RCA
Nonilluminated * No Barrier
Part No.
Double Pole
(5.3) .209 (1.2)R Typ .047 (0.65)R Typ .026 (5.5) .217 (19.0) .748 (8.5) .335 (0.5) Typ .020
6 4
3
(21.0) .827
(15.0) .591
30 (12.3) .484 (10.2) .402 (15.0) .591 (2.0) .079 (5.6) .220 (6.4) .252
(4.5) (4.75) Typ .177 .187
1
(16.0) .630
(12.4) .488 (12.8) .504
JWS21RAA
DPST models have IEC symbols for On-Off on the flange.
02-08
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Internationally Approved Rockers
TYPICAL SWITCH DIMENSIONS
Nonilluminated * With Barrier
Part No.
Series JWS
(4.75) .187
Single Pole
(0.5) Typ .020 (6.5) .256 (19.0) .748
3 2
(15.0) .591
(19.5) .768
(21.0) .827
(24.0) .945
JWS11BBA-A
(10.2) .402 (15.0) .591 (16.5) .650
(7.0) .276
(13.5) .531
(6.4) .252
(12.4) .488 (12.8) .504 (20.5) .807
Nonilluminated * With Barrier
Part No.
Double Pole
(1.2)R Typ .047 (0.65)R Typ .026 (5.5) .217 (19.0) .748 (8.5) .335 (0.5) Typ .020
6 4
(15.0) .591
3 1
(19.5) .768
(4.5) (4.75) Typ .177 .187
(24.0) .945 (21.0) .827
(10.2) .402 (15.0) .591 (16.5) .650
(7.0) .276
(13.5) .531
(5.6) .220 (6.4) .252
(12.4) .488 (12.8) .504 (20.5) .807
JWS21BAA-A
DPST models have IEC symbols for On-Off on the flange.
Spot Illuminated * No Barrier
Part No.
Single Pole
(5.3) .209 (6.4) .252 (0.5) Typ .020 (12.4) .488 (4.75) .187
(15.0) .591
30 (12.3) .484 (6.0) .236 (10.2) .402 (15.0) .591
(6.5) Typ .256 (19.0) .748 (1.5) .059 (0.25) 0.01 (1.8) Typ .071
3 2
(21.0) .827
(2.1) .083
(2.0) .079
(16.0) .630
(5.0) .197 (9.2) .362
(12.0) .472 (12.8) .504
(4.0) .157
JWS11RCAF
Spot Illuminated * With Barrier
(10.2) .402 Part No.
Single Pole
(6.4) .252 (0.5) Typ .020 (12.4) .488 (4.75) .187
(15.0) .591
(19.5) .768
(6.5) Typ .256 (19.0) .748 (1.5) .059 (0.25) 0.01 (1.8) Typ .071
3 2
(21.0) .827
(24.0) .945
(2.1) .083
(6.0) .236 (15.0) .591 (16.5) .650
(7.0) .276
(13.5) .531
(5.0) .197 (9.2) .362
(12.8) .504 (20.5) .807
(4.0) .157
JWS11BAAF-A NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 02-08


▲Up To Search▲   

 
Price & Availability of JWS11BBA-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X