Part Number Hot Search : 
2CQ60 SCS715F WM8804 PC2500AH EPF6016 30KW96CA 2SB933 MA824
Product Description
Full Text Search
 

To Download J850SM2CS12VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
E197851
J850SM
14.0 x 9.0 x 4.9 mm
Features
* * * *
Monostable Passes FCC part 68 Ultra low profile, 4.90mm height UL/CUL certified
Contact Data
Contact Arrangement Contact Rating 2C = DPDT, bifurcated contact 1A @ 30VDC .5A @ 125VAC Maximum Switching Power
Specifications and availability subject to change without notice.
Contact Resistance Contact Material
< 50 milliohms initial AgPd stationary contact, Au plated 30W 250VAC, 220VDC 1A
Maximum Switching Voltage Maximum Switching Current
Coil Data
Coil Voltage VDC Coil Resistance +/- 10% Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 64.3 145 178 257 579 1028 2880 2.25 3.38 3.75 4.50 6.75 9.00 18.00 10% of rated voltage 0.30 0.45 0.50 0.60 0.90 1.20 2.40 .20 .14 2 1 Coil Power W Operate Time ms Release Time ms
Rated 3 4.5 5 6 9 12 24
Max 3.9 5.7 6.5 7.8 11.7 15.6 31.2
Dimensions shown in mm. Dimensions are shown for reference purposes only.
General Data
Electrical Life @ rated load Mechanical Life Capacitance: between open contacts between coil & contacts between contact poles Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 200K cycles, typical 100M cycles, typical 0.4pF 0.9pF 0.2pF 1000V rms min. @ sea level 1000V rms min. @ sea level 500m/s2 for 11 ms 3mm double amplitude 10~40Hz 5N -40oC to +85oC -40oC to +155oC 260oC for 5 s 1.5g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
page 1
phone - 763.535.2339
www.citrelay.com
fax - 763.535.2194
J850SM
Ordering Information
1. Series J850SM 2. Contact Arrangement 2C = DPDT 3. Sealing Option S = Sealed 4. Operating Function Blank = Monostable 5. Coil Voltage 3VDC 4.5VDC 5VDC 6VDC 9VDC 12VDC 24VDC J850SM 2C S L1 6VDC
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Dimensions
Units = mm
Schematics & PC Layouts
Bottom Views
Specifications and availability subject to change without notice.
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of J850SM2CS12VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X