Part Number Hot Search : 
07TDVST2 AN8488SB MICON 224007 N2222A LMA9020 ZMY91 A3141LU
Product Description
Full Text Search
 

To Download IPP80N03S4L-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
OptiMOS(R)-T2 Power-Transistor
Product Summary V DS R DS(on),max (SMD version) ID 30 2.4 80 PG-TO262-3-1 V m A
Features * N-channel - Enhancement mode * Automotive AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green product (RoHS compliant) * Ultra low Rds(on) * 100% Avalanche tested
PG-TO263-3-2
PG-TO220-3-1
Type IPB80N03S4L-02 IPI80N03S4L-03 IPP80N03S4L-03
Package PG-TO263-3-2 PG-TO262-3-1 PG-TO220-3-1
Marking 4N03L02 4N03L03 4N03L03
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current1) Symbol ID Conditions T C=25 C, V GS=10 V T C=100 C, V GS=10 V2) Pulsed drain current2) Avalanche energy, single pulse Avalanche current, single pulse Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS I AS V GS P tot T j, T stg T C=25 C T C=25 C I D=80 A T C=25 C Value 80 80 320 260 80 16 136 -55 ... +175 55/175/56 mJ A V W C Unit A
Rev. 2.0
page 1
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D= 1 mA V GS(th) I DSS V DS=V GS, I D=90 A V DS=30 V, V GS=0 V, T j=25 C V DS=30 V, V GS=0 V, T j=125 C2) V DS=18 V, V GS=0 V, T j=85 C2) Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=16 V, V DS=0 V V GS=4.5 V, I D=40 A V GS=4.5 V, I D=40 A, SMD version V GS=10 V, I D=80 A V GS=10 V, I D=80 A, SMD version 30 1.0 1.5 0.01 2.2 1 A V 1.1 62 62 40 K/W Values typ. max. Unit
-
10
1000
-
5 1 2.8 2.5 2.3 2.0
60 100 3.2 2.9 2.7 2.4 nA m
Rev. 2.0
page 2
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current2) Diode pulse current2) Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=15 V, I F=I S, di F/dt =100 A/s 0.6 0.9 80 320 1.3 V A Q gs Q gd Qg V plateau V DD=24 V, I D=80 A, V GS=0 to 10 V 22 14 110 3.1 30 28 140 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=80 A, R G=3.5 V GS=0 V, V DS=25 V, f =1 MHz 7500 1900 100 14 9 62 13 9750 2500 200 ns pF Values typ. max. Unit
Reverse recovery time2)
t rr
-
120
-
ns
Reverse recovery charge2)
1)
Q rr
-
100
-
nC
Current is limited by bondwire; with an R thJC = 1.1K/W the chip is able to carry 192A at 25C. For detailed information see Application Note ANPS071E at www.infineon.com/optimos
2) 3)
Defined by design. Not subject to production test.
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 2.0
page 3
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
1 Power dissipation P tot = f(T C); V GS 6 V 2 Drain current I D = f(T C); V GS 6 V; SMD
160 140
100
80 120 100
60
P tot [W]
80 60 40
I D [A]
40 20 0 0 50 100 150 200 0 50 100 150 200
20 0
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0; SMD parameter: t p
1000
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
101
1 s 10 s 100 s
100
100
1 ms
0.5
Z thJC [K/W]
I D [A]
0.1
10
-1
0.05
10 10-2
0.01
single pulse
1 0.1 1 10 100
10-3 10-6 10-5 10-4 10-3 10-2 10-1 100
V DS [V]
t p [s]
Rev. 2.0
page 4
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
5 Typ. output characteristics I D = f(V DS); T j = 25 C; SMD parameter: V GS
360
10 V
6 Typ. drain-source on-state resistance R DS(on) = f(I D); T j = 25 C; SMD parameter: V GS
10
3V 3.5 V
320 280 240 200 160 120 80 40
5V
4.5 V
4V
9 8 7
3.5 V
R DS(on) [m]
I D [A]
6 5 4
3V
3 2 1
4V 4.5 V 5V 10 V
2.5 V
0 0 1 2 3 4
0
50
100
150
200
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 6V parameter: T j
350
-55 C 25 C 175 C
8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D = 80 A; V GS = 10 V; SMD
3.5
300 3 250
R DS(on) [m]
1 2 3 4 5
200
2.5
I D [A]
150
2
100 1.5
50
0
1 -60 -20 20 60 100 140 180
V GS [V]
T j [C]
Rev. 2.0
page 5
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
2 1.75
800A
10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
104
Ciss
1.5
80A
Coss
1.25
V GS(th) [V]
1 0.75 0.5 0.25 0 -60 -20 20 60 100 140 180 101 0 5 10 15 20 25 30
C [pF]
103
102
Crss
T j [C]
V DS [V]
11 Typical forward diode characteristicis IF = f(VSD) parameter: T j
103
12 Typ. avalanche characteristics I A S= f(t AV) parameter: T j(start)
100
25C 100C
102
150C
I AV [A]
175 C 25 C
I F [A]
10
10
1
100 0 0.2 0.4 0.6 0.8 1 1.2 1.4
1 1 10 100 1000
V SD [V]
t AV [s]
Rev. 2.0
page 6
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
13 Typical avalanche energy E AS = f(T j) parameter: I D
1250 34
14 Typ. drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
33 1000
20 A
32
V BR(DSS) [V]
40 A 80 A
750
E AS [mJ]
31
500
30
250
29
0 25 75 125 175
28 -60 -20 20 60 100 140 180
T j [C]
T j [C]
15 Typ. gate charge V GS = f(Q gate); I D = 80 A pulsed parameter: V DD
10 9 8 7 6
8V 24 V
16 Gate charge waveforms
V GS
Qg
V GS [V]
5 4 3 2
V g s(th)
Q g (th)
1 0 0 20 40 60 80 100 120
Q sw Q gs Q gd
Q gate
Q gate [nC]
Rev. 2.0
page 7
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
Published by Infineon Technologies AG 81726 Munich, Germany
(c) Infineon Technologies AG 2007
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of noninfringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.0
page 8
2007-03-09
IPB80N03S4L-02 IPI80N03S4L-03, IPP80N03S4L-03
Revision History Version Date Changes
Rev. 2.0
page 9
2007-03-09


▲Up To Search▲   

 
Price & Availability of IPP80N03S4L-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X