Part Number Hot Search : 
STUP520 40HF140 IRDC3476 31005 RUST2010 8025B2 TS985C6R HC407
Product Description
Full Text Search
 

To Download IPD30N06S4L-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD30N06S4L-23
OptiMOS(R)-T2 Power-Transistor
Product Summary V DS R DS(on),max ID 60 23 30 PG-TO252-3-11 V m A
Features * N-channel - Enhancement mode * AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green Product (RoHS compliant) * 100% Avalanche tested
Type IPD30N06S4L-23
Package PG-TO252-3-11
Marking 4N06L23
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol ID Conditions T C=25C, V GS=10V T C=100C, V GS=10V1) Pulsed drain current1) Avalanche energy, single pulse1) Avalanche current, single pulse Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS I AS V GS P tot T j, T stg T C=25C I D=15A T C=25C Value 30 21 120 18 30 16 36 -55 ... +175 55/175/56 mJ A V W C - Unit A
Rev. 1.0
page 1
2009-03-23
IPD30N06S4L-23
Parameter
Symbol
Conditions min.
Values typ. max.
Unit
Thermal characteristics1) Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area2) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0V, I D= 1mA V GS(th) I DSS V DS=V GS, I D=10A V DS=60V, V GS=0V, T j=25C V DS=60V, V GS=0V, T j=125C2) Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=16V, V DS=0V V GS=4.5V, I D=15A V GS=10V, I D=30A 60 1.2 1.7 0.01 2.2 1 A V 4.2 62 40 K/W
-
5 27 18
100 100 40 23 nA m
Rev. 1.0
page 2
2009-03-23
IPD30N06S4L-23
Parameter
Symbol
Conditions min.
Values typ. max.
Unit
Dynamic characteristics1) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics1) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current1) Diode pulse current1) Diode forward voltage IS I S,pulse V SD T C=25C V GS=0V, I F=30A, T j=25C V R=30V, I F=I S, di F/dt =100A/s 0.6 0.95 30 120 1.3 V A Q gs Q gd Qg V plateau V DD=48V, I D=30A, V GS=0 to 10V 4.9 2.1 16.1 4.1 6.4 4.2 21 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=30V, V GS=10V, I D=30A, R G=3.5 V GS=0V, V DS=25V, f =1MHz 1200 325 18 4 1 15 3 1560 420 36 ns pF
Reverse recovery time1)
t rr
-
10
-
ns
Reverse recovery charge1)
Q rr
-
10
-
nC
1) 2)
Specified by design. Not subject to production test.
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.0
page 3
2009-03-23
IPD30N06S4L-23
1 Power dissipation P tot = f(T C); V GS 6 V
2 Drain current I D = f(T C); V GS 6 V
40
40
30
30
P tot [W]
20
I D [A]
0 50 100 150 200
20
10
10
0
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
101
0.5
100 100
1 s
0.1 0.05
Z thJC [K/W]
I D [A]
0.01
10 s
10-1
100 s
single pulse
10
1 ms
10-2
1 0.1 1 10 100
10-3 10-6 10-5 10-4 10-3 10-2 10-1 100
V DS [V]
t p [s]
Rev. 1.0
page 4
2009-03-23
IPD30N06S4L-23
5 Typ. output characteristics I D = f(V DS); T j = 25 C parameter: V GS
120
10 V 6V
6 Typ. drain-source on-state resistance R DS(on) = f(I D); T j = 25 C parameter: V GS
40
4V 4.5 V 5V
100
35
6V
80
I D [A]
5V
60
R DS(on) [m]
30
40
4.5 V
25
4V
20
20
10 V
0 0 1 2 3 4 5 6
15 0 20 40 60 80 100 120
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 6V parameter: T j
120
-55 C
8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D = 30 A; V GS = 10 V
36
100
25 C
32
80
28
60
175 C
R DS(on) [m]
6
I D [A]
24
40
20
20
16
0 0 1 2 3 4 5
12 -60 -20 20 60 100 140 180
V GS [V]
T j [C]
Rev. 1.0
page 5
2009-03-23
IPD30N06S4L-23
9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
2.5
10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
104
2
100 A
V GS(th) [V]
1.5
10 A
C [pF]
103
Ciss
Coss
1 102
0.5
Crss
0 -60 -20 20 60 100 140 180
101 0 5 10 15 20 25 30
T j [C]
V DS [V]
11 Typical forward diode characteristicis IF = f(VSD) parameter: T j
103
12 Avalanche characteristics I A S= f(t AV) parameter: T j(start)
100
102
10
100 C
25 C
I AV [A]
I F [A]
150 C
101
175 C 25 C
1
100 0 0.2 0.4 0.6 0.8 1 1.2 1.4
0.1 0.1 1 10 100 1000
V SD [V]
t AV [s]
Rev. 1.0
page 6
2009-03-23
IPD30N06S4L-23
13 Avalanche energy E AS = f(T j); I D = 15 A
14 Drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
20
66
64 15
10
V BR(DSS) [V]
62
E AS [mJ]
60
5 58
0 25 75 125 175
56 -55 -15 25 65 105 145
T j [C]
T j [C]
15 Typ. gate charge V GS = f(Q gate); I D = 30 A pulsed parameter: V DD
10 9 8 7 6
12 V
16 Gate charge waveforms
V GS
Qg
48 V
V GS [V]
5 4 3 2
V g s(th)
Q g (th)
1 0 0 3 6 9 12 15 18
Q sw Q gs Q gd
Q gate
Q gate [nC]
Rev. 1.0
page 7
2009-03-23
IPD30N06S4L-23
Published by Infineon Technologies AG 81726 Munich, Germany
(c) Infineon Technologies AG 2009
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 8
2009-03-23
IPD30N06S4L-23
Revision History Version Date Changes
Revision 1.0
23.03.2009 Final data sheet
Rev. 1.0
page 9
2009-03-23


▲Up To Search▲   

 
Price & Availability of IPD30N06S4L-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X