Part Number Hot Search : 
A1400 SK38A G40C6 UPD78 EUA2032 24C02SC FDC5614P 167BG
Product Description
Full Text Search
 

To Download HW-MULTIPRO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
1 2
MultiPRO Desktop Tool
Product Specification
DS114 (v1.9) February 8, 2008
This product is undergoing discontinuance. Please refer to XCN07022, Product Discontinuation Notice, for more information on last-time purchases and replacement products.
Features
* * * * * * * Supported by ISETM iMPACT download software (v5.1i SP3 or higher) Externally powered using +5V DC power brick
In-System Programming/Configuration
* * * Automatically senses and adapts to target I/O voltage Interfaces to devices operating at 5V (TTL), 3.3V (LVCMOS), 2.5V, 1.8V, and 1.5V Supports IEEE 1149.1 (JTAG), serial peripheral interface (SPI), Xilinx Slave-Serial, and Xilinx SlaveSelectMAP (8-bit) In-system configures the following Xilinx devices:

Same power brick can be used for Parallel Cable IV
Download speeds up to 10 Megabits per second (Mb/s) LED status indicators Uses IEEE 1284 ECP protocol for high-speed communications Uses quick-connect, off-the-shelf IEEE 1284 parallel cable Power cord options for US/Asia/Japan/Europe/UK *
VirtexTM series FPGAs SpartanTM series FPGAs CoolRunner/CoolRunner-II CPLDs Platform Flash PROM family XC18V00 ISP PROM family XC4000 series FPGAs XC9500/XL/XV CPLDs
Desktop Device Programming
* Device adapters are available for:

XC18V00 ISP PROM family Platform Flash PROM family CoolRunnerTM-II CPLD family
* * * *
J Drive compatible with IEEE 1532 Programming Engine ChipScopeTM Pro Analyzer compatible Embedded Development Kit (EDK) compatible Includes high-performance ribbon cables
* * *
Automatically switches power during programming Automatically identifies and confirms proper adapter selection Has short-circuit protection in the event of improper device insertion
14-conductor ribbon cable can be used with Parallel Cable IV
*
Intended for development -- not recommended for production programming
MultiPRO Desktop Tool Description
The MultiPRO Desktop Tool (Figure 1) is a multi-function programming and configuration cable. When mated with MultiPRO device adapters, it can program individual Platform Flash PROMs, XC18V00 ISP PROMs and CoolRunner-II CPLDs. Alternatively, the tool can perform insystem programming or FPGA configuration when attached to user hardware by way of the included ribbon cables. IEEE 1149.1 (JTAG), serial peripheral interface (SPI), Xilinx Slave-Serial, and Xilinx Slave-SelectMAP (8-bit) protocols are supported in ISP mode. Designed for use in a desktop environment, the MultiPRO Desktop Tool interfaces to a PC using the industry standard IEEE 1284 parallel port. An external AC power brick provides +5V DC to the pod. An integral power switch facilitates fail-safe connection to target systems. A variety of device adapters are available for standalone programming of Xilinx Platform Flash PROMs, XC18V00 ISP PROMs, and CoolRunner-II CPLDs.
X-Ref Target - Figure 1
Figure 1: Xilinx MultiPRO Desktop Tool
(c) 2002-2008 Xilinx, Inc. All rights reserved. XILINX, the Xilinx logo, the Brand Window, and other designated brands included herein are trademarks of Xilinx, Inc. All other trademarks are the property of their respective owners.
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 1
R
MultiPRO Desktop Tool An aluminum plate is attached to the bottom side of the printed circuit board to protect circuitry. Rubber feet are mounted on the bottom of the aluminum plate to avoid scratching the desk top.
Device Adapters
A separate device adapter is available for each unique Platform Flash PROM, XC18V00 ISP PROM, and CoolRunner-II CPLD package. Adapters attach to the MultiPRO pod using a 20-pin keyed DIN connector (Figure 2). Power is automatically applied to the adapter during programming operations and removed upon completion. A power status LED is illuminated whenever power is active. The MultiPRO pod automatically identifies any adapter that is attached to the DIN connector. Caution! Devices should never be installed or removed
from sockets while the ACTIVE LED is illuminated.
Over-Current Protection
The MultiPRO Desktop Tool monitors the current load of the adapter when power is provided. If a fault condition exists on the adapter (e.g., if a device is improperly oriented in the socket or the device is internally shorted), power is automatically shut off. The MultiPRO Desktop Tool will not be damaged if the power pins on the DIN connector are inadvertently shorted to ground.
A polycarbonate label protects the top side of the adapter printed circuit. Text clearly identifies the device and package information, the product ordering number, and the index pin locator needed to orient the device during insertion.
X-Ref Target - Figure 2
Status Indicators
The MultiPRO Desktop Tool uses tri-color LEDs to indicate the active configuration port and the presence of target power (Table 1). A red LED indicates that the associated port has not been selected in iMPACT. An amber LED indicates that the port is selected but that VREF from the target hardware is not powered. A green LED indicates that the port is selected and VREF from the target hardware is powered. If both the Serial/JTAG/SPI and SelectMAP STATUS LEDs are red, then the Adapter port is active. Power is automatically switched to adapters only during programming operations. The adapter's red ACTIVE LED is illuminated when power is ON. The MultiPRO Desktop Tool selects the Serial/JTAG/SPI port by default when powered up. If both the Serial/JTAG/SPI and SelectMAP LEDs are blinking red, an over-current condition has been detected on the adapter port. The adapter should be removed and checked for incorrect device insertion and/or socket damage.
20-pin Keyed DIN Connector
Power Status LED
Index Pin Locator Figure 2: Common Adapter Features Table 1: Status Indicators
Serial/JTAG/SPI LED
Off Amber Green Red Red Red Blinking Red Amber
SelectMAP LED
Off Red Red Amber Green Red Blinking Red Amber
Pod Powered
No Yes Yes Yes Yes Yes Over-Current Yes
Active Port
None S/JTAG S/JTAG SelectMAP SelectMAP Adapter Adapter None
VREF Powered
N/A No Yes No Yes See ACTIVE LED N/A N/A
IEEE 1284 Parallel Port Connected
Yes Yes Yes Yes Yes Yes Yes No
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 2
R
MultiPRO Desktop Tool
Physical Description
X-Ref Target - Figure 3
Power Switch +5VDC External Power Supply Cable
INIT NC DIN DONE CCLK PROG Vref
Serial/JTAG/SPI LED
S/JTAG STATUS
NC NC TDI TDO TCK TMS Vref
Gnd Gnd Gnd Gnd Gnd Gnd Gnd Vref NC Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd
Power Port
14-pin Serial/JTAG/SPI Ribbon Cable Connector
Serial
MultiPRO Desktop Tool
IEEE-1284-C Parallel Port
Model DLC8 Power 5V 0.3A Serial MP - 1 2 3 4 5
Made in U.S.A.
SelectMAP
JTAG
Adapter Port
CS0 CS1 CS2 PROG INIT DONE BUSY RDWR CCLK D0 D1 D2 D3 D4 D5 D6 D7
34-pin SelectMAP Ribbon Cable Connector
SMAP
STATUS
SelectMAP LED Quick Connect IEEE 1284 Parallel Port Cable
HW-MP-PQ208
ACTIVE
20-Pin Keyed DIN Connector
Adapter's red "ACTIVE" LED
Socket
1 PIN
MultiPRO PQ208 Adapter for CoolRunnerTM II -
ds114_04_062907
Figure 3: MultiPRO Connector Descriptions
External Power Supply
The MultiPRO Desktop Tool requires an external +5V DC power supply. The power supply is a CE approved switching regulator that operates from an AC outlet and connects to the MultiPRO tool using a 5.5 mm x 2.1 mm plug (Figure 4). A power switch on the MultiPRO case is provided as a convenience so that all other cables can remain attached. The standard MultiPRO power supply (CUI Inc. #DTS050400UC-P5P-KH) is capable of operating from 100VAC to 240VAC at 47 Hz to 63 Hz. The +5V DC output is rated for 4A. This power supply can also be used with the Xilinx Parallel Cable IV (configuration cable) instead of the supplied Power Splitter Cable.
X-Ref Target - Figure 4
Figure 4: Standard External +5V DC Power Brick
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 3
R
MultiPRO Desktop Tool
IEEE 1284 Cable Specifications
Level 1 compliant host parallel ports are only designed to operate over a maximum cable length of 10 feet. Level 2 compliant ports are designed to operate over a maximum cable length of 33 feet. MultiPRO uses a Level 2 compliant cable interface buffer. The MultiPRO case has an integrated mini-centronics connector for attachment to off-the-shelf IEEE 1284 cables. Xilinx recommends that the MultiPRO tool be directly connected to the host parallel port without the use of a switch box. Software license "dongles" should not be attached to the parallel port when communicating with the MultiPRO tool.
Connecting to Host Computer
The MultiPRO tool connects to any PC using Windows or Linux1 through the built-in, standard IEEE 1284 DB25 parallel (printer) port connector2. To fully utilize the higher speeds of this cable, the host PC must have a parallel port that is enabled3 to support extended capability port (ECP) mode. If ECP mode is not enabled, the MultiPRO tool will default to compatibility mode and will not run at the optimum speeds listed. Performance also depends on the MultiPRO Desktop Tool firmware revision and ISE iMPACT software version.4
Notes:
1. 2. Refer to ISE software manuals for details regarding supported operating systems. Xilinx makes no representations about compatibility with thirdparty IEEE 1284 add-on adapters and does not support the addon adapters. Refer to host PC BIOS to see if ECP mode is enabled. Refer to the MultiPRO Desktop Tool firmware history at http://www.xilinx.com/support/programr/mp_history.htm.
Automatic Voltage Sensing
The MultiPRO Desktop Tool continuously monitors the VREF pin on the Serial/JTAG/SPI and SelectMAP target interface connectors. The current drain from the target power supply attached to the VREF pin is less than 10 mA at 3.3V DC. The target system reference voltage must be regulated and cannot have a current limiting resistor in series with the VREF pin on the interface. No damage will occur to the MultiPRO Desktop Tool if the target system is powered when the MultiPRO tool is not powered. However, when powering up a system, it is preferable to apply power to the MultiPRO tool first, followed by power to the target system. The sequence should be reversed when powering down. The MultiPRO Desktop Tool always puts interface signals on inactive ports in a 3-state condition. The MultiPRO output drive voltage levels do not linearly track voltage changes on the VREF pin. An appropriate output signal level is established for a range of VREF voltages. For example, if VREF is any voltage from +3.0V DC to +5.0V DC, the MultiPRO tool sets the output signals for the respective port to +3.3V DC. Refer to Table 2 for the relationship between VREF voltage and MultiPRO output signal levels. Table 2: Output Signal Levels as a Function of VREF
VREF Voltage on Target System
0.80 to 1.65 1.65 to 2.00 2.00 to 3.00 3.00 to 5.00
.
3. 4.
High Performance Ribbon Cable
Two insulation displacement connector (IDC) ribbon cables are supplied and recommended for connection to target systems. See Figure 5 and Figure 6. These cables incorporate multiple signal-ground pairs and facilitate error-free connection. A very small footprint, keyed mating connector is all that is required on the target system. Refer to Figure 7 and Figure 8 for the appropriate connector pin assignments and sample vendor part numbers. The 14-conductor ribbon cable can also be used with Parallel Cable IV.
X-Ref Target - Figure 5
MultiPRO Output Signal Levels
1.5 1.8 2.5 3.3
Figure 5: High Performance Ribbon Cables
Units
V V V V
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 4
R
MultiPRO Desktop Tool
X-Ref Target - Figure 6
6"
Polarizing Key
2 4 6 8 10 12 14 1 3 5 7 9 11 13
pin#1 indicator stripe
2 4 6 8 10 12 14 1 3 5 7 9 11 13
Polarizing Key
Notes: 1. Ribbon cable - 14-conductor, 1.0 mm centers round conductor flat cable, 28AWG (7x36) stranded copper conductors; gray PVC with pin #1 edge marked. 2. 2 mm ribbon, female polarized connectors - IDC connection to ribbon, contacts are beryllium copper plated with 30 micro inches gold plating over 50 micro inches nickel, connectors mate to 0.5 mm square posts on 2 mm centers.
ds097_03_081506
6"
Polarizing Key
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33
pin#1 indicator stripe
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33
Polarizing Key
Notes: 1. Ribbon cable - 34-conductor, 1.0 mm centers round conductor flat cable, 28AWG (7x36) stranded copper conductors; gray PVC with pin #1 edge marked. 2. 2 mm ribbon, female polarized connectors - IDC connection to ribbon, contacts are beryllium copper plated with 30 micro inches gold plating over 50 micro inches nickel, connectors mate to 0.5 mm square posts on 2 mm centers.
ds114_09_081506
Figure 6: Ribbon Cable Diagrams
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 5
R
MultiPRO Desktop Tool
X-Ref Target - Figure 7
0.175"
0.220" 0.0787" (2 mm)
SelectMAP Signals
CS0 CS1 CS2 PROG INIT DONE BUSY RDWR CCLK D0 D1 D2 D3 D4 D5 D6 D7 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 33 31 29 27 25 23 21 19 17 15 13 11 9 7 5 3 1 VREF NC Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd
1.578"
1.618"
0.020" sq. (0.5 mm) 0.215"
0.158"
0.100"
2x17 (34-position) 2 mm CONNECTOR, shroulded, keyed, through-hole mount. Comm Conn part no. 2422-34G2 OUPIIN part no. 3112-34G00SBA/SN Also available in surface mount or without keyed shrould
ds114_08_081506
0.0787" (2 mm)
Figure 7: Target Interface 34-Pin Connector Signal Assignments
X-Ref Target - Figure 8
Slave SPI Serial JTAG Signals Signals Signals
0.175"
0.220" 0.0787" (2 mm)
0.020" sq. (0.5 mm)
0.158"
NC NC MOSI MISO SCK SS VREF
INIT NC 14 NC NC 12 DIN TDI 10 DONE TDO 8 CCLK TCK 6 PROG TMS 4 VREF VREF 2
13 11 9 7 5 3 1
Gnd Gnd Gnd Gnd Gnd Gnd Gnd
0.791"
0.831"
0.100"
0.215"
2x17 (14-position) 2 mm CONNECTOR, shroulded, keyed, through-hole mount. Comm Conn part no. 2422-14G2 OUPIIN part no. 3112-14G00SBA/SN Also available in surface mount or without keyed shrould
0.0787" (2 mm)
ds114_10_062907
Figure 8: Target Interface 14-Pin Connector Signal Assignments
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 6
R
MultiPRO Desktop Tool
Table 3 lists some third-party sources for mating connectors for 2 mm pitch, 14-conductor ribbon cable. Table 3: Mating Connectors for 2 mm pitch, 14 Conductor Ribbon Cable
Manufacturer
Comm Con OUPIIN Notes:
1. 2. 3. Also available in surface mount or without keyed shroud. Some manufacturer's pin assignments do not conform to Xilinx pin assignments. Please refer to the manufacturer's data sheet for more information. Additional 14-pin ribbon cables can be purchased separately from the Xilinx Online Store.
Part Number
2422-14G2 3112-14G00SBA/SN
Table 4 lists third-party sources for mating connectors for 2 mm pitch, 34-conductor ribbon cable. Table 4: Mating Connectors for 2 mm pitch, 34 Conductor Ribbon Cable
Manufacturer
Comm Con OUPIIN
Part Number
2422-34G2 3112-34G00SBA/SN
Notes: Also available in surface mount or without keyed shroud.
Interface Pin Descriptions
The interface pins for the Serial/JTAG/SPI, SelectMAP, and adapter ports are described in Table 5, Table 6, and Table 7, respectively. Table 5: SS/JTAG/SPI Port: 14-Pin Ribbon Cable Connector
Ribbon Cable Number 2 Slave-Serial JTAG SPI(2) Configuration Configuration Programming Mode Mode Mode VREF VREF VREF
Type
In
Description
Target Reference Voltage.(3) This pin should be connected to a voltage bus on the target system that serves the JTAG, slave-serial interface. or SPI. For example, when programming a Coolrunner-II device using the JTAG port, VREF should be connected to the target VAUX bus. Configuration Reset. This pin is used to force a reconfiguration of the target FPGA(s). It should be connected to the PROG_B pin of the target FPGA for a single-device system, or to the PROG_B pin of all FPGAs in parallel in a daisy-chain configuration. Configuration Clock. FPGAs load one configuration bit per CCLK cycle in slave-serial mode. CCLK should be connected to the CCLK pin on the target FPGA for a single-device configuration, or to the CCLK pin of all FPGAs in parallel in a daisy-chain configuration. Configuration Done. This pin indicates to MultiPRO tool that target FPGAs have received the entire configuration bitstream. It should be connected to the Done pin on all FPGAs in parallel for daisy-chained configurations. Additional CCLK cycles are issued following the positive transition of Done to insure that the configuration process is complete. Configuration Data Input. This is the serial input data stream for target FPGAs. It should be connected to the DIN pin of the target FPGA in a single-device system, or to the DIN pin of the first FPGA in a daisy-chain configuration. Test Driver. This pin is reserved for Xilinx diagnostics and should not be connected to any target circuitry. memory is being cleared. It should be connected to the INIT_B pin of the target FPGA for a single-device system, or to the INIT_B pin on all FPGAs in parallel in a daisy-chain configuration.
4
PROG
-
-
Out
6
CCLK
-
-
Out
8
DONE
-
-
In
10
DIN
-
-
Out
12 14
N/C INIT
N/C N/C
N/C N/C
Out
BIDIR Configuration Initialize. This pin indicates that configuration
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 7
R
MultiPRO Desktop Tool
Table 5: SS/JTAG/SPI Port: 14-Pin Ribbon Cable Connector (Cont'd)
Ribbon Cable Number 4 Slave-Serial JTAG SPI(2) Configuration Configuration Programming Mode Mode Mode - TMS -
Type
Out
Description
Test Mode Select. This is the JTAG mode signal that establishes appropriate TAP state transitions for target ISP devices. It should be connected to the TMS pin on all target ISP devices that share the same data stream. Test Clock. This is the clock signal for JTAG operations, and should be connected to the TCK pin on all target ISP devices that share the same data stream. Test Data Out. This is the serial data stream received from the TDO pin on the last device in a JTAG chain. Test Data In. This is the serial data stream transmitted to the TDI pin on the first device in a JTAG chain. SPI Select. This pin is the active-Low SPI chip select signal. This should be connected to the S(2) pin on the SPI flash PROM. SPI Clock. This pin is the clock signal for SPI operations and should be connected to the C(2) pin on the SPI flash PROM. SPI Master-Input, Slave-Output. This pin is the target serial output data stream for SPI operations and should be connected to the Q(2) pin on the SPI flash PROM. SPI Master-Output Slave-Input. This pin is the target serial input data stream for SPI operations and should be connected to the D(2) pin on the SPI flash PROM. Digital Ground.(1)
6
-
TCK
-
Out
8 10 4 6 8
- - - - -
TDO TDI - - -
- - SS SCK MISO
In Out Out Out In
- 10 1, 3, 5, 7, 9, 11, 13 Notes:
1. 2.
- MOSI Out -
-
-
-
3.
All odd pins (1, 3, 5, 7, 9, 11, and 13) should be connected to digital ground on the target end of the ribbon cable. Minimum crosstalk is achieved when using all grounds. The listed SPI pin names match those of SPI flash memories from STMicroelectronics. Pin names of compatible SPI devices from other vendors can be different. Consult the vendor's SPI device data sheet for corresponding pin names. Caution! The PROG_B pin of the FPGA, which is connected to a target SPI device, must be asserted Low during SPI programming to ensure the FPGA does not contend with the SPI programming operation. The target reference voltage must be regulated and must not have a current-limiting resistor in series with the VREF pin.
Table 6: SelectMAP Port: 34-Pin Ribbon Cable Connector Interface Pin Descriptions
Ribbon Cable Pin Number
16 14 12 10 8 6 4 2 18 20 22 24 26
SelectMAP Configuration Mode
D0 D1 D2 D3 D4 D5 D6 D7 CCLK RDWR BUSY DONE INIT
Type
BIDIR BIDIR BIDIR BIDIR BIDIR BIDIR BIDIR BIDIR OUT OUT IN IN BIDIR Byte-Wide Data Bus, Bit 0 Byte-Wide Data Bus, Bit 1 Byte-Wide Data Bus, Bit 2 Byte-Wide Data Bus, Bit 3 Byte-Wide Data Bus, Bit 4 Byte-Wide Data Bus, Bit 5 Byte-Wide Data Bus, Bit 6 Byte-Wide Data Bus, Bit 7 Configuration Clock
Description
Configuration Read / Write Control Configuration Flow Control Configuration Done Configuration Initialize
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 8
R
MultiPRO Desktop Tool
Table 6: SelectMAP Port: 34-Pin Ribbon Cable Connector Interface Pin Descriptions (Cont'd)
Ribbon Cable Pin Number
28 30 32 34 33 31 1, 3, 5, 7, 9, 11, 13, 15, 17, 19, 21, 23, 25, 27, 29
SelectMAP Configuration Mode
PROG CS2 CS1 CS0 VREF NC Gnd
Type
OUT OUT OUT OUT IN - - Configuration Reset Chip Select 2 Chip Select 1 Chip Select 0 Target reference voltage No Connection Digital Ground
Description
Table 7: Adapter Port: 20-Pin DIN Connector Interface Pin Descriptions DIN Pin Number
A8 A2
JTAG Configuration Mode
TCK TMS
Type
OUT OUT
Description
Test Clock. This is the clock signal for JTAG operations. It is connected to the `TCK' pin on the adapter socket. Test Mode Select. This is the JTAG mode signal that establishes appropriate TAP state transitions for the target device. It is connected to the `TMS' pin on the adapter socket. Test Data In. This is the serial input data stream for JTAG operations and is connected to the `TDI' pin on the adapter socket. Test Data Out. This is the serial output data stream for JTAG operations and is connected to the `TDO' pin on the adapter socket. Port Enable. Reserved for future applications. Adapter ID1. This is the high order bit for the automatic adapter identification circuit. Adapter ID0. This is the low order bit for the automatic adapter identification circuit. Adapter Reference Voltage. This voltage is established by a local linear regulator on each device adapter according to the specifications of the device family. Switched Supply Voltage. Safety Ground. Digital Ground.
A4 A6 A1 B4 A3 B1
TDI TDO PEN ID1 ID0 VREF
OUT IN OUT IN IN IN
B7, B8, B9, A10, B10 A9 A5, B5, B6, A7
+5V DC EGND GND
OUT - -
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 9
R
MultiPRO Desktop Tool
X-Ref Target - Figure 9
MultiPRO POD Dimensions
5.05
S/JTAG
STATUS
INIT NC DIN DONE CCLK PROG Vref
NC NC TDI TDO TCK TMS Vref
Gnd Gnd Gnd Gnd Gnd Gnd Gnd Vref NC Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd
Power Port
3.49
IEEE-1284-C Parallel Port
MultiPRO Desktop Tool
Model DLC8 Power 5V 0.3A Serial MP - 1 2 3 4 5
Made in U.S.A.
Serial
JTAG
Adapter Port
CS0 CS1 CS2 PROG INIT DONE BUSY RDWR CCLK D0 D1 D2 D3 D4 D5 D6 D7
3.34
SelectMAP
SMAP
STATUS
5.19
1.13
0.99
ds114_06_090402
Figure 9: MultiPRO Pod Dimensions (inches)
X-Ref Target - Figure 10
HW-MP-PQ208
ACTIVE
4.30
1 PIN
MultiPRO PQ208 Adapter for CoolRunnerTM II -
4.10 SQ.
1.22 MAX.
ds114_07_090402
Figure 10: Typical MultiPRO Adapter Dimensions (inches)
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 10
R
MultiPRO Desktop Tool
Operating Characteristics
Absolute Maximum Ratings
Symbol
VCC TA TSTG PD IOUT DC Supply Voltage Operating Temperature Range Storage Temperature Range Power Dissipation DC Output Current (Any Output)
Description
Value
+6.0 0 to 70 -40 to +85 1.5 16
Units
V C C W mA
Recommended Operating Conditions
Symbol
VCC VREF ICC
Parameter
DC Supply Voltage Target Reference Voltage Operating Current
Conditions
External Power Supply
Min
4.75 1.5 130
Max
5.25 5.5 200
Units
V V mA
Ordering Information
Part Number
HW-MULTIPRO HW-MULTIPRO-EC HW-MULTIPRO-UK HW-MP-PC44-1 HW-MP-VQ44-1 HW-MP-VQ44-2 HW-MP-CP56 HW-MP-VQ100 HW-MP-CP132 HW-MP-SO20 HW-MP-PC20 HW-MP-PC44-2 HW-MP-TQ144 HW-MP-FT256 HW-MP-FG324 HW-MP-PQ208 HW-MP-V020 HW-MP-FS48 HW-MP-VO48 HW-MP-QF32 HW-MP-QF48
Description
MultiPRO Desktop Tool for US, Asia, Japan MultiPRO Desktop Tool with European plug MultiPRO Desktop Tool with UK plug 44-pin PLCC Adapter for XC18V00 PROMs 44-pin VQFP Adapter for XC18V00 PROMs 44-pin VQFP Adapter for CoolRunner-II CPLDs 56-ball Chip Scale Adapter for CoolRunner-II CPLDs 100-pin VQFP Adapter for CoolRunner-II CPLDs 132-ball Chip Scale Adapter for CoolRunner-II CPLDs 20-pin SOIC Adapter for XC18V00 PROMs 20-pin PLCC Adapter for XC18V00 PROMs 44-pin PLCC Adapter for CoolRunner-II CPLDs 144-pin TQFP Adapter for CoolRunner-II CPLDs 256-ball Fine Pitch Thin BGA Adapter for CoolRunner-II CPLDs 324-ball Fine Pitch BGA Adapter for CoolRunner-II CPLDs 208-pin PQFP Adapter for CoolRunner-II CPLDs 20-pin TSSOP Adapter for Platform Flash PROMs 48-ball Chip Scale BGA Adapter for Platform Flash PROMs 48-pin TSOP Adapter for Platform Flash PROMs 32-pin QFP Adapter for CoolRunner-II CPLDs 48-pin QFP Adapter for CoolRunner-II CPLDs
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 11
R
MultiPRO Desktop Tool
Revision History
The following table shows the revision history for this document.
Date
12/10/02 12/24/02 01/24/03 04/10/03 04/29/03 09/29/04
Version
1.0 1.1 1.2 1.3 1.4 1.5 Initial Xilinx release.
Revision
Updated "Features", "Status Indicators", and "Adapter Port: 20-Pin DIN Connector Interface Pin Descriptions". Updated "Features", "Device Adapters", Table 1, "Automatic Voltage Sensing", Table 7, and "Ordering Information". Added list of supported Spartan-3 devices. Added Platform Flash PROM family to "Desktop Device Programming", "MultiPRO Desktop Tool Description", and "Ordering Information". Added "XCF00S/P" to "Device Adapters". * Added part numbers HW-MP-FS48 and HW-MP-VO48 to table in section "Ordering Information," page 11. * Section "External Power Supply," page 3: Changed specification of power supply. * Updated supported list of Xilinx devices and added recommendation for product usage during development in section "In-System Programming/Configuration," page 1. * Added part numbers HW-MP-QF32 and HW-MP-QF48 to section "Ordering Information," page 11. * Updated OUPIIN part numbers in Figure 7, Figure 8, Table 3, and Table 4. * Promoted to Product Specification. Updated the maximum download speed to 10 MHz and provided references to related firmware and software requirements. Added support for SPI. * Updated document template. * Added discontinuance notice to page 1.
01/04/06
1.6
08/31/06 08/09/07 02/08/08
1.7 1.8 1.9
Notice of Disclaimer
THE XILINX HARDWARE FPGA AND CPLD DEVICES REFERRED TO HEREIN ("PRODUCTS") ARE SUBJECT TO THE TERMS AND CONDITIONS OF THE XILINX LIMITED WARRANTY WHICH CAN BE VIEWED AT http://www.xilinx.com/warranty.htm. THIS LIMITED WARRANTY DOES NOT EXTEND TO ANY USE OF PRODUCTS IN AN APPLICATION OR ENVIRONMENT THAT IS NOT WITHIN THE SPECIFICATIONS STATED IN THE XILINX DATA SHEET. PRODUCTS ARE NOT DESIGNED OR INTENDED TO BE FAIL-SAFE OR FOR USE IN ANY APPLICATION REQUIRING FAIL-SAFE PERFORMANCE, SUCH AS LIFE-SUPPORT OR SAFETY DEVICES OR SYSTEMS, OR ANY OTHER APPLICATION THAT INVOKES THE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). USE OF PRODUCTS IN CRITICAL APPLICATIONS IS AT THE SOLE RISK OF CUSTOMER, SUBJECT TO APPLICABLE LAWS AND REGULATIONS.
DS114 (v1.9) February 8, 2008 Product Specification
www.xilinx.com 12


▲Up To Search▲   

 
Price & Availability of HW-MULTIPRO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X