Part Number Hot Search : 
TSD882S EL5374 A105K PT6911 STD1NA60 AD526CD 226X0 MX25V
Product Description
Full Text Search
 

To Download HHS2700F-20-E105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HHS SERIES - RESISTANCE WELD CRYSTAL
The HHS series is the lowest profile HC49/USS and HC49/USSM (surface mount) industry standard crystal, with the same lead spacing as the HC49U/US and encased in the rugged resistance weld package. With a maximum height of only 2.5mm for through hole type and 3.2mm for surface mount, these crystals are both cost effective and ideal for many space limited applications. FEATURES: * Lowest profile (2.5mm / 3.2mm SMD) * Industry standard lead spacing * Resistance welded for good aging * Cost effective OPTIONS: * Extended temp. range * Surface mount package * Insulator * Tighter tolerance option * Tape & Reel
ELECTRICAL SPECIFICATIONS
PARAMETERS FREQUENCY RANGE FREQUENCY TOLERANCE FREQUENCY STABILITY, REF @ 25C OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE SHUNT CAPACITANCE (CO) LOAD CAPACITANCE (CL) DRIVE LEVEL AGING CHARACTERISTICS * Tight tolerances optional - please specify CONDITIONS @ 25C 3.200 - 70.000 MHz MINIMUM MAXIMUM 3.200 70.000 -30* +30* -50* +50* 0C to +70C / -40C to +85C -30C to +85C / -55C to +125C 7.0 10.0 0.5 5 max. Series UNIT MHz PPM PPM C C pF pF mW PPM
Per customer spec. 3.200 to 70.000 MHz @ 25C per year
EQUIVALENT SERIES RESISTANCE (ESR) SPECIFICATIONS FREQUENCY RANGE (MHz) MODE ESR () MAX FREQUENCY RANGE (MHz) MODE ESR () MAX 3.200 - 3.500 FUNDAMENTAL 300 8.00 - 11.99 FUNDAMENTAL 60 to 80 3.500 - 5.00 FUNDAMENTAL 100 to 200 12.00 - 30.00 FUNDAMENTAL 30 to 40 5.00 - 7.99 FUNDAMENTAL 80 to 120 27.00 - 70.00 3rd OVERTONE 100
MECHANICAL DRAWING
HC49/USS HHS TYPE HC49/USSM HHS-SM TYPE
PART NUMBERING GUIDE
EXAMPLE: HHS2700F-20-SM
HHS HHS Series 2700F - 20 -SM Frequency Capacitance Load Options F = Fund S = Series
(> 25 MHz)
11.05 max
10.21 4.65 max 3.2 mm 3.75
2.5 max 0.43
12.8 0.5 11.4 0.2
12.7 min 20.0 optional
1.0 4.88
4.83 max
OPTIONS: SM: Surface Mount E: -40+85C E105: -40+105C E55/105: -55+105C E125: -55+125C
TR: Tape & Reel INS: With Insulator XPPM: Tolerance (specify) SP: Per specifications
4.88
8 HEC, INC. HOORAY USA * 30961 WEST AGOURA RD., SUITE 311 * WESTLAKE VILLAGE CA USA 91361 TEL: 818-879-7414 * FAX: 818-879-7417 * EMAIL: sales@hoorayusa.com * INTERNET: www.hoorayusa.com


▲Up To Search▲   

 
Price & Availability of HHS2700F-20-E105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X