Part Number Hot Search : 
FM160 MSS00 87C51FA MC145 FM160 043202 1N4764 P30NS15L
Product Description
Full Text Search
 

To Download HER301-HER308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER301 thru HER308
HIGH EFFICIENCY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 3.0 Amperes DO- 27
FEATURES
Low cost Diffused junction Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN.
.052(1.3) .048(1.2)
DIA.
.375(9.5) .335(8.5)
210
.220(5.6) .197(5.0) DIA.
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic Polarity: Color band denotes cathode
1.0(25.4) MIN.
Weight: 0.04ounces , 1.1grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 3.0A DC(Note1) Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =55
SYMBOL HER301 HER302 HER303 HER304 HER305 HER306 HER307 HER308 VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 300 210 300 3.0 400 280 400 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 50 50 1.0
150 1.3 5.0 100 75 30 20 -55 to +125 -55 to +150 1.7
A V A nS pF /W
Maximum Reverse Recovery Time(Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5AIR=1A IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient
~ 95 ~
RATING AND CHARACTERTIC CURVES HER301 thru HER308
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT (AMPERES 3.0 AVERAGE FORWARD CURRENT AMPERES 2.5 2.0 1.5 1.0 0.5 0 25 50 75 100 125 150 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 200
150
100
50
SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT (AMPERES) 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
HER
305
100 CAPACITANCE (pF)
HER301-HER305
10
HER301-HER304
HER306-HER308
HER306-HER308
10
TJ = 25C f = 1 MHz
1.0
TJ = 25C PULSE WIDTH 300us
0.1 1 1 1.0 10 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE (VOLTS) REVERSE VOLTAGE (VOLTS)
~ 96 ~


▲Up To Search▲   

 
Price & Availability of HER301-HER308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X