Part Number Hot Search : 
01118 51923F W1154GD U1G32BMX NX3225S CFR530 BJ100C MAX6634
Product Description
Full Text Search
 

To Download HEP103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
HARMONIC CORRECTION (PFC) AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 95-103 WATTS SWITCHING POWER SUPPLIES HEP103 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT DESKTOP IEC320-3P AC RECEPTACLE MEETS IEC 61000-3-2 HARMONIC CORRECTION MEET UNIVERSAL SAFETY STANDARDS EMI MEET EN 55022/FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical. Power Factor Correction (PFC) installed. Input Connector: IEC320-3P AC receptacle. Input Frequency: 47-63Hz. Inrush Current: Cold start 29A @230Vac. Input Current: 1.1A @115Vac & 0.55A @230Vac typical. Dielectric Withstand: Meet IEC950. EMI: Meet EN55022 / FCC Class B. Hold-up Time: 23mS typical @115Vac & 230Vac. Over Temp. Protection (OTP): Installed. Earth Leakage: 0.70mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 95-103 Watts typical. Output Connector & Cord: Optional. Line Regulation: 0.1% typical. Load Regulation: 1.5-3.0% typical. Noise & Ripple: 0.5-1.0% typical peak to peak. OVP: Built-in, Latched circuit. Adjustability: Factory set, not available. Overload Protection: Typical 110-130% of max. power overrange or short circuit, power foldback & self-recovering. Operating Temperature: 0 to +40C. Storage Temperature: -20C to +85C. Temperature Coefficient: 0.04%/C. Cooling: Internal fan installed. Construction: Impact resistant thermo- plastic enclosure. Power Factor: 0.99 @115Vac. Desktop Format.
GENERAL SPECIFICATION
Efficiency: 80.0% typical. Switching Frequency: Approximate 165k Hz. Circuit Topology: Fixed frequency Forward circuit. Transient Response: Output voltage returns in about 0.1mS following a 25% load change. Safety Standard: UL1950/EN60950 Class I. Harmonic Current Emission, EN61000-3-2 compliance. Power Density: 2.5 Watts / Cubic inch.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (%). (3) The typical cord length is about 1 meter (3.3 ft.), AWG#18 cord for various load conditions.
In application Due to requests in market and advances in technology, specifications subject to change without notice.
-51-
MODEL NO. DESCRIPTION: HEP103 - X X X Y Y Y
OUTPUT CURRENT OUTPUT VOLTAGE SERIES NO. (HiTRON External Switcher): About 103W.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc) OUTPUT VOLTAGE (Vdc) / CURRENT (A) 5.0-5.9V/16.0-14.1A, 6.0-6.9V/14.0-12.8A, 7.0-7.9V/12.7-11.8A, 8.0-8.9V/11.7-11.0A, 9.0-10.0V/11.0-10.0A, 10.1-11.9V/9.9-8.5A, 12.0-12.5V/8.5-8.0A, 12.6-13.0V/8.0-7.8A, 13.1-13.9V/7.7-7.3A, 14.0-14.9V/7.2-6.8A, 15.0-15.9V/6.8-6.3A, 16.0-17.9V/6.3-5.7A, 18.0-20.9V/5.6-4.8A, 21.0-23.0V/4.8-4.4A, 23.1-24.0V/4.4-4.2A, 48.0V/2.1A.
5.0Vdc Any Voltage 48.0 Vdc
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for example)
MODEL NO. HEP103-050160 HEP103-060140 HEP103-090110 HEP103-120085 HEP103-150068 HEP103-180056 HEP103-240042 HEP103-480021 O/P VOLTAGE (Vdc) 5.0V 6.0V 9.0V 12.0V 15.0V 18.0V 24.0V 48.0V O/P CURRENT (A) 16.0A 14.0A 11.0A 8.5A 6.8A 5.6A 4.2A 2.1A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 777g (27.4 Oz.)
-52-


▲Up To Search▲   

 
Price & Availability of HEP103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X