Part Number Hot Search : 
M54563FP 080B1 Z200D5 MBRF20 1346341 UT6120 SS3P3L 27C47
Product Description
Full Text Search
 

To Download HAS50-S033075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
2007/09/18
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT HAS50S SERIES
FEATURES:
CHASSIS-MOUNT AC/DC MODULAR POWER SUPPLIES UNIVERSAL AC INPUT RANGE COMPACT IN SIZE MEET UNIVERSAL SAFETY STANDARDS EMI MEET CISPR PUB.22 / FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical. Nominal: 115/230Vac. Input Frequency: 47-63 Hz. (Nominal 50/60 Hz.) Input Current: 0.77A @115Vac./0.39A @230Vac. Inrush Current: 34A(peak) or 4.8(rms)@230Vac typical. Input Fuse: Use internal fuse. Dielectric Withstand: Meet IEC950. 3,000Vac-Output/Input. 1,500Vac-Input/GND. 500Vac-Output/GND. EMI: Meet CISPR PUB.22 / FCC Class B. Hold-up time: 19 mS @115Vac, 80mS @230Vac typical. Earth Leakage: Less than 0.52mA @230Vac. Remote On/Off: ON(Enable)=Open. OFF(Disable)=Short.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart Output Wattage: 50 Watts typical. Line Regulation: Various with output voltage. 0.1-0.5% typical. Load Regulation: Various with output voltage. 1.0-2.0% typical. Noise & ripple: 1.0% typical peak to peak. OVP: Built-in on main output. Adjustability: Available at main output. Overload Protection (OLP): Fully protected against output overload and short circuit. Typical 120-150% max. load. Consult the factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: 72%-85% typical various with output voltage. Switching Frequency: 63K Hz. Circuit Topology: Fixed Frequency Flyback circuit. Transient Response: Peak deviation 200mV, Recovery time <3mSec. @ 25% step load change. Case: Impact resistant thermo-plastic enclosure. Safety Standard: EN60950/ UL1950 Class I or Class II. Power Density: 4.1 Watts. / Cubic inch. MTBF: 110,000Hrs. Mil Std 217, 25C. Operating Temperature: -10C to +75C range. -10C to +50C @ full load without derating. From+50C derating linearly to half load @+75C
(Refer to the Derating Chart).
Storage Temperature: -20C to +85C. Temperature Coefficient: 0.03% /C. Cooling: Convection cooling for <+50C @ full load. At least 100LFM moving air is recommended for full load >+50C in a confined area. Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
In application Due to requests in market and advances in technology, specifications subject to change without notice.
-13-
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HAS50-S033075 HAS50-S050060 HAS50-S120042 HAS50-S150035 HAS50-S240021
Symbols: "" OVP built-in.
MAIN O/P VO1 @ TYP. 7.5A 6.0A 4.2A 3.5A 2.1A
"@" Adjustable.
VOLT. +3.3V +5.0V +12.0V +15.0V +24.0V
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 378.0g (13.3 Oz.)
PIN ASSIGNMENT
PIN NO. P1-L P1-N P1-G P2-1 P2-2 P2-3 P2-4 P2-5 P2-6 SINGLE O/P AC-L AC-N AC-G REMOTE ON/OFF NC +VO1 +VO1 DC COM DC COM
DERATING CHART
-14-


▲Up To Search▲   

 
Price & Availability of HAS50-S033075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X