Part Number Hot Search : 
ACHIP DG411DK UPD78 RN2106CT CH2NDN MC3520P AX88141 TA8233
Product Description
Full Text Search
 

To Download GBU6005C-GBU610C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU6005C thru GBU610C
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT - 50 to 1000Volts - 6.0 Amperes
FEATURES
Surge overload rating -175 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
GBU-C
.437(11.1) .430(10.9) .874(22.2) .860(21.8) .154(3.9) .146(3.7) .232(5.9) .224(5.7) .401(10.2) .392(9.80) .156(3.95) .126(3.2)*45 .148(3.75) CHAMFER
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
.752(19.1) .720(18.3) .079(2.0) .063(1.6)
.720(18.29) .680(17.27) .047(1.2) .035(0.9)
.100(2.54) .085(2.16) .126(3.2) .114(2.9) .080(2.03) .065(1.65)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.022(.56) .018(.46)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
GBU 6005C 50 35 50
GBU 601C 100 70 100
GBU 602C 200 140 200
GBU 604C 400 280 400 6.0 2.8 175 1.0 10.0 500 127 50 2.2 -55 to +125 -55 to +150
GBU 606C 600 420 600
GBU 608C 800 560 800
GBU 610C 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V A A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 75mm*75mm*1.6mm cu plate heatsink.
~ 283 ~
RATING AND CHARACTERTIC CURVES GBU6005C thru GBU610C SERIES
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 6.0 PEAK FORWARD SURGE CURRENT, AMPERES
WITH HEATSINK
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT 180 160
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
5.0 4.0
WITHOUT HEATSINK
120
3.0 2.0 1.0 0.00
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
80
40 0 0 2 5
0.1 0
20
40
60
80
100
120
140
CASE TEMPERATURE, C
10
20
50
100
NUMBER OF CYCLETS AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 100 INSTANTANEOUS FORWARD CURRENT, (A)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
10
10
1.0
TJ = 25C PULSE WIDTH 300us
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,VOLTS 100
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125C
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 284 ~


▲Up To Search▲   

 
Price & Availability of GBU6005C-GBU610C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X