Part Number Hot Search : 
030AA SRFL1060 01360 S0611 28050 MM3Z2XVC LV8011V GI01N60
Product Description
Full Text Search
 

To Download GBU6005-GBU610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU6005 thru GBU610
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -175 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
REVERSE VOLTAGE FORWARD CURRENT GBU
.437(11.1) .430(10.9) .874(22.2) .860(21.8) .154(3.9) .146(3.7)
- 50 to 1000Volts - 6.0 Amperes
.126(3.2)*45 CHAMFER
.139(3.53) .133(3.37)
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
.752(19.1) .720(18.3) .073(1.85) .057(1.45)
.232(5.9) .224(5.7) .401(10.2) .392(9.80)
.720(18.29) .680(17.27) .047(1.2) .035(0.9)
.100(2.54) .085(2.16) .080(2.03) .065(1.65) .106(2.7) .091(2.3)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.210 .190 (5.3) (4.8)
.022(.56) .018(.46)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL GBU6005 GBU601 GBU602 GBU604 GBU606 GBU608 GBU610 VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 6.0 2.8 175 1.1 10.0 500 127 50 2.2 -55 to +150 -55 to +150 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V A A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
~ 476 ~
RATING AND CHARACTERTIC CURVES GBU6005 thru GBU610
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT 180
WITH HEATSINK
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 6.0 PEAK FORWARD SURGE CURRENT, AMPERES 5.0 4.0
WITHOUT
160
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
120
3.0 2.0 1.0 0.0
80
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
40 0 1 2 5
0.1 0
20
40
60
80
100
120
140
CASE TEMPERATURE, C
10
20
50
100
NUMBER OF CYCLETS AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS FIG.3-TYPICAL JUNCTION CAPACITANCE 100 20.0 10.0 INSTANTANEOUS FORWARD CURRENT, AMPERES
CAPACITANCE,(pF)
1.0
10
0.1
TJ=25C
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,VOLTS 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE. VOLTS
1.4
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125C
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 477 ~


▲Up To Search▲   

 
Price & Availability of GBU6005-GBU610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X