Part Number Hot Search : 
C106A4 SKIIP2 D1210 SFR25 AD795 M3654K TL062AI PMB24
Product Description
Full Text Search
 

To Download GBJ8005-GBJ810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ8005 thru GBJ810
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
REVERSE VOLTAGE FORWARD CURRENT GBJ
? .134(3.4) ? .122(3.1)
- 50 to 1000Volts - 8.0 Amperes
1.193(30.3) 1.169(29.7)
.189(4.8) .173(4.4) .150(3.8) .134(3.4) .198 MAX (5.1) .800(20.3) .776(19.7) ? .134(3.4) ? .122(3.1) .114(2.9) .098(2.5) .031(0.8) .023(0.6)
UNIT V V V A A V A A2s pF /W
technique results in inexpensive product
The plastic material has U/L flammability
.118(3.0)*45
.094(2.4) .078(2.0) .043(1.1) .035(0.9)
.402(10.2) .303(7.7).303(7.7) SPACING .386(9.8) .287(7.3).287(7.3)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 4.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL GBJ8005 GBJ801 VRRM VRMS VDC I(AV) 50 35 50 100 70 100
GBJ802 200 140 200
GBJ804 400 280 400 8.0 2.9 200 1.1 10.0 500 120 55 1.8 -55 to +150 -55 to +150
GBJ806 600 420 600
.165(4.2) .142(3.6) .708(18.0) .669(17.0)
GBJ808 800 560 800 GBJ810 1000 700 1000
.106(2.7) .096(2.3)
+
~~_
IFSM VF IR I2t CJ RJC TJ TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
~ 496 ~
.441(11.2) .425(10.8)
classification 94V-0
RATING AND CHARACTERTIC CURVES GBJ8005 thru GBJ810
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 8.0 PEAK FORWARD SURGE CURRENT, AMPERES 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 20 40 60 80 100 120 140 CASE TEMPERATURE, C
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD WITHOUT HEATSINK WITH HEATSINK
FLG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT 225 200
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
150
100
50 0 1 2 5
10
20
50
100
NUMBER OF CYCLETS AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A)
FIG.4-TYPICAL FORWARD CHARACTERISTICS 10
CAPACITANCE,(pF)
1.0
10
0.1
TJ = 25C PULSE WIDTH 300us
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5-TYPICAL REVERSE CHARACTERISTICS
1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125C
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 497 ~


▲Up To Search▲   

 
Price & Availability of GBJ8005-GBJ810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X