Part Number Hot Search : 
10129126 MB90342S M30623E8 OT160D SP600 AO4603 15CGNPBF T9015
Product Description
Full Text Search
 

To Download GBJ25005-GBJ2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ25005 thru GBJ2510
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
REVERSE VOLTAGE FORWARD CURRENT GBJ
? .134(3.4) ? .122(3.1)
- 50 to 1000Volts - 25 Amperes
1.193(30.3) 1.169(29.7)
.189(4.8) .173(4.4) .150(3.8) .134(3.4) .198 MAX (5.1) .800(20.3) .776(19.7) ? .134(3.4) ? .122(3.1) .114(2.9) .098(2.5) .031(0.8) .023(0.6)
UNIT V V V A A V A A2s pF /W
technique results in inexpensive product
The plastic material has UL flammability
.118(3.0)*45
.094(2.4) .078(2.0) .043(1.1) .035(0.9)
.402(10.2) .303(7.7).303(7.7) SPACING .386(9.8) .287(7.3).287(7.3)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 12.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125 (with heatsink Note 2) @ TC=100 (without heatsink)
SYMBOL VRRM VRMS VDC I(AV)
GBJ 25005 50 35 50
GBJ 2501 100 70 100
GBJ 2502 200 140 200
GBJ 2504 400 280 400 25.0 4.2 350 1.1 10.0 500 510 85 0.6 -55 to +150 -55 to +150
GBJ 2506 600 420 600
.165(4.2) .142(3.6) .708(18.0) .669(17.0)
GBJ 2508 800 560 800
.106(2.7) .096(2.3)
+
~~_
IFSM VF IR I2t CJ RJC TJ TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 300mm*300mm*1.6mm cu plate heatsink.
~ 323 ~
.441(11.2) .425(10.8)
GBJ 2510 1000 700 1000
classification 94V-0
RATING AND CHARACTERTIC CURVES GBJ25005 thru GBJ2510
FIG.2-MAXMUN NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT , AMPERES 350 300 250 200 150 100 50 0 1 2 5 10 20 50 100
TJ=150C SINGLE -SINE- WAVE (JEDEC METHOD)
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 25
WITH HEATSINK
20 15 10
WITHOUT HEATSINK SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
5 0 0 20 40 60 80 100 120 140 CASE TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT, (A) 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
10
100
1.0
TJ = 25C PULSE WIDTH 300us
10
0.1
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125C
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 324 ~


▲Up To Search▲   

 
Price & Availability of GBJ25005-GBJ2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X