Part Number Hot Search : 
H11L2M SK2139 BT440 CD7613 D8259AC BEOA71 SM79L12 5623A9
Product Description
Full Text Search
 

To Download GBJ10005-GBJ1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ10005 thru GBJ1010
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
REVERSE VOLTAGE FORWARD CURRENT GBJ
? .134(3.4) ? .122(3.1)
- 50 to 1000Volts - 10 Amperes
1.193(30.3) 1.169(29.7)
.189(4.8) .173(4.4) .150(3.8) .134(3.4) .198 MAX (5.1) .800(20.3) .776(19.7) ? .134(3.4) ? .122(3.1) .114(2.9) .098(2.5) .031(0.8) .023(0.6)
UNIT V V V A A V A A2s pF /W
technique results in inexpensive product
The plastic material has UL flammability
.118(3.0)*45
.094(2.4) .078(2.0) .043(1.1) .035(0.9)
.402(10.2) .303(7.7).303(7.7) SPACING .386(9.8) .287(7.3).287(7.3)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=110 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
GBJ 10005 50 35 50
GBJ 1001 100 70 100
GBJ 1002 200 140 200
GBJ 1004 400 280 400 10.0 3.0 220 1.1 10.0 500 120 55 1.4 -55 to +150 -55 to +150
GBJ 1006 600 420 600
.165(4.2) .142(3.6) .708(18.0) .669(17.0)
GBJ 1008 800 560 800
.106(2.7) .096(2.3)
+
~~_
IFSM VF IR I2t CJ RJC TJ TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 150mm*150mm*1.6mm cu plate heatsink.
~ 315 ~
.441(11.2) .425(10.8)
GBJ 1010 1000 700 1000
classification 94V-0
RATING AND CHARACTERTIC CURVES GBJ10005 thru GBJ1010
FIG.2-MAXMUN NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT , AMPERES 220
TJ=150C SINGLE -SINE- WAVE
FIG.1-FORWARD CURRENT DERATING CURVE 10.0 AVERAGE FORWARD OUTPUT CURRENT AMPERES
WITH HEATSINK
8.0
6.0
WITHOUT HEATSINK
(JEDEC METHOD)
4.0
2.0 1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
120
140
CASE TEMPERATURE, FIG.4-TYPICAL FORWARD CHARACTERISTICS 10 INSTANTANEOUS FORWARD CURRENT, (A)
FIG.3-TYPICAL JUNCTION CAPACITANCE 100
CAPACITANCE,(pF)
1.0
10
0.1
TJ = 25C PULSE WIDTH 300us
TJ=25C,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125C
TJ=100C
10
TJ=50C
1.0
TJ=25C
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 316 ~


▲Up To Search▲   

 
Price & Availability of GBJ10005-GBJ1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X