Part Number Hot Search : 
56F80 L3015 PT460F SF103 7B991 CM6807CR LT1P53A 2SC4002
Product Description
Full Text Search
 

To Download FSP2150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
FEATURES
180mV Typical Dropout with 150mA Load 2.0% Voltage Accuracy High PSRR: 70dB@100Hz Low noise output Current Limit Thermal Shutdown Protection Short Circuit Protection Very small SOT23-6L Package
GENERAL DESCRIPTION
The dual LDO FSP2150 series of positive voltage linear regulators feature high output voltage accuracy, low quiescent current and low dropout voltage, making them ideal for battery powered applications. The line transient response and load transient response are excellent. Their high PSRR make them useful in applications where AC noise on the input power supply must be suppressed. Space-saving SOT23-6L package for 2ch LDOs is attractive for portable and handheld applications. They have both thermal shutdown and a current limit feature to prevent device failure under extreme operating conditions. They are stable with an output capacitance of 2.2uF or greater.
APPLICATIONS
Cellular Handsets Portable Electronics, PDA Wireless Devices, LAN Computer Peripherals Camera Module GPS Receiver
PIN CONFIGURATION
(Top View)
OUT1 GND OUT2
6
5
4
1
EN1
2
IN
3
EN2
PIN DESCRIPTION
Pin Number 1 2 3 4 5 6 Pin Name EN1 VIN EN2 OUT2 GND OUT1 Output 1 Enable Input Output 2 Enable Output 2 Ground Output 1 Pin Function
1/9
2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
ABSOLUTE MAXIMUM RATINGS
Parameter Input Voltage Output Pin Voltage Output Current Internal Power Dissipation ESD Rating(HBM) Operating Junction Temperature Operating Ambient Temperature Storage Temperature Rating 6 GND-0.3 to VIN + 0.3 150/150 400 2000 -40 to 125 -40 to 85 -40 to 125 Unit V V mA mW V C C C C
Lead Temperature (Soldering, 5 sec) 300 Note: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired (VIN = VOUT + 1V, EN1 =EN2= IN, CIN = 2.2F, COUT = 2.2F, TA= 25C unless otherwise specified.) Parameter Input Supply Range EN Input Voltage Output Voltage Accuracy Output Current Quiescent Current Shutdown Supply Current Short Circuit Current Ground Pin Current Line Regulation Load Regulation Power Supply Ripple Rejection IO=0mA Both outputs disabled VO= 0V IO=1mA to 150mA IO=50mA VIN = 3.0V to 4.0V IO=50mA VIN = 3.5V to 4.5V IO=50mA VIN = 3.8V to 4.8V VO= 1.8V VO= 2.5 VO= 2.8V -2 1.0 70 63 45 950 350 180 200 35 40 155 0.3 1.5 1.7 5 15 2 -0.15 0.1 0.15 IO=1mA Test Conditions Min Note 1 0 -2.0 150 175 0.1 150 200 250 Typ Max 5.5 VIN +2.0 Note 2 250 1
ELECTRICAL CHARACTERISTICS
Unit V V % mA A A mA A %/V %/mA dB
IOUT = 1mA to 150mA VIN= 3.3V f= 100Hz IO=50mA VO = 1.8V f= 1KHz f= 10KHz VOUT = 1.8V, IOUT = 150mA VOUT = 2.5V, IOUT = 150mA VOUT = 2.8V, IOUT = 150mA VOUT 1.2V f= 10Hz to 100KHz IO=1mA IO=1mA
Dropout Voltage Current Limit Output Noise Over Temperature Hystersis Over Temperature Shutdown EN_ Logic Low Threshold EN_ Logic High Threshold EN Pull-up Resistance
mV mA uVrms C C V V m
Temperature Coefficient 40 ppm/C Note 1The minimum input voltage of the FSP2150 is determined by output voltage and dropout voltage. The minimum input voltage is defined as: VIN(MIN)=VO+VDROP Note 2Output current is limited by PD, maximum IO=PD/(VIN(MAX)-VO)
2/9 2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION CIRCUIT
APPLICATION INFORMATION
Capacitor Selection and Regulator Stability Similar to any low dropout regulator, the external capacitors used with the FSP2150 must be carefully selected for regulator stability and performance. Using a capacitor, CIN, whose value is2.2F at the FSP2150 input pin, the amount of the capacitance can be increased without limit. Please note that the distance between CIN and the input pin of the FSP2150 should not exceed 0.5 inch. Ceramic capacitors are suitable for the FSP2150. Capacitors with larger values and lower ESR provide better PSRR and line-transient response. The FSP2150 is designed specifically to work with low ESR ceramic output capacitors in order to save space and improve performance. Using an output ceramic capacitor whose value is 2.2F with ESR5m ensure stability. Shutdown Input Operation The FSP2150 is shutdown by pulling the EN input low, and is turned on by tying the EN input to VIN or leaving the EN input floating. Dropout Voltage A regulator's minimum dropout voltage determines the lowest usable supply voltage. The FSP2150 has a typical 180mV dropout voltage. In battery powered systems, this will determine the useful end-of-life battery voltage. Current Limit and Short Circuit Protection The FSP2150 features a current limit, which monitors and controls the gate voltage of the pass transistor. The output current can be limited to 300mA by regulating the gate voltage. The FSP2150 also has a built-in short circuit current limit.
3/9 2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
TYPICAL PERFORMANCE CHARACTERISTICS
(CIN = 2.2uF, CO = 2.2uF, TA = 25C unless otherwise specified.)
4/9
2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
TYPICAL PERFORMANCE CHARACTERISTICSCONTINUED
(CIN = 2.2uF, CO = 2.2uF, TA = 25C unless otherwise specified.)
5/9
2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
TYPICAL PERFORMANCE CHARACTERISTICSCONTINUED
(CIN = 2.2uF, CO = 2.2uF, TA = 25C unless otherwise specified.)
6/9
2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
TYPICAL PERFORMANCE CHARACTERISTICSCONTINUED
(CIN = 2.2uF, CO = 2.2uF, TA = 25C unless otherwise specified.)
7/9
2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
TYPICAL PERFORMANCE CHARACTERISTICSCONTINUED
(CIN = 2.2uF, CO = 2.2uF, TA = 25C unless otherwise specified.) Turn-on Response
ORDERING INFORMATION
FSP2150XXXX Package: C: SOT23-6L Output Voltage: (Out 1, Out 2) A: 1.8V, 2.8V B: 1.8V, 2.5V Packing: A: Tape & Reel Temperature Grade: D: -40~85
MARKING INFORMATION
XXVYW
Date code: Y: Year W: Week Output Voltage: A: 1.8V, 2.8V B: 1.8V, 2.5V Product Code
8/9
2007-6-28
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
FSP2150
PACKAGE INFORMATION
D
e1
6
5
4
E1 E
A2 A
e
b
C L
Symbol A A1 A2 b C D E E1 L L1 e1 e
Dimensions In Millimeters Min. Max. 1.050 1.250 0.000 0.100 1.050 1.150 0.300 0.400 0.100 0.200 2.820 3.020 2.650 2.950 1.500 1.700 0.300 0.600 0.700REF 0.95 Bsc. 1.90 Bsc. 0 8
A1
1
2
3
Dimensions In Inches Min. Max. 0.041 0.049 0.000 0.004 0.041 0.045 0.012 0.016 0.004 0.008 0.111 0.119 0.104 0.116 0.060 0.068 0.012 0.024 0.028REF 0.038 Bsc. 0.076 Bsc. 0 8
9/9
2007-6-28


▲Up To Search▲   

 
Price & Availability of FSP2150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X