Part Number Hot Search : 
MBL8243 640431 IRN50 76PSB06S N4007 111X17X OP284FS 6011E
Product Description
Full Text Search
 

To Download FSEZ1216B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
January 2009
FSEZ1216B
Primary-Side-Regulation PWM Integrated Power MOSFET
Features
Constant-Voltage (CV) and Constant-Current (CC) Control without Secondary-Feedback Circuitry Green-Mode Function: PWM Frequency Linearly Decreasing Fixed PWM Frequency at 50kHz with Frequency Hopping to Solve EMI Problems Cable Compensation in CV mode Low Startup Current: 10A Low Operating Current: 3.5mA Peak-Current-Mode Control in CV Mode Cycle-by-Cycle Current Limiting VDD Over-Voltage Protection (OVP) with Auto-Restart VDD Under-Voltage Lockout (UVLO) Fixed Over-Temperature Protection (OTP) with Latch DIP-8 Package Available
Description
This highly integrated PWM controller provides several features to enhance the performance of low-power flyback converters. The proprietary topology enables most simplified circuit design especially for battery charger applications. A low-cost, smaller, and lighter charger results when compared to a conventional design or a linear transformer. The startup current is only 10A, which allows large startup resistance for further power saving. To minimize the standby-power consumption, the proprietary green-mode function provides off-time modulation to linearly decrease PWM frequency under light-load conditions. This green-mode function assists the power supply in meeting power conservation requirements. By using FSEZ1216B, a charger can be implemented with few external components and minimized cost. A typical output CV/CC characteristic envelope is shown in Figure 1. FSEZ1216B series controllers are available in an 8-pin DIP package.
Applications
Battery Chargers for Cellular Phones, Cordless Phones, PDA, Digital Cameras, Power Tools Best Choice to Replace Linear Transformer and RCC SMPS
Figure 1.
Typical Output V-I Characteristic
Ordering Information
Part Number
FSEZ1216BNY
Operating Temperature Range
-40C to +105C
Eco Status
Green
Package
8-Lead, Dual Inline Package (DIP-8)
Packing Method
Tube
For Fairchild's definition of "green" Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Application Diagram
Figure 2.
Typical Application
Internal Block Diagram
Brownout Protection
Vsah Vsah IPK
Figure 3.
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
Functional Block Diagram
www.fairchildsemi.com 2
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Marking Information DXYTT ZXYTT EZ1216B TPM
F- Fairchild Logo Z- Plant Code X- 1 Digit Year Code Y- 1 Digit Week Code TT: 2 Digits Die Run Code T: Package Type (N=DIP) P: Y: Green Package M: Manufacture Flow Code
Figure 4.
Top Mark
Pin Configuration
CS COMR COMI COMV
Figure 5.
DRAIN GND VDD VS
Pin Configuration
Pin Definitions
Pin #
1 2 3 4 5 6 7 8
Name
CS COMR COMI COMV VS VDD GND DRAIN
Description
Analog Input, Current Sense. Connected to a current-sense resistor for peak-current-mode control in CV mode. The current-sense signal is also provided for output-current regulation in CC mode. Analog Output, Cable Compensation. Connect a resistor between COMR and GND for cable loss compensation in CV mode. Analog Output, Current Compensation. Output of the current error amplifier. Connect a capacitor between COMI pin and GND for frequency compensation. Analog Output, Voltage Compensation. Output of the voltage error amplifier. Connect a capacitor between COMV pin and GND for frequency compensation. Analog Input, Voltage Sense. Output-voltage-sense input for output-voltage regulation. Supply, Power Supply. Voltage Reference, Ground. Driver Output, Power MOSFET Drain. This pin is the high-voltage power MOSFET drain
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 3
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VVDD VVS VCS VCOMV VCOMI VDS ID IDM EAS IAR PD RJA RJC TJ TSTG TL ESD DC Supply Voltage VS Pin Input Voltage CS Pin Input Voltage
Parameter
(1,2)
Min.
-0.3 -0.3 -0.3 -0.3 TC=25C TC=100C
Max.
30 7.0 7.0 7.0 7.0 600 1 0.6 4 33 1 800 113 67 +150
Unit
V V V V V V A A A mJ A mW C/W C/W C C C KV V
Voltage-Error Amplifier Output Voltage Voltage-Error Amplifier Output Voltage Drain-Source Voltage Continuous Drain Current Pulsed Drain Current Single-Pulse Avalanche Energy Avalanche Current Power Dissipation (TA50C) Thermal Resistance (Junction-to-Air) Thermal Resistance (Junction-to-Case) Operating Junction Temperature Storage Temperature Range Lead Temperature (Wave Soldering or IR, 10 Seconds) Electrostatic Discharge Capability, Human Body Model, JEDEC: JESD22-A114 Electrostatic Discharge Capability, Charged Device Model, JEDEC: JESD22-C101
-55
+150 +260 3.0 1000
Notes: 1. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. 2. All voltage values, except differential voltages, are given with respect to GND pin.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
TA
Parameter
Operating Ambient Temperature
Min.
-40
Typ.
Max.
+105
Unit
C
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 4
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Electrical Characteristics
VDD=15V, TA=25C, unless otherwise specified.
Symbol VDD SECTION
VOP VDD-ON VDD-OFF IDD-ST IDD-OP
Parameter
Continuously Operating Voltage Turn-On Threshold Voltage Turn-Off Threshold Voltage Startup Current Operating Current Green-Mode Operating Supply Current VDD Over-Voltage-Protection Level VDD Over-Voltage-Protection Debounce Time Center Frequency FrequencyHopping Range
Conditions
Min.
Typ.
Max.
25
Units
V V V A mA
15 4.5 016 5.0 10 3.5
17 5.5 20 5.0
IDD-GREEN VDD-OVP tD-VDDOVP
1 28 250
2 29 400
mA V s
OSCILLATOR SECTION
TA=25C, VVS=2.3V VCS=1.5V, VVS=2V VCS=1.5V, VVS=2V VVS=2.7V, VCOMV=0V VVS=2.3V, VCS=0.5V VDD=10V to 25V TA=-40C to 105C 48 1.0 50 1.5 2.56 500 18 5 15 55 KHz 2.3 ms Hz KHz % % fOSC Frequency
tFHR fOSC-N-MIN fOSC-CM-MIN fDV fDT
Frequency-Hopping Period Minimum Frequency at No-Load Minimum Frequency at CCM Frequency Variation vs. VDD Deviation Frequency Variation vs. Temperature Deviation Sink Current for Brownout Protection IC Compensation Bias Current Adaptive Bias Voltage Dominated by VCOMV
VOLTAGE-SENSE SECTION
IVS-UVP Itc VBIAS-COMV RVS=20K 125 9.5 VCOMV=0V,RVS=20K 1.4 A A V
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 5
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Electrical Characteristics
VDD=15V, TA=25C, unless otherwise specified.
Symbol
Parameter
Propagation Delay to GATE Output Minimum On-Time at No-Load Minimum On-Time in CC Mode Threshold Voltage for Current Limit Reference Voltage Green-Mode Starting Voltage on COMV Pin Green-Mode Ending Voltage on COMV Pin Output Sink Current Output Source Current Output High Voltage Reference Voltage Output Sink Current Output Source Current Output High Voltage Variation Test Voltage on COMR pin for Cable Compensation
Conditions
Min.
Typ.
Max.
Units
CURRENT-SENSE SECTION
tPD tMIN-N tMINCC VTH 100 VVS=-0.8V, RCS=2K VCOMV=1V VVS=0V, VCOMV=2V 1100 400 1.3 200 ns ns ns V
VOLTAGE-ERROR-AMPLIFIER SECTION
VVR VN VG IV-SINK IV-SOURCE VV-HGH VIR II-SINK II-SOURCE VI-HGH 2.475 fS=fOSC-2KHz VVS=2.3V fS=1KHz VVS=3V, VCOMV=2.5V VVS=2V, VCOMV=2.5V VVS=2.3V 4.5 2.475 VCS=3V, VCOMI=2.5V VCS=0V, VCOMI=2.5V VCS=0V 4.5 2.500 55 55 2.525 2.500 2.8 0.8 90 90 2.525 V V V A A V V A A V
CURRENT-ERROR-AMPLIFIER SECTION
CABLE COMPENSATION SECTION
VCOMR RCOMR=100k 0.85 V
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 6
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Electrical Characteristics
VDD=15V, TA=25C, unless otherwise specified.
Symbol
DCYMAX BVDSS BVDSS /TJ IS ISM RDS(ON)
Parameter
Maximum Duty Cycle Drain-Source Breakdown Voltage Breakdown-Voltage Temperature Coefficient Maximum Continuous DrainSource Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Static Drain-Source OnResistance Drain-Source Leakage Current
Conditions
Min.
Typ.
75
Max.
Units
% V
INTERNAL MOSFET SECTION
ID=250A, VGS=0V ID=250A, Referenced to 25C
600 0.6 1 4
V/C A A A A ns ns ns ns pF pF
ID=0.5A, VGS=10V VDS=600V, VGS=0V TC=25C VDS=480V, VGS=0V TC=100C VDS=300V, ID=1.1A (3,4) RG=25
9.3
11.5 1 10
IDSS
tD-ON tr tD-OFF tf CISS COSS
Turn-On Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Threshold Temperature for (5) OTP
7 21 13 27
24 52 36 64 170 25
VGS=0V, VDS=25V fS=1MHz
130 19
OVER-TEMPERATURE-PROTECTION SECTION
TOTP 140 C
Notes: 3. Pulse Test: Pulse width 300s, Duty cycle 2%. 4. Essentially independent of operating temperature. 5. When the OTP is activated, the power system enters latch mode and output is disabled.
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 7
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Typical Performance Characteristics
17 5.5
16.6
5.3
16.2
VDD-OFF (V)
-40 -30 -15 0 25 50 75 85 100 125
VDD-ON (V)
5.1
15.8
4.9
15.4
4.7
15
4.5 -40 -30 -15 0 25 50 75 85 100 125
Temperature (C)
Temperature (C)
Figure 6.
Turn-On Threshold Voltage (VDD-ON) vs. Temperature
Figure 7.
Turn-Off Threshold Voltage (VDD-OFF) vs. Temperature
4.5
57
4.1
55
IDD-OP (mA)
3.7
fOSC (KHz)
-40 -30 -15 0 25 50 75 85 100 125
53
3.3
51
2.9
49
2.5
47 -40 -30 -15 0 25 50 75 85 100 125
Temperature (C)
Temperature (C)
Figure 8.
Operating Current (IDD-OP) vs. Temperature
Figure 9.
Center Frequency (fOSC) vs. Temperature
2.525
2.525
2.515
2.515
VVR (V)
2.495
VIR (V)
-40 -30 -15 0 25 50 75 85 100 125
2.505
2.505
2.495
2.485
2.485
2.475
2.475 -40 -30 -15 0 25 50 75 85 100 125
Temperature (C)
Temperature (C)
Figure 10. Reference Voltage (VVR) vs. Temperature
Figure 11. Reference Voltage (VIR) vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 8
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Typical Performance Characteristics (Continued)
600 25
560
23
520
fOSC-CM-MIN (KHz)
-40 -30 -15 0 25 50 75 85 100 125
fOSC-N-MIN (Hz)
21
480
19
440
17
400
15 -40 -30 -15 0 25 50 75 85 100 125
Temperature (C)
Temperature (C)
Figure 12. Minimum Frequency at No Load (fOSC-N-MIN) vs. Temperature
Figure 13. Minimum Frequency at CCM (fOSC-CM-MIN) vs. Temperature
30 25
1200 1150 1100 1050 1000 950 900 -40 -30 -15 0 25 50 75 85 100 125 -40 -30 -15 0 25 50 75 85 100 125
SG (KHz/V)
15 10 5 0
Temperature (C)
tMIN-N (ns)
20
Temperature (C)
Figure 14. Green-Mode-Frequency Decreasing Rate (SG) vs. Temperature
Figure 15. Minimum On-Time at No-Load (tMIN-N) vs. Temperature
5
1
4
0.8
2
VG (V)
-40 -30 -15 0 25 50 75 85 100 125
VN (V)
3
0.6
0.4
1
0.2
0
0 -40 -30 -15 0 25 50 75 85 100 125
Temperature (C)
Temperature (C)
Figure 16. Green Mode Starting Voltage on COMV Pin (VN) vs. Temperature
Figure 17. Green Mode Ending Voltage on COMV Pin (VG) vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 9
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Typical Performance Characteristics (Continued)
100 100 96
97
IV-SOURCE (A)
-40 -30 -15 0 25 50 75 85 100 125
IV-SINK (A)
92 88 84 80 76 -40 -30 -15 0 25 50 75 85 100 125
94
91
88
85
Temperature (C)
Temperature (C)
Figure 18. Output Sink Current (IV-SINK) vs. Temperature
Figure 19. Output Source Current (IV-SOURCE) vs. Temperature
60
55
57
52
54
II-SOURCE (A)
-40 -30 -15 0 25 50 75 85 100 125
II-SINK (A)
49
51
46
48
43
45
40 -40 -30 -15 0 25 50 75 85 100 125
Temperature (C)
Temperature (C)
Figure 20. Output Sink Current (II-SINK) vs. Temperature
Figure 21. Output Source Current (II-SOURCE) vs. Temperature
2
80
1.6
76
1.2
DCYMAX (%)
-40 -30 -15 0 25 50 75 85 100 125
VCOMR (V)
72
0.8
68
0.4
64
0
60 -40 -30 -15 0 25 50 75 85 100 125
Temperature (C)
Temperature (C)
Figure 22. Variation Test Voltage on COMR Pin for Cable Compensation (VCOMR) vs. Temperature
Figure 23. Maximum Duty Cycle (DCYMAX) vs. Temperature
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 10
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Functional Description
The proprietary topology of FSEZ1216B enables most simplified circuit design especially for battery charger applications. Without secondary feedback circuitry, the CV and CC control can still be achieved accurately. As shown in Figure 24, with the frequency-hopping, PWM operation, EMI problem can be solved by using minimized filter components. FSEZ1216B also provides many protection functions. The VDD pin is equipped with over-voltage protection (OVP) and under-voltage lockout (UVLO). Pulse-by-pulse current limiting and CC control ensure over-current protection (OCP) at heavy loads. The GATE output is clamped at 15V to protect the external MOSFET from over-voltage damage. Also, the internal over-temperature-protection (OTP) function shuts down the controller with latch when over heated.
Figure 25. Green-Mode Operation Frequency vs. VCOMV
Constant Voltage (CV) and Constant Current (CC) Operation
An innovative technique of the FSEZ1216B can accurately achieve CV/CC characteristic output without secondary-side voltage or current-feedback circuitry. There is a feedback signal from the reflected voltage across the primary auxiliary winding for CV/CC operation. This voltage signal is proportional to secondary winding, so it provides the controller the feedback signal from secondary side and achieves constant-voltage-output property. In constant-currentoutput operation, this voltage signal is detected and examined by the precise constant-current-regulation controller, then determines the on-time of the MOSFET to control input power and provide constant-currentoutput property. With feedback voltage VCS across the current-sense resistor, the controller can obtain the input power of the power supply. Therefore, the region of constant-current-output operation can be adjusted by the current sense resistor.
Figure 24. Frequency Hopping
Startup Current
The startup current is only 10A. Low startup current allows a startup resistor with a high resistance and a low wattage to supply the starup power for the controller. A 1.5M, 0.25W, startup resistor and a 10F/25V VDD hold-up capacitor is sufficient for an AC-to-DC power adapter with a wide input range (100VAC to 240VAC).
Operating Current
The operating current has been reduced to 3.5mA. The low operating current results in higher efficiency and reduces the VDD hold-up capacitance requirement. Once FSEZ1216B enters deep-green mode, the operating current is reduced to 1mA, assisting the power supply to easily meet the power conservation requirement.
Temperature Compensation
The FSEZ1216B has built-in temperature compensation, in order to get better CV regulation at different ambient temperatures. This internal compensation current is a positive-temperaturecoefficient (PTC) current that can compensate the forward-voltage drop of the secondary diode varying with temperature. This variation causes output-voltage rising at high temperature.
Green-Mode Operation
Figure 25 shows the characteristics of the PWM frequency vs. the output voltage of the error amplifier (VCOMV). The FSEZ1216B uses the positive, proportional, output load parameter (VCOMV) as an indication of the output load for modulating the PWM frequency. In heavy-load conditions, the PWM frequency is fixed at 50KHz. Once VCOMV is lower than VN, the PWM frequency starts to linearly decrease from 50KHz to 500Hz, thus providing further power savings and easily meeting international power-conservation requirements.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on spike occurs at the sense resistor. To avoid premature termination of the switching pulse, a leading-edge blanking time is built in. Conventional RC filtering can therefore be omitted. During this blanking period, the current-limit comparator is disabled and it cannot switch off the gate driver.
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 11
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds of the FSEZ1216B are fixed internally at 16V/5V. During startup, the holdup capacitor must be charged to 16V through the startup resistor, so that the FSEZ1216B is enabled. The hold-up capacitor continues to supply VDD until power can be delivered from the auxiliary winding of the main transformer. VDD must not drop below 5V during this startup process. This UVLO hysteresis window ensures that the hold-up capacitor is adequate to supply VDD during startup.
voltage. Some of the FSEZ1216B's internal circuits are shut down, and VDD gradually starts increasing again. When VDD reaches 16V, all the internal circuits including the temperature-sensing circuit starts operating normally. If the junction temperature is still higher than 140C, the PWM controller is shut down immediately.
Built-In Slope Compensation
The sensed voltage across the current-sense resistor is used for current-mode control and pulse-by-pulse current limiting. Built-in slope compensation improves stability and prevents sub-harmonic oscillations due to peak-current-mode control. The FSEZ1216B has a synchronized, positively-sloped ramp built-in at each switching cycle.
VDD Over-Voltage Protection (OVP)
VDD OVP is built in to prevent damage due to overvoltage conditions. When the voltage VDD exceeds 28V due to abnormal conditions, PWM pulses are disabled until the VDD voltage drops below the UVLO and then startup again. Over-voltage conditions are usually caused by open feedback loops.
Noise Immunity
Noise from the current sense or the control signal can cause significant pulse-width jitter, particularly in continuous-conduction mode. While slope compensation helps alleviate these problems, further precautions should still be taken. Good placement and layout practices should be followed. Avoid long PCB traces and component leads, locating compensation and filter components near the FSEZ1216B.
Over-Temperature Protection (OTP)
The FSEZ1216B has a built-in temperature-sensing circuit to shut down PWM output once the junction temperature exceeds 140C. While PWM output is shut down, the VDD voltage gradually drops to the UVLO
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 12
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Applications Information
N1 1 R1 18 ohm /Wire Wound D1 1N4007 2 D2 1N4007 R3 CR22R N12 10 D5 2 N10 2 4 1 5A60 2 C1 N13 102P 1 N14 + C7 L2 5uH 220uF/10V 1 2 470uF/16V + C8 R8 510R/1206 2 N17 VO
L L1 2 1 2 1 N1
N3 R2 D4 1N4007 R4 750K + C3 10uF/400V N4 1 100K N7 1 D6 1N4007 N9 2 R6 CR270R 2 2 C5 4.7nF/1KV N6
1
TR 1
VO
P1
D3 1N4007
+ C2 1uF /400V
1
2
1
N N2
1
L4 1mH
P2 D7 FR103 3 EE16 8 AGND
2
R5 750K
AGND
1 2 C6 10uF/50V 1 +
U1 CS COMR COMI COMV 1 2 3 4 CS COMR COMI COMV FSEZ1216B C12 47pF C9 R9 68K 1uF C10 R10 200K 68nF R11 10nF C11 56K DR AIN GND VDD VS 8 7 6 5 VDD VS
R7 137K
R14 30K
R12 1R3
Figure 26. 5W (5V/1A) Application Circuit
BOM
Designator
D1, D2, D3, D4, D6 D5 D7 C1 C2 C3 C5 C6 C7 C8 C9 C10 C11 C12 R1
Part Type
1N4007 SB560 FR103 1nF EC 1F/400V EC 10F/400V 4.7nF/1KV EC 10F/50V EC 470F/16V EC 220F/10 1F 68nF 10nF 47pF R 18
Designator
R2 R3 R4, R5 R6 R7 R8 R9 R10 R11 R12
R14
Part Type
R 100K R 22 R 750K R 270 R 137K R 510 R 68K R 200K R 56K
R 1.3 R 30
L4 T1 U1
1mH
EE16 (1.5mH) IC FSEZ1216B
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 13
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
Physical Dimensions
9.83 9.00
6.67 6.096
8.255 7.61
5.08 MAX
3.683 3.20
7.62
0.33 MIN (0.56) 2.54
3.60 3.00 0.56 0.355 1.65 1.27
7.62
0.356 0.20 9.957 7.87
NOTES: UNLESS OTHERWISE SPECIFIED A) THIS PACKAGE CONFORMS TO JEDEC MS-001 VARIATION BA B) ALL DIMENSIONS ARE IN MILLIMETERS. C) DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH, AND TIE BAR EXTRUSIONS. D) DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994 E) DRAWING FILENAME AND REVSION: MKT-N08FREV2.
Figure 27. 8-Lead, Dual Inline Package (DIP-8)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0 www.fairchildsemi.com 14
FSEZ1216B -- Primary-Side-Regulation PWM Integrated Power MOSFET
(c) 2008 Fairchild Semiconductor Corporation FSEZ1216B Rev. 1.0.0
www.fairchildsemi.com 15


▲Up To Search▲   

 
Price & Availability of FSEZ1216B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X