Part Number Hot Search : 
LVT57 A2918SW MCM6709R ZNBG3114 MBR104 LBN07095 2CC450 2SC3838K
Product Description
Full Text Search
 

To Download FR301G-FR307G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR301G thru FR307G
GLASS FAST RECOVERY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 3.0 Amperes DO- 27
FEATURES
Fast switching for high efficiency Low cost Diffused junction Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN
.052(1.3) .048(1.2) DIA.
.375(9.5) .335(8.5)
210
.220(5.6) .197(5.0) DIA.
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic Polarity: Color band denotes cathode Weight: 0.04 ounces , 1.1 grams Mounting position: Any
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=75
SYMBOL FR301G FR302G FR303G FR304G FR305G FR306G FR307G VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 3.0 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR TRR CJ RJA TJ TSTG 150 65
150 1.3 5.0 100 250 40 15 -55 to +150 -55 to +150 500
A V A nS pF /W
Maximum Reverse Recovery Time(Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction of ambient.
~ 69 ~
RATING AND CHARACTERTIC CURVES FR301G thru FR307G
FIG. 1 - FORWARD CURRENT DERATING CURVE 3.0 AVERAGE FORWARD CURRENT AMPERES PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 200
150
2.0
100
1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
50
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 25 50 75 100 125 150 175
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT, (A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE (pF)
1.0
100
FR301G - FR304G
TJ = 25C
0.1
FR305G - FR307G
PULSE WIDTH 300us
TJ = 25C f = 1 MHz
10 1 4 10 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 70 ~


▲Up To Search▲   

 
Price & Availability of FR301G-FR307G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X