Part Number Hot Search : 
PA6120 PC302 SSM19PT RL207 TS391IYL PA670M RL205 CS120
Product Description
Full Text Search
 

To Download FR201-FR207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR201 thru FR207
FAST RECOVERY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 2.0 Amperes DO-15
FEATURES
Fast switching for high efficiency Low cost Diffused junction Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN.
.034(0.9) .028(0.7)
DIA
.300(7.6) .230(5.8) .140(3.6) .104(2.6) DIA.
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic Polarity: Color band denotes cathode Weight: 0.015 ounces , 0.4 grams Mounting position: Any
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=50
SYMBOL VRRM VRMS VDC I(AV)
FR201 50 35 50
FR202 100 70 100
FR203 200 140 200
FR204 400 280 400 2.0
FR205 600 420 600
FR206 800 560 800
FR207 1000 700 1000
UNIT V V V A
IFSM VF IR Trr CJ RJA TJ TSTG 150 30
70 1.3 5.0 100 250 20 25 -55 to +125 -55 to +150 500
A V A nS pF /W
Maximum Reverse Recovery Time(Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient.
~ 68 ~
RATING AND CHARACTERTIC CURVES FR201 thru FR207
FIG. 1 - FORWARD CURRENT DERATING CURVE 2.0 AVERAGE FORWARD CURRENT AMPERES 70 PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 1 2 5 10 20 50 100 FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
1.5
1.0
0.5
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT,(A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
FR201 - FR204
CAPACITANCE ,(pF)
1.0
10
FR205 - FR207
TJ = 25C
0.1
TJ = 25C f = 1 MHz
PULSE WIDTH 300us
1 1 4 10 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
~ 69 ~


▲Up To Search▲   

 
Price & Availability of FR201-FR207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X