Part Number Hot Search : 
MM3Z5V6 UPD75208 2SC47 SP8861HP MS7200L M3900622 AP1625W NJ8821
Product Description
Full Text Search
 

To Download FR101G-FR107G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR101G thru FR107G
FAST RECOVERY GLASS PASSIVATED RECTIFIERS FEATURES
Fast switching for high efficiency Low cost Diffused junction Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.0 Ampere DO- 41
1.0(25.4) MIN.
.034(0.9) DIA .028(0.7)
.205(5.2) MAX
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Polarity: Color band denotes cathode Weight: 0.012 ounces , 0.34 grams Mounting position: Any
.107(2.7) DIA .080(2.0) 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=75
SYMBOL FR101G FR102G FR103G FR104G FR105G FR106G FR107G VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 1.0 600 420 600 800 560 800 1000 700 1000
UNIT V V V A
IFSM VF IR Trr CJ RJA TJ TSTG 150 25
30 1.3 5.0 100 250 15 25 -55 to +150 -55 to +150 500
A V A nS pF /W
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient.
~ 86 ~
RATING AND CHARACTERTIC CURVES FR101G thru FR107G
FIG. 1 - FORWARD CURRENT DERATING CURVE 1.0 0.8 0.6 PEAK FORWARD SURGE CURRENT AMPERES AVERAGE FORWARD CURRENT AMPERES 40
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
30
20
0.4 0.2 0 25 50 75 100 125 150 175
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
10
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE ()
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT AMPERES 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
FR101G - FR104G
CAPACITANCE (pF)
1.0
10
FR105G - FR107G
TJ = 25C
0.1
TJ = 25C f = 1 MHz
PULSE WIDTH 300us
1 1 4 10 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE ,VOLTS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
~ 87 ~


▲Up To Search▲   

 
Price & Availability of FR101G-FR107G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X