Part Number Hot Search : 
2SK80 AT25256 1045CT 1045CT EL816C HMC137 ZPD24 MC1733
Product Description
Full Text Search
 

To Download EUJBS-20000M-GA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EU Series
* RoHS Compliant (Pb-Free) * HC-49/U package * AT cut * Resistance weld seal * Tight tolerance/stability * Tape and reel, vinyl sleeve, insulator tab, third lead, and custom lead length options available
NOTES
EU
H 13.58 L 11.18 W 4.70
CRYSTAL
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
_____________________________________________________________________________________________________________________________________________________________________________________________ _____________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range Frequency Tolerance / Stability Over Operating Temperature Range Operating Temperature Range Aging (at 25C) Storage Temperature Range Shunt Capacitance Insulation Resistance Drive Level Load Capacitance (CL) Frequency Range 1.8432MHz to 1.999MHz 2.000MHz to 2.399MHz 2.400MHz to 2.999MHz 3.000MHz to 3.199MHz 3.200MHz to 3.499MHz 3.500MHz to 3.599MHz 3.600MHz to 3.899MHz 3.900MHz to 3.999MHz 4.000MHz to 4.099MHz
MANUFACTURER
1.8432MHz to 65.000MHz 50ppm / 100ppm (Standard), 30ppm / 50ppm, 15ppm / 30ppm, *15ppm / 20ppm, or 10ppm / 15ppm 0C to 70C, -20C to 70C, or -40C to 85C 5ppm / year Maximum -40C to 125C 7pF Maximum 500 Megaohms Minimum at 100VDC 2 mWatts Maximum 18pF (Standard), Custom CL 10pF, or Series Resonant
EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT
ESR () 650 Max 550 Max 350 Max 250 Max 200 Max 180 Max 150 Max 120 Max 100 Max
CATEGORY
Mode / Cut Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT
SERIES
Frequency Range 4.100MHz to 4.999MHz 5.000MHz to 5.999MHz 6.000MHz to 6.999MHz 7.000MHz to 7.999MHz 8.000MHz to 9.999MHz 10.000MHz to 12.999MHz 13.000MHz to 32.768MHz 24.000MHz to 29.999MHz 30.000MHz to 65.000MHz
PACKAGE
ESR () 80 Max 75 Max 50 Max 40 Max 35 Max 30 Max 25 Max 60 Max 40 Max
CLASS
Mode / Cut Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Fundamental / AT Third Overtone / AT Third Overtone / AT
REV.DATE
ECLIPTEK CORP.
CRYSTAL
EU
HC-49/U
CR40
11/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE EU A A 18 - 20.000M - I2 TR
FREQUENCY TOLERANCE / STABILITY A=50ppm at 25C, 100ppm from 0C to 70C B=50ppm at 25C, 100ppm from -20C to 70C C=50ppm at 25C, 100ppm from -40C to 85C D=30ppm at 25C, 50ppm from 0C to 70C E=30ppm at 25C, 50ppm from -20C to 70C F=30ppm at 25C, 50ppm from -40C to 85C G=15ppm at 25C, 30ppm from 0C to 70C H=15ppm at 25C, 30ppm from -20C to 70C J=15ppm at 25C, 30ppm from -40C to 85C K=15ppm at 25C, 20ppm from 0C to 70C L=15ppm at 25C, 20ppm from -20C to 70C M=15ppm at 25C, 20ppm from -40C to 85C N=10ppm at 25C, 15ppm from 0C to 70C P=10ppm at 25C, 15ppm from -20C to 70C PACKAGING OPTIONS Blank=Bulk, A=Tray, TR=Tape and Reel AVAILABLE OPTIONS Blank=None (Standard), CX=Custom Lead Length G=Gull Wing I2=Insulator Tab L=Third Lead L2=Alternate Third Lead V=Vinyl Sleeving FREQUENCY LOAD CAPACITANCE S=Series, XX=XXpF MODE OF OPERATION / CRYSTAL CUT A=Fundamental / AT, B=Third Overtone / AT MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
PARAMETER SPECIFICATION
MARKING SPECIFICATIONS
1000 Pieces per Reel Compliant to EIA-468B
Fine Leak Test Gross Leak Test Lead Integrity Lead Termination Mechanical Shock Resistance to Soldering Heat Resistance to Solvents Solderability Temperature Cycling Vibration
MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-883, Method 2004 Sn 2m - 6m MIL-STD-202, Method 213, Condition C MIL-STD-202, Method 210 MIL-STD-883, Method 215 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-883, Method 2007, Condition A
Line 1: ECLIPTEK Line 2: EXX.XXXM
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX
Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV.DATE
ECLIPTEK CORP.
CRYSTAL
EU
HC-49/U
CR40
11/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of EUJBS-20000M-GA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X