Part Number Hot Search : 
M83723 MC68A00S P2010 NE3510M B0440 ATS236PA 3EZ62D5 LTM8064
Product Description
Full Text Search
 

To Download ENH-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ERH, ENH
Vishay Dale
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
FEATURES
* Aluminum heat sink housing * Molded construction for total environmental protection * Qualified to MIL-PRF-39009 * Complete welded construction * Available in non-inductive styles (type ENH) with ArytonPerry winding for lowest reactive components * Mounts on chassis to utilize heat-sink effect
STANDARD ELECTRICAL SPECIFICATIONS
MODEL MIL-PRF-39009 TYPE RER40 RER45 RER50 RER55 RER60 RER65 RER70 RER75 5 10 20 30 5 10 20 30 POWER RATING P25 C W MOUNTED ENH-5 ENH-10 ENH-25 ENH-50 ERH-5 ERH-10 ERH-25 ERH-50 FREE AIR 3 6 8 10 3 6 8 10 MILITARY RESISTANCE RANGE 1% 1 - 1.65K 1 - 2.8K 1 - 6.04K 1 - 4.99K 0.10 - 3.32K 0.10 - 5.62K 0.10 - 12.1K 0.10 - 39.2K WEIGHT (typical) g 3.3 8.8 16.5 35 3 6 13 28
TECHNICAL SPECIFICATIONS
PARAMETER Temperature Coefficient Dielectric Withstanding Voltage Short Time Overload Maximum Working Voltage Insulation Resistance Terminal Strength Solderability Operating Temperature Range UNIT ppm/C VAC V lb C ERH, ENH RESISTOR CHARACTERISTICS 100 for 0.1 to 0.99 , 50 for 1 to 19.9 , 20 for 20 and above 1000 for ERH-5, ERH-10 and ERH-25, 2000 for ERH-50 5 x rated power for 5 s (P x R)1/2 10 000 M minimum dry, 1000 M minimum after moisture test 5 pull for ERH-5 and ERH-10, 10 pull for ERH-25 and ERH-50 Meets requirements of ANSI J-STD-002 - 55 to + 250
GLOBAL PART NUMBER INFORMATION
Global/Military Part Numbering: RER65F1001RC02
R
MIL TYPE RER40 RER45 RER50 RER55 RER60 RER65 RER70 RER75 www.vishay.com 160
E
R
6
5
F
1
0
0
1
R
C
0
2
PACKAGING CODE C02 = Tin/lead, card pack CSL = Tin/lead, card pack, single lot date code
TOLERANCE CODE F = 1.0 %
RESISTANCE VALUE 3 digit significant figure, followed by a multiplier 49R9 = 49.9 1000 = 100 1001 = 1000
FAILURE RATE M = 1.0 %/1000 h P = 0.1 %/1000 h R = 0.01 %/1000 h
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30200 Revision: 29-May-08
ERH, ENH
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
DIMENSIONS
D C A F M N E H J P K L G
Vishay Dale
B
MODEL ERH-5 ENH-5 ERH-10 ENH-10 ERH-25 ENH-25 ERH-50 ENH-50
A 0.444 0.005 [11.280 0.127] 0.562 0.005 [14.270 0.127] 0.719 0.005 [18.260 0.127] 1.562 0.005 [39.670 0.127]
B 0.490 0.005 [12.450 0.127] 0.625 0.005 [15.880 0.127] 0.781 0.005 [19.840 0.127] 0.844 0.005 [21.440 0.127]
C 0.600 0.031 [15.240 0.787] 0.750 0.031 [19.050 0.787] 1.062 0.031 [26.970 0.787] 1.968 0.031 [49.990 0.787]
D 1.125 0.062 [28.580 1.570] 1.375 0.062 [34.930 1.570] 1.938 0.062 [49.230 1.570] 2.781 0.062 [70.640 1.570]
E 0.334 0.015 [8.480 0.381] 0.420 0.015 [10.670 0.381] 0.550 0.015 [13.970 0.381] 0.630 0.015 [16.000 0.381]
DIMENSIONS in inches [millimeters] F G H J 0.133 0.065 0.320 0.646 0.015 0.015 0.010 0.010 [3.380 [1.650 [16.410 [8.130 0.381] 0.381] 0.254] 0.254] 0.800 0.390 0.075 0.165 0.015 0.015 0.010 0.010 [20.320 [9.910 [1.900 [4.190 0.381] 0.381] 0.254] 0.254] 0.231 0.075 0.546 1.080 0.015 0.015 0.010 0.010 [5.870 [27.430 [13.870 [1.900 0.381] 0.381] 0.254] 0.254] 0.260 0.088 0.610 1.140 0.015 0.015 0.010 0.010 [6.600 [28.960 [15.490 [2.240 0.381] 0.381] 0.254] 0.254]
RATED POWER IN % 120 100 80 60 40 20 0 - 55 - 50 0
K 0.078 0.010 [1.980 0.254] 0.093 0.010 [2.360 0.254] 0.172 0.010 [4.370 0.254] 0.196 0.010 [4.980 0.254]
L 0.093 0.005 [2.360 0.127] 0.094 0.005 [2.390 0.127] 0.125 0.005 [3.180 0.127] 0.125 0.005 [3.180 0.127]
M 0.078 0.015 [1.980 0.381] 0.102 0.015 [2.590 0.381] 0.115 0.015 [2.920 0.381] 0.107 0.015 [2.720 0.381]
N 0.050 0.005 [1.270 0.127] 0.085 0.005 [2.160 0.127] 0.085 0.005 [2.160 0.127] 0.085 0.005 [2.160 0.127]
P 0.266 0.062 [6.760 1.570] 0.312 0.062 [7.920 1.570] 0.438 0.062 [11.130 1.570] 0.438 0.062 [11.130 1.570]
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy, depending on resistance value Core: Ceramic, steatite or alumina, depending on physical size Encapsulant: Silicone molded construction Housing: Aluminum with hard anodic coating End Caps: Stainless steel Standard Terminals: Tinned Copperweld(R) Part Marking: Source code, JAN, military PIN, date/lot code
50 25
POWER RATING
Vishay ERH and ENH resistor wattage ratings are based on mounting to the proper heat sink. ERH-5 and ERH-10: 4" x 6" x 2" x 0.040" thick aluminum chassis ERH-25 and ERH-50: 5" x 7" x 2" x 0.040" thick aluminum chassis
Derating
100 150 200 250 AMBIENT TEMPERATURE IN C
APPLICABLE MIL SPECIFICATION
MIL-PRF-39009: This is the military specification covering housed chassis mount established reliability power wirewound resistors. Vishay ERH and ENH resistors are listed as qualified on the MIL-PRF-39009 QPL.
PERFORMANCE
TEST Low Temperature Operation Short Time Overload Dielectric Withstanding Voltage Low Temperature Storage High Temperature Exposure Moisture Resistance Shock, Specified Pulse Vibration, High Frequency Load Life Extended Life Terminal Strength Document Number: 30200 Revision: 29-May-08 CONDITIONS OF TEST Apply rated power until thermal stability, remove power subject to air temperature of - 55 C for 15 to 30 min 5 x rated power for 5 s 1000 Vrms (RER 40, 45, 50, 60, 65, 70), 2000 Vrms (RER55 and 75), 1 min duration - 55 C for 24 h 250 C for 2000 h MIL-STD-202, Method 106 MIL-STD-202, Method 213, condition 1 MIL-STD-202, Method 204, condition D 2000 h at rated power, + 25 C, 1.5 h "ON", 0.5 h "OFF" 10 000 h at rated power, + 25 C, 1.5 h "ON", 0.5 h "OFF" MIL-STD-202, Method 211, condition A 5 pound (RER40, 45, 60, 65), 10 pound (RER50, 55, 70, 75) For technical questions, contact: ww2bresistors@vishay.com TEST LIMITS (0.5 % + 0.01 ) R (0.3 % + 0.01 ) R (0.2 % + 0.01 ) R (0.3 % + 0.01 ) R (1.0 % + 0.01 ) R (0.5 % + 0.01 ) R (0.2 % + 0.01 ) R (0.2 % + 0.01 ) R (1.0 % + 0.01 ) R (2.0 % + 0.01 ) R (0.2 % + 0.01 ) R www.vishay.com 161
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ENH-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X