Part Number Hot Search : 
7N0607 KBP156 TAR5S27U A3842 BD4854 CPT2308 IRHM5 APM4548
Product Description
Full Text Search
 

To Download EM513-EM518 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM513 thru EM518
HIGH VOLTAGE PLASTIC RECTIFIER FEATURES
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed:
REVERSE VOLTAGE - 1600 to 2000 Volts FORWARD CURRENT - 1.0 Amperes DO- 41
1.0(25.4) MIN.
.034(0.9) DIA .028(0.7)
250/10sec/0.375" (9.5mm) lead length at 5 lbs tension .205(5.2) MAX .107(2.7) DIA .080(2.0) 1.0(25.4) MIN.
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL -STD 202E,method 208C Case: Molded with UL-94 Class V-O recognized flame retardant epoxy. Polarity: Color band denotes cathode Weight: 0.012 ounces , 0.34 grams Mounting position:Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase,half wave, 60HZ, resistive or inductive load. For capacitive load,derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5mm) Lead Lengths at Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Instantaneous Forward Voltage at Rated Formward Current @ TA=25 Maximum DC Reverse Current at Rated DC Blocking Voltage Typical junction Capacitance (Note1 ) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range @TA=25 @TA=100 TA=75
SYMBOL VRRM VRMS VDC I(AV)
EM513 1600 1120 1600
EM516 1800 1260 1800 1.0
EM518 2000 1400 2000
UNIT V V V A
IFSM
30
A
VF IR CJ RJA TJ TSTG
1.1 5.0 50.0 10 50 -50 to+150 -50 to+150
V A pF /W
NOTE:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal Resistance from Junction of ambient at.375" (9.5mm) lead lengths. P.C.board mounted.
~ 41 ~
RATING AND CHARACTERISTIC CURVES EM513 thru EM518
FIG.2-TYPICAL FORWARD CHARACTERISTICS FIG. 1 - FORWARD CURRENT DERATING CURVE INSTANTANEOUS FORWARD CURRENT,(A) 1.0 AVERAGE FORWARD CURRENT AMPERES 0.8 0.6 0.4
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.5
TJ = 25C CPULSE WIDTH 300us 1%DUTY CYCLE
0.2 0 25
50
10 125 0 AMBIENT TEMPERATURE ()
75
150
175
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG. 3 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES 50 40 30 20 10 0 1 2 4 10 20 40 100
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
FIG.6-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT MICROAMPERS 10 4 1.0 0.4 0.1 0.04 0.01 TJ = 25 0 20 40 60 80 100 120 TJ = 100C
140
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTGE,(%)
FIG.5 - TYPICAL JUNCTION CAPACITANCE 100 40 CAPACITANCE, (pF)
20 10 4 TJ = 25C f = 1.0 MHz
2 1 0.1 0.2 0.4 1 2 4 10 20 40 100 REVERSE VOLTAGE,VOLTS
~ 42 ~


▲Up To Search▲   

 
Price & Availability of EM513-EM518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X