Part Number Hot Search : 
W90100F AD7671 S108M0 PN3686 0K0015 2A101 04500 SC320
Product Description
Full Text Search
 

To Download ELM17407FA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15 -4.5V -3.0V -8V 10 -2.5V
6 5 4 -2.0V Vds=-5V 25C 125C 3 2 Vgs=-1.5V 1
-Id (A)
5
0 0 2 3 4 -Vds (Volts) Fig 1: On-Region Characteristics 1 5
-Id (A)
0 0 0.5 1 1.5 2 -Vgs(Volts) Figure 2: Transfer Characteristics 2.5
225 200
1.6
Vgs=-1.8V
Normalized On-Resistance
Id=-1A 1.4 Vgs=-1.8V
Vgs=-2.5V
Rds(on) (m:)
175 150 125 100 75 0 2 4 6 -Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 225 200 Id=-1A Vgs=-2.5V
Vgs=-4.5V 1.2
Vgs=-4.5V
1
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature 1E+01 1E+00 1E-01
125
Rds(on) (m:)
175
-Is (A)
25C 1E-02 1E-03
150 125 25C 100 75 1 2 3 4 5 6
125C
1E-04 1E-05 7 8 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage -Vsd (Volts) Figure 6: Body-Diode Characteristics
5 4 Vds=-10V Id=-1.0A
800
3
Capacitance (pF)
600
Ciss
-Vgs (Volts)
400
2 1 0 0 2 4 6 8 -Qg (nC) Figure 7: Gate-Charge Characteristics
200
Crss Coss
0 0 5 10 15 20 -Vds (Volts) Figure 8: Capacitance Characteristics
100.0 Tj(max)=150C Ta=25C 100Ps
12 10 Tj(max)=150C Ta=25C
-Id (Amps)
10Ps Rds(on) limited 1.0 1s 10s 0.1 0.1 1 -Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100 DC 0.1s 1ms 10ms
Power (W)
10.0
8 6 4 2 0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
1
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=360C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1 Single Pulse 0.01 0.00001
Pd Ton T
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM17407FA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X