Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download ELM17405GA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 -5V -4V 8 -10V -3.5V -3V
10 Vds=-5V 8 25C
-Id (A)
Vgs=-2.5V 4 -2V -1.5V 0 0 1 2 3 4 5 -Vds (Volts) Fig 1: On-Region Characteristics 250
-Id (A)
6
6 125C 4
2
2
0 0 0.5 1 1.5 2 2.5 3 3.5 4 -Vgs (Volts) Figure 2: Transfer Characteristics 1.6 Vgs=-2.5V
Normalized On-Resistance
Vgs=-10V 1.4 Vgs=-4.5V
200
Rds(on) (m:)
Vgs=-2.5V 1.2 Id=-2A 1
150
Vgs=-4.5V Vgs=-10V
100
50 0 1 2 3 4 5 -Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
300 250 Id=-1A
1.0E+01 1.0E+00 1.0E-01 125C 125C
Rds(on) (m:)
200 150 100 50 0 0 2 4 6 8 25C
-Is (A)
1.0E-02 1.0E-03 25C 1.0E-04 1.0E-05 1.0E-06
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage
-Vsd (Volts) Figure 6: Body-Diode Characteristics
600 5 4 Vds=-15V Id=-1A 500 Ciss
Capacitance (pF)
-Vgs (Volts)
400 300 200 Coss 100 Crss
3 2 1 0 0 1 2 3 4 5
0 0 5 10 15 20 25 30 -Vds (Volts) Figure 8: Capacitance Characteristics
-Qg (nC) Figure 7: Gate-Charge Characteristics
100.0
Tj(max)=150C Ta=25C Rds(on) limited 100Ps 10ms 0.1s 1s 10s DC 1ms
20
Tj(max)=150C Ta=25C 10Ps
Power (W)
15
10.0
-Id (Amps)
1.0
10
0.1
5
0.0 0.1 1 -Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
0 0.001 0.01 0.1 1 10 100 1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-to-Ambient (Note E)
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=200C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
Pd Ton T Single Pulse
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM17405GA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X