Part Number Hot Search : 
HCPL2300 AD8145 1N3017B MCR0111 2045CT 7C135 MAZ8180G PT380F
Product Description
Full Text Search
 

To Download ELM17403FA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6 -8V -6V -4.5V -4V 4 -3.5V -3V 2 -2.5V Vgs=-2.0V
4 25C Vds=-5V 3 125C
-Id (A)
-Id (A)
4 5
2
1
0 0 1 2 3 -Vds (Volts) Fig 1: On-Region Characteristics 1000
0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 -Vgs (Volts) Figure 2: Transfer Characteristics 1.6 Vgs=-1.8V
Normalized On-Resistance
900
Id=-0.5A 1.4 Vgs=-2.5V Id=-0.6A 1.2 Vgs=-4.5V Id=-0.7A 1
Rds(on) (m:)
800 700 600 500 400 300 0 1
Vgs=-1.8V
Vgs=-2.5V
Vgs=-4.5V 2 3 4
0.8 0 25 50 75 100 125 150 175 -Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
900 Id=-0.7A 800
1.0E+00 1.0E-01 125C 1.0E-02
Rds(on) (m:)
700
-Is (A)
25C 1.0E-03 1.0E-04
600 125C 500 25C 400 300 0 2 4 6 8 -Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage
1.0E-05 1.0E-06 0.0 0.4 0.8 1.2 -Vsd (Volts) Figure 6: Body-Diode Characteristics
5 Vds=-10V Id=-0.7A 4
200
3
Capacitance (pF)
150
Ciss
-Vgs (Volts)
100 Coss 50 Crss
2
1
0 0.0 0.5 1.0 1.5 2.0 -Qg (nC) Figure 7: Gate-Charge Characteristics
0 0 5 10 15 20 -Vds (Volts) Figure 8: Capacitance Characteristics
100.00 Tj(max)=150C Ta=25C 10.00
14 12 100Ps 1ms 0.1 10ms 10Ps 10 Tj(max)=150C Ta=25C
-Id (Amps)
Power (W)
Rds(on) limited 1.00
8 6 4
0.10
1s 10s DC
2 0 0.001
0.01 0.1 1 -Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=360C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
Pd P 0.1 Ton T T Single Pulse 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM17403FA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X