Part Number Hot Search : 
TLP1023 CX8045JA SP1648 750L05 IZ2405SA DO331 10K4A1 TLP1023
Product Description
Full Text Search
 

To Download ELM13422CA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 10V 8 5V 3.5V
8
6
Vds=5V
Id (A)
2.5V 4 Vgs=2V
Id(A)
6
4 125C 2 25C
2
0 0 1 2 3 4 5 Vds (Volts) Fig 1: On-Region characteristics 200
0 1 1.25 1.5 1.75 2 2.25 2.5 Vgs(Volts) Figure 2: Transfer Characteristics 2
Normalized On-Resistance
180
1.8 1.6 1.4 1.2 1 0.8 Vgs=2.5V Vgs=4.5
Rds(on) (m:)
Vgs=2.5V 160 140 120 Vgs=4.5V 100 0 1 2 3 4 5 Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
0
25
50
75
100
125
150
175
Temperature (C) Figure 4: On-Resistance vs. Junction Temperature 1E+01
360 310 125C 260 210 160 110 60 10 0 2 4 6 8 10 Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 25C Id=2.3A
1E+00 125C 1E-01
Rds(on) (m:)
Is (A)
1E-02 1E-03 1E-04 1E-05 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Vsd (Volts) Figure 6: Body-Diode Characteristics 25C
5 4 Vds=27.5V Id=2.1A
400 360 320 Ciss
Capacitance (pF)
280 240 200 160 120 80 40 0 Coss Crss
Vgs (Volts)
3 2 1 0 0 1 2 3 Qg (nC) Figure 7: Gate-Charge Characteristics
0
5
10
15
20
25
30
Vds (Volts) Figure 8: Capacitance Characteristics
100.0 Rds(on) limited Tj(max)=150C Ta=25C
15 Tj(max)=150C Ta=25C
100Ps 0.1s 1.0 1s 10s DC 0.1 0.1 1 Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100 10ms
1ms
Power (W)
Id (Amps)
10.0
10
5
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=TA+Pdm.ZTja.RTja RTja=100C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
Pd Ton T Single Pulse
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM13422CA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X