Part Number Hot Search : 
9251US 1700FP 2SK35 08100 BZX84C27 WMS7120 NTXV2N6 SE2600S
Product Description
Full Text Search
 

To Download ELM13413CA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15 -4.5V -3.0V -8V 10 -2.5V
6 Vds=-5V
4 -2.0V
-Id (A)
-Id (A)
2
5 Vgs=-1.5V
125C
25C 0 0 1 2 3 4 -Vds (Volts) Fig 1: On-Region Characteristics 5 0 0 0.5 1 1.5 -Vgs (Volts) Figure 2: Transfer Characteristics 2
200 Vgs=-1.8V
1.8 Vgs=-2.5V
Normalized On-Resistance
1.6 Vgs=-1.8V Vgs=-4.5V
Rds(on) (m:)
150 Vgs=-2.5V 100 Vgs=-4.5V
1.4
1.2
1
50 0 2 4 6 0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature 1E+01 1E+00 Id=-4A -Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage 200
Rds(on) (m:)
150
1E-01
125C 25C
125C 100 25C
-Is (A)
8
1E-02 1E-03 1E-04 1E-05
50 0 2 4 6 1E-06 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -Vsd (Volts) Figure 6: Body-Diode Characteristics -Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage
5 Vds=-10V Id=-3A
800
4
3
Capacitance (pF)
600
Ciss
-Vgs (Volts)
400
2
1
200
Crss Coss
0 0 2 4 6 8 -Qg (nC) Figure 7: Gate-Charge Characteristics
0 0 5 10 15 20 -Vds (Volts) Figure 8: Capacitance Characteristics
100.0 Tj(max)=150C Ta=25C 100Ps 10Ps
20 Tj(max)=150C Ta=25C 15
-Id (Amps)
Rds(on) limited 1.0 1s 10s
1ms 0.1s 10ms
Power (W)
10.0
10
5 DC
0.1 0.1 1 -Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
1
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Pd 0.1 Ton Single Pulse 0.01 0.00001 T
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM13413CA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X