Part Number Hot Search : 
TIP145 00145 T1800C 09ADL MJ3042 T1800C YSS241F TRISGPA
Product Description
Full Text Search
 

To Download ELM13410CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25 10V 20 4.5V 2.5V 3V
20
16
Vds=5V
Id (A)
Id(A)
15
12
10 Vgs=2V
8 125C 4 25C
5
0 0 1 2 3 4 5 Vds (Volts) Fig 1: On-Region Characteristics 60 50
0 0 0.5 1 1.5 2 2.5 3 Vgs(Volts) Figure 2: Transfer Characteristics 1.8
Normalized On-Resistance
1.6 Vgs=4.5V 1.4 Vgs=10V
Rds(on) (m:)
40 30 20 10 0 5
Vgs=2.5V
Vgs=4.5V
1.2
Vgs=2.5V
Vgs=10V
1
10
15
20
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
70 60 Id=5A
1.0E+01 1.0E+00 1.0E-01 125C
Rds(on) (m:)
50 40 30
Is (A)
125C
1.0E-02 1.0E-03 25C 1.0E-04
20 10 0 2 4
25C 1.0E-05 1.0E-06 6 8 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage Vsd (Volts) Figure 6: Body-Diode Characteristics
5 Vds=15V Id=5A 4
1400 1200
Capacitance (pF)
1000 Ciss 800 600 400 Coss 200 Crss
Vgs (Volts)
3
2 1
0 0 2 4 6 8 10 12 Qg (nC) Figure 7: Gate-Charge Characteristics
0 0 5 10 15 20 25 30 Vds (Volts) Figure 8: Capacitance Characteristics
100.0 Tj(max)=150C Ta=25C Rds(on) 10.0 limited 100Ps 1ms 0.1s 1.0 1s 10s DC 0.1 0.1 1 Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100 10ms
40 Tj(max)=150C Ta=25C 30
Power (W)
Id (Amps)
20
10
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
Pd Ton T Single Pulse
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM13410CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X