Part Number Hot Search : 
2SB1190 AD7814 PF0603S1 BUL52BFI GBLC08CI IR2104S UF4001 BZT52B15
Product Description
Full Text Search
 

To Download ELM13405CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 20 -10V 15 -4.5V
10 Vds=-5V 8
-Id (A)
10 -4V 5 -3.5V
-Id (A)
6
4 125C 2 25C 0
Vgs=-3V 0 0 1 2 3 4 5 -Vds (Volts) Fig 1: On-Region Characteristics 200 1.6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-Vgs (Volts) Figure 2: Transfer Characteristics
Normalized On-Resistance
180 160
Vgs=-10V 1.4 Vgs=-4.5V 1.2 Id=-2A 1
Rds(on) (m:)
140 120 100 80 60 40 0 1 2 3
Vgs=-4.5V
Vgs=-10V
0.8 4 5 6 0 25 50 75 100 125 150 175 -Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
400 350 300 Id=-2A
1.0E+01 1.0E+00 125C 1.0E-01
Rds(on) (m:)
-Is (A)
250 200 150 100 50 0 2 4 6 8 10 -Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 125C
1.0E-02 1.0E-03 25C 1.0E-04
25C 1.0E-05 1.0E-06 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -Vsd (Volts) Figure 6: Body-Diode Characteristics
5 Vds=-15V Id=-2.5A
800
4
Capacitance (pF)
600 Ciss 400
-Vgs (Volts)
3
2
1
200
Coss
Crss
0 0 1 2 3 4 5 -Qg (nC) Figure 7: Gate-Charge Characteristics
0 0 5 10 15 20 25 30 -Vds (Volts) Figure 8: Capacitance Characteristics
100.0
Tj(max)=150C Ta=25C 10Ps Rds(on) limited
40 Tj(max)=150C Ta=25C 30 100Ps 1ms 0.1s 10ms
-Id (Amps)
Power (W)
10.0
20
1.0 1s 10s DC 0.1 0.1 1 -Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
10
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
Pd Ton T Single Pulse
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM13405CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X