Part Number Hot Search : 
2SJ220L SM8145 TH7852CD SMCJ1 WP710 MAX5622 VRDM3913 MAFR2D
Product Description
Full Text Search
 

To Download ELM13404CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30 10V 25 20 6V 5V 4.5V
20 16 12 8 4 0 0 1 2 3 4 5 0 0.5 1 1.5 2 2.5 Vds (Volts) Fig 1: On-Region Characteristics 125C 25C 3 3.5 4 4.5 Vds=5V
4V
Id (A)
15 3.5V 10 5 0 Vgs=3V
Id (A)
Vgs (Volts) Figure 2: Transfer Characteristics
60 50
1.6
Normalized On-Resistance
1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0
Id=5A
Vgs=10V
Rds(on) (m:)
40 30 20
Vgs=4.5V
Vgs=4.5V
Vgs=10V 10 0 5 10 15 20 Id (Amps) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
50
100
150
200
Temperature ( C) Figure 4: On-Resistance vs. Junction Temperature
70 60
1.0E+01
Id=5A
Is Amps
1.0E+00 1.0E-01 1.0E-02 1.0E-03 25C 125C
Rds(on) (m:)
50 40 30 20 10 2 4 6 8 10 Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 25C 125C
1.0E-04 1.0E-05 0.0 0.2 0.4 0.6 0.8 1.0 Vsd (Volts) Figure 6: Body diode characteristics
10 8
1000 Vds=15V Id=5.8A 900 800 f=1MHz Vgs=0V
Capacitance (pF)
700 600 500 400 300 200 100 0 Crss 0 5 10 15 20 25 30 Coss Ciss
Vgs (Volts)
6 4 2 0 0 2 4 6 8 10 12 14 Qg (nC) Figure 7: Gate-Charge characteristics
Vds (Volts) Figure 8: Capacitance Characteristics
100 Rds(on) limited
Tj(max)=150C Ta=25C 1ms 10ms 0.1s 100Ps 10Ps
40 Tj(max)=150C Ta=25C 30
Id (Amps)
10
Power W
DC
20
1
1s 10s
10
0.1 0.1 1 Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W 1
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1
Pd Ton Single Pulse T
0.01 0.00001
0.0001
0.1 1 10 Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance
0.001
0.01
100
1000


▲Up To Search▲   

 
Price & Availability of ELM13404CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X