|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
25 10V 20 4.5V 15 2.5V 3V 20 16 Vds=5V 12 Id (A) 10 Vgs=2V 5 Id(A) 8 125C 4 25C 0 0 2 3 4 Vds(Volts) Fig 1: On-Region Characteristics 1 5 0 0 0.5 1.5 2 2.5 Vgs(Volts) Figure 2: Transfer Characteristics 1 3 60 50 1.8 Normalized On-Resistance 1.6 Vgs=4.5V 1.4 1.2 1 0.8 Vgs=10V Vgs=2.5V Rds(on) (m:) 40 30 20 10 0 5 Vgs=2.5V Vgs=4.5V Vgs=10V 10 15 20 0 25 50 75 100 125 150 175 Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage Temperature (C) Figure 4: On-Resistance vs. Junction Temperature 70 60 Id=5A 50 40 30 25C 20 10 0 2 4 6 8 10 Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 1.0E+01 1.0E+00 1.0E-01 125C Rds(on) (m:) Is (A) 125C 1.0E-02 1.0E-03 25C 1.0E-04 1.0E-05 1.0E-06 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Vsd (Volts) Figure 6: Body-Diode Characteristics 5 4 Vds=15V Id=5A 1400 1200 Capacitance (pF) 1000 800 600 400 Coss 200 Crss Vgs (Volts) Ciss 3 2 1 0 0 2 4 6 8 10 12 Qg (nC) Figure 7: Gate-Charge Characteristics 0 0 5 10 15 20 25 30 Vds (Volts) Figure 8: Capacitance Characteristics 100.0 Tj(max)=150C Ta=25C Rds(on) 10.0 limited 100Ps 1ms 0.1s 1.0 1s 10s DC 0.1 0.1 1 Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100 10ms 40 Tj(max)=150C Ta=25C 30 Id (Amps) Power (W) 20 10 0 0.001 0.01 0.1 1 10 100 1000 Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E) 10 ZTja Normalized Transient Thermal Resistance D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 1 0.1 Pd Ton Single Pulse T 0.01 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance |
Price & Availability of ELM13400CA-S |