Part Number Hot Search : 
FN3557 D74LVC1 G4BC20KD 58004 1980428 VQ36140 BZ5239 MAX63
Product Description
Full Text Search
 

To Download EIC3439-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC3439-4
ISSUED DATED: 11/12/2007
3.40-3.90GHz 4-Watt Internally Matched Power FET
FEATURES
* * * * * * * 3.40-3.90GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +36.5 dBm Output Power at 1dB Compression 12.0 dB Power Gain at 1dB Compression 35% Power Added Efficiency -46 dBc IM3 at PO = 25.5 dBm SCL 100% Tested for DC, RF, and RTH
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 3.40-3.90GHz VDS = 10 V, IDSQ 1100mA Gain at 1dB Compression f = 3.40-3.90GHz VDS = 10 V, IDSQ 1100mA Gain Flatness f = 3.40-3.90GHz VDS = 10 V, IDSQ 1100mA Power Added Efficiency at 1dB Compression f = 3.40-3.90GHz VDS = 10 V, IDSQ 1100mA Drain Current at 1dB Compression f = 3.40-3.90GHz Output 3rd Order Intermodulation Distortion 2 f = 10 MHz 2-Tone Test; Pout = 25.5 dBm S.C.L VDS = 10 V, IDSQ 65% IDSS f = 3.90GHz Saturated Drain Current VDS = 3 V, VGS = 0 V Pinch-off Voltage Thermal Resistance
3
Caution! ESD sensitive device. MIN
35.5 11.0
TYP
36.5 12.0
MAX
UNITS
dBm dB
0.6 35 1200 -43 -46 2000 -2.5 5.5 2500 -4.0 6.0
o
dB %
1500
mA dBc mA V C/W
VDS = 3 V, IDS = 20 mA
Note: 1. Tested with 100 Ohm gate resistor. 2. S.C.L. = Single Carrier Level. 3. Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING FOR EFE
SYMBOLS PARAMETERS Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reverse Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 15V -5V 48.0 mA -9.6 mA 35.5dBm
o 175 C o -65 to +175 C
CONTINUOUS2 10V -4V 14.4 mA -2.4 mA @ 3dB Compression 175 oC -65 to +175 oC 25W
VDS VGS Igsf Igsr Pin Tch Tstg Pt
25W
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals. Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 2 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised November 2007
EIC3439-4
ISSUED DATED: 11/12/2007
3.40-3.90GHz 4-Watt Internally Matched Power FET
PACKAGES OUTLINE
Dimensions in inches, Tolerance + .005 unless otherwise specified
EIC3439-4 (Hermetic) EIC3439-4NH (Non-Hermetic)
Excelics
EIC3439-4 .827.010 .669
.120 MIN
.024 .421
Excelics
EIC3439-4NH
YYWW
SN
.120 MIN
YYWW
SN
.125 .508.008 .442 .168.010
ALL DIMENSIONS IN INCHES
.004 .063 .004 .105.008
ALL DIMENSIONS IN INCHES
Caution! ESD sensitive device.
Caution! ESD sensitive device.
ORDERING INFORMATION
Part Number EIC3439-4 EIC3439-4NH
Notes:
Packages Hermetic Non-Hermetic
Grade1 Industrial Industrial
fTest (GHz) 3.40-3.90GHz 3.40-3.90GHz
P1dB (min) 35.5 35.5
IM3 (min)2 -43 -43
1. Contact factory for military and hi-rel grades. 2. Exact test conditions are specified in "Electrical Characteristics" table.
DISCLAIMER EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR, INC. AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 2 of 2 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised November 2007


▲Up To Search▲   

 
Price & Availability of EIC3439-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X