Part Number Hot Search : 
SK8050 MAX038 21210 2N167A SK8GD126 SG6520 3223C D7677
Product Description
Full Text Search
 

To Download DMN3050S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NOT RECOMMENDED FOR NEW DESIGN, USE DMN3404L
DMN3050S
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
* Low On-Resistance: 35m @ VGS = 10V 50m @ VGS = 4.5V Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Lead Free By Design/RoHS Compliant (Note 2) "Green" Device (Note 3) Qualified to AEC-Q 101 Standards for High Reliability
SOT-23
Mechanical Data
* * * * * * * * Case: SOT-23 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish - Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.008 grams (approximate)
Drain
* * * * * * *
D
Gate
Source
G
TOP VIEW
S
TOP VIEW
Equivalent Circuit
Maximum Ratings
Drain Source Voltage Gate-Source Voltage Drain Current (Note 1)
@TA = 25C unless otherwise specified Symbol VDSS VGSS TA = 25C TA = 70C Pulsed ID IDM IS Value 30 20 5.2 4.2 20 2.0 Unit V V A A A
Characteristic
Drain Current (Note 1) Body-Diode Continuous Current (Note 1)
Thermal Characteristics
Characteristic Total Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient @TA = 25C (Note 1) Operating and Storage Temperature Range Symbol PD RJA TJ, TSTG Value 1.4 90 -55 to +150 Unit W C/W C
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 4) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 4) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Source-Drain Diode Forward Voltage DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance
Notes: 1. 2. 3. 4.
@TA = 25C unless otherwise specified Symbol BVDSS IDSS IGSS VGS(th) RDS (ON) gfs VSD Ciss Coss Crss Min 30 1 Typ 1.5 27 40 6.5 0.7 390 55 45 Max 1 100 3 35 50 1 Unit V A nA V m S V pF pF pF Test Condition VGS = 0V, ID = 250A VDS = 30V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250A VGS = 10V, ID = 5.2A VGS = 4.5V, ID = 4.2A VDS = 5V, ID = 5.2A VGS = 0V, IS = 1.0A
VDS = 15V, VGS = 0V f = 1.0MHz
Device mounted on FR-4 PCB. t 5 sec. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Short duration pulse test used to minimize self-heating effect.
DMN3050S
Document number: DS31503 Rev. 4 - 3
1 of 5 www.diodes.com
June 2009
(c) Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN, USE DMN3404L
20 20 18 16 ID, DRAIN CURRENT (A)
VGS = 10V VGS = 4.5V VDS = 5V
DMN3050S
16 ID, DRAIN CURRENT (A) 14 12 10 8 6 4 2
TA = 150C TA = 125C TA = 85C T A = 25C TA = -55C
12
8
VGS = 2.0V VGS = 1.5V
4
VGS = 3.0V
0 0 0.5
VGS = 2.5V
0 5 1
1 1.5 2 2.5 3 3.5 4 4.5 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Typical Output Characteristics
1.5 2 2.5 3 3.5 4 VGS, GATE SOURCE VOLTAGE (V) Fig. 2 Typical Transfer Characteristics
4.5
RDS(ON), DRAIN-SOURCE ON-RESISTANCE ()
0.05
RDS(ON), DRAIN-SOURCE ON-RESISTANCE ()
0.06
0.07
0.06
TA = 150C TA = 125C
0.04
VGS = 4.5V
0.05
TA = 85C
0.03
VGS = 10V
0.04
0.02
T A = 25C
0.01
0.03
TA = -55C
0 0 2 6 8 10 12 14 16 18 20 ID, DRAIN CURRENT (A) Fig. 3 Typical On-Resistance vs. Drain Current and Gate Voltage 4
0.02 0 4 6 8 10 12 ID, DRAIN CURRENT (A) Fig. 4 Typical Drain-Source On-Resistance vs. Drain Current and Temperature 2
1.8
1,000
f = 1MHz VGS = 0V
RDS(ON), DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
1.6
Ciss
VGS = 4.5V ID = 5A
1.4
1.2
VGS = 10V ID = 10A
C, CAPACITANCE (pF)
100
Coss
1.0
Crss
0.8 0.6 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Fig. 5 On-Resistance Variation with Temperature
10 0 5 10 15 20 25 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 6 Typical Capacitance 30
DMN3050S
Document number: DS31503 Rev. 4 - 3
2 of 5 www.diodes.com
June 2009
(c) Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN, USE DMN3404L
2.0 VGS(TH), GATE THRESHOLD VOLTAGE (V) 1.8
DMN3050S
20 18 16 IS, SOURCE CURRENT (A) 14 12 10 8 6 4 2
TA = 150C T A = 125C TA = 85C TA = 25C TA = -55C
1.6
ID = 1mA
1.4
ID = 250A
1.2
1.0
-25 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 7 Gate Threshold Variation vs. Ambient Temperature
1 r(t), TRANSIENT THERMAL RESISTANCE
D = 0.7 D = 0.5 D = 0.3
0.8 -50
0 0 0.2 0.4 0.6 0.8 1 VSD, SOURCE-DRAIN VOLTAGE (V) Fig. 8 Diode Forward Voltage vs. Current 1.2
0.1
D = 0.1 D = 0.05
D = 0.9
D = 0.02
0.01
RJA(t) = r(t) * RJA RJA = 176C/W P(pk) D = 0.005
D = 0.01 t1
D = Single Pulse
0.001 0.00001
t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1/t2
0.0001
0.001
0.01 0.1 1 10 t1, PULSE DURATION TIME (s) Fig. 9 Transient Thermal Response
100
1,000
10,000
Ordering Information
Part Number DMN3050S-7
Notes:
(Note 5) Case SOT-23 Packaging 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
3N2 = Product Type Marking Code YM = Date Code Marking Y = Year (ex: V = 2008) M = Month (ex: 9 = September)
3N2
Date Code Key Year Code Month Code
2008 V Jan 1 Feb 2
2009 W Mar 3
2010 X Apr 4 May 5
YM
2011 Y Jun 6
2012 Z Jul 7 Aug 8
2013 A Sep 9
2014 B Oct O Nov N
2015 C Dec D
DMN3050S
Document number: DS31503 Rev. 4 - 3
3 of 5 www.diodes.com
June 2009
(c) Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN, USE DMN3404L
DMN3050S
Package Outline Dimensions
A
BC
H K D J F G L M
K1
SOT-23 Dim Min Max Typ A 0.37 0.51 0.40 B 1.20 1.40 1.30 C 2.30 2.50 2.40 D 0.89 1.03 0.915 F 0.45 0.60 0.535 G 1.78 2.05 1.83 H 2.80 3.00 2.90 J 0.013 0.10 0.05 K 0.903 1.10 1.00 K1 0.400 L 0.45 0.61 0.55 M 0.085 0.18 0.11 0 8 All Dimensions in mm
Suggested Pad Layout
Y Z
C
Dimensions Value (in mm) Z 2.9 X 0.8 Y 0.9 C 2.0 E 1.35
X
E
DMN3050S
Document number: DS31503 Rev. 4 - 3
4 of 5 www.diodes.com
June 2009
(c) Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN, USE DMN3404L
DMN3050S
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2009, Diodes Incorporated www.diodes.com
DMN3050S
Document number: DS31503 Rev. 4 - 3
5 of 5 www.diodes.com
June 2009
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DMN3050S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X