Part Number Hot Search : 
TSOP4 N5233 FSMD07 W91031S 74AC00 MSMT3SEG KBL6011 10024
Product Description
Full Text Search
 

To Download DF2005-DF210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF2005 thru DF210
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic .031(0.8) .023(0.6) .256(6.5) .244(6.2)
.
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 2.0 Amperes DF
.335(8.5) .307(7.8)
technique results in inexpensive product
The plastic material has UL flammability
classification 94V-0
.323(8.2) .315(8.0) .102(2.6) .089(2.2)
.350(8.9) .311(7.9)
MECHANICAL DATA
Polarit:As marked on Body Weight:0.02 ounces,0.38 grams Mounting position:Any
.079(2.0) .059(1.5)
.022(0.55) .018(0.45) .205(5.2) .197(5.0)
.193(4.9) .165(4.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC .Method) Maximum Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction capacitance Per Element(Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=125 @TA=40
SYMBOL VRRM VRMS VDC I(AV)
DF 2005 50 35 50
DF 201 100 70 100
DF 202 200 140 200
DF 204 400 280 400 2.0
DF 206 600 420 600
DF 208 800 560 800
DF 210 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJA TJ TSTG
60 1.1 10 500 10.4 25 40 -55 to +150 -55 to +150
A V A A2s pF /W
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance from junction to ambient mounted on P.C.B with 0.5*0.5"(13*13mm) copper pads.
~ 390 ~
RATING AND CHARACTERISTIC CURVES DF2005 thru DF210
FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT 60 PEAK FORWARD SURGE CURRENT, AMPERES 50 40 30 20 10 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS 10 INSTANTANEOUS FORWARD CURRENT,(A)
SINGLE SINE-WAVE JEDEC METHOD
BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERAGE AMPERES
2.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0 50 100 150 AMBIENT TEMPERATURE ,C FIG.3-TYPICAL JUNCTION CAPACITANCE 100
CAPACITANCE(pF)
1.0
10
0.1
TJ=25C,f=1MHZ 1.0 0.1 1.0 4.0 10.0 100 REVERSE VOLTAGE,(VOLTS)
TJ=25C PULSE WIDTH:300us 2% DUTY CYCLE
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT,(A)
TJ=125C
10
1.0
TJ=25C
0.1
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 391 ~


▲Up To Search▲   

 
Price & Availability of DF2005-DF210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X