Part Number Hot Search : 
JPU644 LT44301 30K5A1B SDV708D RX8000 2272C 69IFO 81CNQ
Product Description
Full Text Search
 

To Download DF15005S-DF1510S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF15005S thru DF1510S
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic .031(0.8) .023(0.6) .256(6.5) .244(6.2) .406(10.3) .391(10.0) .140(0.35) .008(0.2) .323(8.2) .315(8.0) .102(2.6) .089(2.2) .205(5.2) .197(5.0)
.
REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 1.5 Amperes DFS
.047(1.2) .037(0.95) .335(8.5) .307(7.8)
technique results in inexpensive product
Lead tin Pb/Sn copper The plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Polarit:As marked on Body Weight:0.02 ounces,0.38 grams Mounting position:Any .063(1.6) .055(1.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load,derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 1.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing(t<8.3ms) Typical Junction Capacitance Per Element(Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=125 @TA=40
SYMBOL VRRM VRMS VDC I(AV)
DF 15005S 50 35 50
DF 1501S 100 70 100
DF 1502S 200 140 200
DF 1504S 400 280 400 1.5
DF 1506S 600 420 600
DF 1508S 800 560 800
DF 1510S 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
50 1.1 10 500 10.4 25 40 -55 to +150 -55 to +150
A V A A2s pF /W
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance from junction to ambient mounted on P.C.B with 0.5*0.5"(13*13mm)copper pads.
~ 229 ~
RATING AND CHARACTERISTIC CURVES DF15005S thru DF1510S
FIG.1-FORWARD CURRENT DERATING CURVE 1.50 PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD CURRENT AMPERES 1.25 1.00 0.75 0.50 0.25 0.00 50 40 30 20 10 0 1 2
FIG.2-MXIMUM NON-REPETITIVE SURGE CURRENT
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
SINGE HALF-SINE-WAVE (JEDEC METHOD)
50
100
150
5
10
20
50
100
AMBIENT TEMPERATURE, C FIG.3-TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT,(A) 10
NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE(pF)
1.0
10
0.1
TJ=25C,f=1MHZ
TJ=25C PULSE WIDTH:300us 2% DUTY CYCLE
1.0 0.1 1.0 4.0 10.0 100 REVERSE VOLTAGE,(VOLTS)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT,(A)
TJ=125C
10
1.0
TJ=25C
0.1
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 230 ~


▲Up To Search▲   

 
Price & Availability of DF15005S-DF1510S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X