Part Number Hot Search : 
3EZ24 00118 SMC27 AE425PJB 21D05 95N03 MC78LC TLP2403
Product Description
Full Text Search
 

To Download CR0805F1000FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Resistor
CR Series
* 0 ohm available * Shorting links available * 1.0 ohms to 100M ohms * Tolerance down to 0.25% * Solder terminations have a nickel barrier layer * Any resistance value available within specified range
Thick Film Conductor Nickel Organic Protection Tin/lead Solder Wrap-around terminations for soldering
Electrical Data
IRC Type Power Rating at 70C (watts) 0.1 Resistance Range (ohms) 5% Tol. 1-100M 2% Tol. 1-50M 1% Tol. 1-20M 0.5% Tol. 1-10M 0.25% Tol. 100-1M Limiting Element Voltage (volts) TCR -55C to +125C (ppm/C) <10 350; CR0805 100 10 to 100 200; 100 to CR1206 0.25 1-100M 1-50M 1-20M 1-10M 100-1M 200 1M 100: >1M 250
* For 10 devices mounted on 50x25mm p.c.b. area ** Zerohm is available
Values
Thermal Impedance** (C/watt)
Operating Temp. Range (C)
E24 & E96 preferred
(any value to order)
360 -55 to 125 200
Contruction: Thick film resistor material, overglaze and organic protection are screen printed on a 96% alumina substrate. Terminations: Wrap-around terminations on CR resistors have good `leach' resistance properties. They will withstand immersion in solder at 260C for 30 seconds. Marking: All relevant information is recorded on the primary package or reel.
Thickness: The thickness of these devices depend on the size of the chip. The table below shows the standard substrate thickness used (mm). STYLE 0805 1206 Planar 0.4 0.5 Wrap-around 0.4 0.5 F = Wrap-around; G = Planar Gold.
Electrical Data
Requirements Load at rated power: 1000 hours at 70C Shelf life: 12 months at room temperature Derating from rated power at 70C Long term damp heat Temperature rapid change Resistance to solder heat Voltage proof R% R% R% volts R% R% zero at 125C 2 1 2.5 1 0.25 0.25 500 0.25 2 (5 above 3M3) Actual Maximum 1 Typical 0.25 0.1
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc CR Series Issue March 2009 Sheet 1 of 3
Surface Mount Resistor
Physical Data
Planar Terminations
C C
Wrap Around Terminations (3 Faces)
T A
Res ist On T or op Face
Res ist On T or op Face
T
B L
L
W
A W
Dimensions (Inches and (mm)) Style 0805 1206 L .079 .012 (2.0 0.3) .126 .016 (3.2 0.4) W .049 .008 (1.25 0.2) .063 .008 (1.6 0.2) T .027 (.07) .027 (.07) Wrap-around A .012 .006 (0.3 0.15) .016 .008 (0.4 0.2) B* .035 (0.9min) .067 (1.7min) Planar C .012 .004 (0.3 0.1) .016 .006 (0.4 0.15) Weight (g) 0.009 0.020
* This dimension determines the number of conductors which may pass under the surface mounted device.
APPLICATION NOTES: Mounting This chip resistor is ideally suited for handling by automatic methods due to its rectangular shape and the small dimensional tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow soldering of wrap-around terminations (e.g. suffix `F' in CR0805F). The `F' terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the resistor chip can be immersed completely in the solder bath for 30 seconds at 260C. This enables the resistor to be mounted on one side of a printed circuit board and other wire-leaded components on the other side.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
CR Series Issue March 2009 Sheet 2 of 3
Surface Mount Resistor
Ordering Data
Specify type, reference, etc. as indicated in this example of a CR0805F 8.2M ohms 5% resistor with wrap-around terminations and packed in a plastic bag.
Sample Part No. IRC Type
CR
CR
0805
F
1005
J
T
Style
0805, 1206
Termination
F = Wrap Around, P = Planar
Resistance Value (EIA 4-digit code)
(100 - First 3 significant digits plus 4th digit multiplier) Example: 100 = 1000; 1000 = 1001, 150,000 = 1503 (>100 - "R" is used to designate decimal) Example: 51 = 51R0; 1 = 1R00; 0.25 = R250
Tolerance
F = 1.0%; G = 2.0%; J = 5.0%
*Packaging
T = Tape Pack (8mm tape) *The preferred methods of packaging are: Gold terminated chips are packed in waffle boxes, chips with wrap-around terminations are supplied tape & reel on .8mm tape.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
CR Series Issue March 2009 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of CR0805F1000FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X